Part Number Hot Search : 
ASJ14B 1N757 ACR300SG 1N757 37F0FZT CRS05 BZX84C 74HCT3
Product Description
Full Text Search
 

To Download C0603C101J1GAC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1003_c0g ? 9/23/2013 1 benefts ? -55c to +125c operating temperature range ? rohs compliant ? eia 0201, 0402, 0603, 0805, 1206, 1210, 1808, 1812, 1825, 2220, and 2225 case sizes ? dc voltage ratings of 10 v, 16 v, 25 v, 50 v, 100 v, and 200 v ? capacitance offerings ranging from 0.5 pf up to 0.47 f ? available capacitance tolerances of 0.10 pf, 0.25 pf, 0.5 pf, 1%, 2%, 5%, 10%, and 20% ? no piezoelectric noise ? extremely low esr and esl ? high thermal stability ? high ripple current capability ? preferred capacitance solution at line frequencies and into the mhz range ? no capacitance change with respect to applied rated dc voltage ? negligible capacitance change with respect to temperature from -55c to +125c ? no capacitance decay with time ? non-polar device, minimizing installation concerns ? 100% pure matte tin-plated termination fnish allowing for excellent solderability ? snpb plated termination fnish option available upon request (5% minimum) overview kemets c0g dielectric features a 125c maximum operating temperature and is considered stable. the electronics components, assemblies & materials association (eia) characterizes c0g dielectric as a class i material. components of this classifcation are temperature compensating and are suited for resonant circuit applications or those where q and stability of capacitance characteristics are required. c0g exhibits no change in capacitance with respect to time and voltage and boasts a negligible change in capacitance with reference to ambient temperature. capacitance change is limited to 30 ppm/oc from -55c to +125c. surface mount multilayer ceramic chip capacitors (smd mlccs) c0g dielectric, 10 C 200 vdc (commercial grade) ordering information c 1206 c 104 j 3 g a c tu ceramic case size (l" x w") specifcation/ series 1 capacitance code (pf) capacitance tolerance 2 voltage dielectric failure rate/ design termination finish 3 packaging/grade (c-spec) 4 0201 0402 0603 0805 1206 1210 1808 1812 1825 2220 2225 c = standard 2 signifcant digits + number of zeros. use 9 for 1.0 C 9.9 pf use 8 for 0.5 C .99 pf e.g., 2.2 pf = 229 e.g., 0.5 pf = 508 b = 0.10 pf c = 0.25 pf d = 0.5 pf f = 1% g = 2% j = 5% k = 10% m = 20% 8 = 10 v 4 = 16 v 3 = 25 v 5 = 50 v 1 = 100 v 2 = 200 v g = c0g a = n/a c = 100% matte sn blank = bulk tu = 7" reel unmarked 1 flexible termination option is available. please see ft-cap product bulletin c1062_c0g_ft-cap_smd 2 additional capacitance tolerance offerings may be available. contact kemet for details. 3 additional termination fnish options may be available. contact kemet for details. 4 additional reeling or packaging options may be available. contact kemet for details. one world. one kemet
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1003_c0g ? 9/23/2013 2 dimensions C millimeters (inches) ceramic surface mount w l t b s 100% tin or snpb plate nickel plate conductive metalization electrodes eia size code metric code length w width t thickness b bandwidth s suwl 0llx 0xwlj ltx 0201 0603 0.60 (.024) 0.03 (.001) 0.30 (.012) 0.03 (.001) see table 2 for thickness 0.15 (.006) 0.05 (.002) n/a solder refow only 0402 1005 1.00 (.040) 0.05 (.002) 0.50 (.020) 0.05 (.002) 0.30 (.012) 0.10 (.004) 0.30 (.012) 0603 1608 1.60 (.063) 0.15 (.006) 0.80 (.032) 0.15 (.006) 0.35 (.014) 0.15 (.006) 0.70 (.028) solder wave or solder refow 0805 2012 2.00 (.079) 0.20 (.008) 1.25 (.049) 0.20 (.008) 0.50 (0.02) 0.25 (.010) 0.75 (.030) 1206 3216 3.20 (.126) 0.20 (.008) 1.60 (.063) 0.20 (.008) 0.50 (0.02) 0.25 (.010) n/a 1210 3225 3.20 (.126) 0.20 (.008) 2.50 (.098) 0.20 (.008) 0.50 (0.02) 0.25 (.010) solder refow only 1808 4520 4.70 (.185) 0.50 (.020) 2.00 (.079) 0.20 (.008) 0.60 (.024) 0.35 (.014) 1812 4532 4.50 (.177) 0.30 (.012) 3.20 (.126) 0.30 (.012) 0.60 (.024) 0.35 (.014) 1825 4564 4.50 (.177) 0.30 (.012) 6.40 (.252) 0.40 (.016) 0.60 (.024) 0.35 (.014) 2220 5650 5.70 (.224) 0.40 (.016) 5.00 (.197) 0.40 (.016) 0.60 (.024) 0.35 (.014) 2225 5664 5.60 (.220) 0.40 (.016) 6.40 (.248) 0.40 (.016) 0.60 (.024) 0.35 (.014) applications typical applications include critical timing, tuning, circuits requiring low loss, circuits with pulse, high current, decoupling, bypass, fltering, transient voltage suppression, blocking and energy storage. qualifcation/certifcation commercial grade products are subject to internal qualifcation. details regarding test methods and conditions are referenced in table 4, performance and reliability. surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 200 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1003_c0g ? 9/23/2013 3 environmental compliance rohs compliant. electrical parameters/characteristics item parameters/characteristics operating temperature range -55c to +125c capacitance change with reference to +25c and 0 vdc applied (tcc) 30 ppm/oc aging rate (maximum % capacitance loss/decade hour) 0% dielectric withstanding voltage (dwv) 250% of rated voltage (5 1 seconds and charge/discharge not exceeding 50 ma) dissipation factor (df) maximum limit @ 25oc 0.1% insulation resistance (ir) limit @ 25c 1,000 megohm microfarads or 100 g (rated voltage applied for 120 5 seconds @ 25c) to obtain ir limit, divide m-f value by the capacitance and compare to g limit. select the lower of the two limits. capacitance and dissipation factor (df) measured under the following conditions: 1 mhz 100 khz and 1.0 vrms 0.2 v if capacitance 1,000 pf 1 khz 50 hz and 1.0 vrms 0.2 v if capacitance > 1,000 pf note: when measuring capacitance it is important to ensure the set voltage level is held constant. the hp4284 and agilent e4980 have a feature known as automatic level control (alc). the alc feature should be switched to "on." post environmental limits high temperature life, biased humidity, moisture resistance dielectric rated dc voltage capacitance value dissipation factor (maximum %) capacitance shift insulation resistance c0g all all 0.5 0.3% or 0.25 pf 10% of initial limit surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 200 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1003_c0g ? 9/23/2013 4 xx1 available only in d, j, k,m tolerance xx2 available only in j, k, m tolerance. these products are protected under us patents 7,172,985 & 7,670,981, other patents pending, and any foreign counterparts. capacitance cap code series c0201 c0402 c0603 c0805 c1206 voltage code 8 4 3 8 4 3 5 1 2 8 4 3 5 1 2 8 4 3 5 1 2 8 4 3 5 1 2 voltage dc 10 16 25 10 16 25 50 100 200 10 16 25 50 100 200 10 16 25 50 100 200 10 16 25 50 100 200 capacitance tolerance product availability and chip thickness codes see table 2 for chip thickness dimensions 0.50 - 0.75 pf 508-758 b c d bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc 1.0 - 9.1 pf 109-919 b c d bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 10 pf 100 f g j k m ab1 ab1 ab1 bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 11 pf 110 f g j k m bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 12 pf 120 f g j k m ab2 ab2 ab2 bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 13 pf 130 f g j k m bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 15 pf 150 f g j k m ab2 ab2 ab2 bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 16 pf 160 f g j k m bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 18 pf 180 f g j k m ab2 ab2 ab2 bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 20 pf 200 f g j k m bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 22 pf 220 f g j k m ab2 ab2 ab2 bb bb bb bb cb cb cb cb cb cb de de de de dc dc eb eb eb eb eb eb 24 pf 240 f g j k m bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 27 pf 270 f g j k m ab2 ab2 ab2 bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 30 pf 300 f g j k m bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 33 pf 330 f g j k m ab2 ab2 ab2 bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 36 pf 360 f g j k m bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 39 pf 390 f g j k m ab2 ab2 ab2 bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 43 pf 430 f g j k m bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 47 pf 470 f g j k m ab2 ab2 ab2 bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 51 pf 510 f g j k m bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 56 pf 560 f g j k m ab2 ab2 ab2 bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 62 pf 620 f g j k m bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 68 pf 680 f g j k m ab2 ab2 ab2 bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 75 pf 750 f g j k m bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 82 pf 820 f g j k m ab2 ab2 ab2 bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 91 pf 910 f g j k m bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 100 pf 101 f g j k m ab2 ab2 ab2 bb bb bb bb bb cb cb cb cf cb cb dc dc dc dc dc dc eb eb eb eb eb eb 110 -180 pf 111-181 f g j k m bb bb bb bb bb cb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 200-300 pf 201-301 f g j k m bb bb bb bb bb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 330 pf 331 f g j k m bb bb bb bb bb cb cb cb cf cb dc dc dc dc dc dc eb eb eb eb eb eb 360 pf 361 f g j k m bb bb bb bb bb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 390 pf 391 f g j k m bb bb bb bb bb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 430 pf 431 f g j k m bb bb bb bb bb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 470 pf 471 f g j k m bb bb bb bb bb cb cb cb cb cb dc dc dc dc dc dd eb eb eb eb eb eb 510 pf 511 f g j k m bb bb bb bb bb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 560 pf 561 f g j k m bb bb bb bb bb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 620 pf 621 f g j k m bb bb bb bb bb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 680 pf 681 f g j k m bb bb bb bb bb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 750 pf 751 f g j k m bb bb bb bb bb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 820 pf 821 f g j k m bb bb bb bb bb cb cb cb cb cb dc dc dc dc dc dc eb eb eb eb eb eb 910 pf 911 f g j k m bb bb bb bb bb cb cb cb cb cb dc dc dc dc dd dd eb eb eb eb eb eb 1,000 pf 102 f g j k m bb bb bb bb bb cb cb cb cb cb dc dc dc dc dd dd eb eb eb eb eb eb 1,100 pf 112 f g j k m bb bb bb bb cb cb cb cb cb dc dc dc dc dc eb eb eb eb eb eb 1,200 pf 122 f g j k m bb bb bb bb cb cb cb cb cb dc dc dc dc dc eb eb eb eb eb eb 1,300 pf 132 f g j k m bb bb bb bb cb cb cb cb cb dd dd dd dd dd eb eb eb eb ec ec 1,500 pf 152 f g j k m bb bb bb bb cb cb cb cb cb dd dd dd dd dd eb eb eb eb ed ec 1,600 pf 162 f g j k m bb bb bb cb cb cb cb cb dd dd dd dd dd eb eb eb eb ed ed 1,800 pf 182 f g j k m bb bb bb cb cb cb cb cb dd dd dd dd dd eb eb eb eb ed ed 2,000 pf 202 f g j k m bb bb bb cb cb cb cb cb dc dc dc dc dc eb eb eb eb ed ed 2,200 pf 222 f g j k m bb bb bb cb cb cb cb cb dc dc dc dc dc eb eb eb eb ee ee 2,400 pf 242 f g j k m cb cb cb cb cb dc dc dc dc dc eb eb eb eb ec ec 2,700 pf 272 f g j k m cb cb cb cb cb dc dc dc dc dc eb eb eb eb ec ec 3,000 pf 302 f g j k m cb cb cb cb cb dd dd dd dd dc ec ec ec ec ec 3,300 pf 332 f g j k m cb cb cb cb cb dd dd dd dd dc ec ec ec ec ee capacitance cap code voltage dc 10 16 25 10 16 25 50 100 200 10 16 25 50 100 200 10 16 25 50 100 200 10 16 25 50 100 200 voltage code 8 4 3 8 4 3 5 1 2 8 4 3 5 1 2 8 4 3 5 1 2 8 4 3 5 1 2 series c0201 c0402 c0603 c0805 c1206 table 1a C capacitance range/selection waterfall (0201 C 1206 case sizes) surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 200 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1003_c0g ? 9/23/2013 5 table 1a C capacitance range/selection waterfall (0201 C 1206 case sizes) cont'd table 1b C capacitance range/selection waterfall (1210 C 2225 case sizes) these products are protected under us patents 7,172,985 & 7,670,981, other patents pending, and any foreign counterparts. capacitance cap code series c0201 c0402 c0603 c0805 c1206 voltage code 8 4 3 8 4 3 5 1 2 8 4 3 5 1 2 8 4 3 5 1 2 8 4 3 5 1 2 voltage dc 10 16 25 10 16 25 50 100 200 10 16 25 50 100 200 10 16 25 50 100 200 10 16 25 50 100 200 capacitance tolerance product availability and chip thickness codes see table 2 for chip thickness dimensions 3,600 pf 362 f g j k m cb cb cb cb cb dd dd dd dd dc ec ec ec ec ee 3,900 pf 392 f g j k m cb cb cb cb cb de de de de dc ec ec ec ec ef 4,300 pf 432 f g j k m cb cb cb cb cb de de de de dc ec ec ec ec ec 4,700 pf 472 f g j k m cb cb cb cb cb de de de de dc ec ec ec ec ec 5,100 pf 512 f g j k m cb cb cb cb de de de de dc ed ed ed ed ed 5,600 pf 562 f g j k m cb cb cb cb dc dc dc dc dc ed ed ed ed ed 6,200 pf 622 f g j k m cb cb cb cb dc dc dc dc dc eb eb eb eb eb 6,800 pf 682 f g j k m cb cb cb cb dc dc dc dc dc eb eb eb eb eb 7,50 0 pf 752 f g j k m cb cb cb dc dc dc dc dc eb eb eb eb eb 8,200 pf 822 f g j k m cb cb cb dc dc dc dc dc ec ec ec ec eb 9,100 pf 912 f g j k m cb cb cb dc dc dc dc dc ec ec ec ec eb 10,000 pf 103 f g j k m cb cb cb dc dc dc dc dd ed ed ed ed eb 12,000 pf 123 f g j k m cb cb cb dc dc dc dc de eb eb eb eb eb 15,000 pf 153 f g j k m cb cb cb dc dc dc dd dg eb eb eb eb eb 18,000 pf 183 f g j k m dc dc dc dd eb eb eb eb eb 22,000 pf 223 f g j k m dd dd dd df eb eb eb eb ec 27,000 pf 273 f g j k m df df df eb eb eb eb ee 33,000 pf 333 f g j k m dg dg dg eb eb eb eb ee 39,000 pf 393 f g j k m dg dg dg ec ec ec ee eh 47,000 pf 473 f g j k m dg dg dg ec ec ec ee eh 56,000 pf 563 f g j k m ed ed ed ef 68,000 pf 683 f g j k m ef ef ef eh 82,000 pf 823 f g j k m eh eh eh eh 0.10 f 104 f g j k m eh eh eh capacitance cap code voltage dc 10 16 25 10 16 25 50 100 200 10 16 25 50 100 200 10 16 25 50 100 200 10 16 25 50 100 200 voltage code 8 4 3 8 4 3 5 1 2 8 4 3 5 1 2 8 4 3 5 1 2 8 4 3 5 1 2 series c0201 c0402 c0603 c0805 c1206 capacitance cap code series c1210 c1808 c1812 c1825 c2220 c2225 voltage code 8 4 3 5 1 2 5 1 2 5 1 2 5 1 2 3 1 2 5 1 2 voltage dc 10 16 25 50 100 200 50 100 200 50 100 200 50 100 200 50 100 200 50 100 200 capacitance tolerance product availability and chip thickness codes see table 2 for chip thickness dimensions 1.0 -9.1 pf 109-919 b c d fb fb fb fb fb fb 10-91 pf 100-910 f g j k m fb fb fb fb fb fb 100-300 pf 101-301 f g j k m fb fb fb fb fb fb 330-430 pf 331-431 f g j k m fb fb fb fb fb fb lf lf lf 470-910 pf 471-911 f g j k m fb fb fb fb fb fb lf lf lf gb gb gb 1,000 pf 102 f g j k m fb fb fb fb fb fb lf lf lf gb gb gb 1,100 pf 112 f g j k m fb fb fb fb fb fb lf lf lf gb gb gb 1,200 pf 122 f g j k m fb fb fb fb fb fb lf lf lf gb gb gb 1,300 pf 132 f g j k m fb fb fb fb fb fc lf lf lf gb gb gb 1,500 pf 152 f g j k m fb fb fb fb fb fe lf lf lf gb gb gb 1,600 pf 162 f g j k m fb fb fb fb fb fe lf lf lf gb gb gb 1,800 pf 182 f g j k m fb fb fb fb fb fe lf lf lf gb gb gb 2,000 pf 202 f g j k m fb fb fb fb fc fe lf lf lf gb gb gb 2,200 pf 222 f g j k m fb fb fb fb fc fg lf lf lf gb gb gb 2,400 pf 242 f g j k m fb fb fb fb fc fc lf lf lf capacitance cap code voltage dc 10 16 25 50 100 200 50 100 200 50 100 200 50 100 200 50 100 200 50 100 200 voltage code 8 4 3 5 1 2 5 1 2 5 1 2 5 1 2 3 1 2 5 1 2 series c1210 c1808 c1812 c1825 c2220 c2225 surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 200 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1003_c0g ? 9/23/2013 6 capacitance cap code series c1210 c1808 c1812 c1825 c2220 c2225 voltage code 8 4 3 5 1 2 5 1 2 5 1 2 5 1 2 3 1 2 5 1 2 voltage dc 10 16 25 50 100 200 50 100 200 50 100 200 50 100 200 50 100 200 50 100 200 capacitance tolerance product availability and chip thickness codes see table 2 for chip thickness dimensions 2,700 pf 272 f g j k m fb fb fb fb fc fc lf lf lf gb gb gb 3,000 pf 302 f g j k m fb fb fb fb fc ff lf lf 3,300 pf 332 f g j k m fb fb fb fb ff ff lf lf gb gb gb 3,600 pf 362 f g j k m fb fb fb fb ff ff lf lf 3,900 pf 392 f g j k m fb fb fb fb ff ff lf lf gb gb gb hb hb hb 4,300 pf 432 f g j k m fb fb fb fb ff ff lf lf 4,700 pf 472 f g j k m ff ff ff ff fg fg lf lf gb gb gd hb hb hb ke ke ke 5,100 pf 512 f g j k m fb fb fb fb fg fg ke ke ke 5,600 pf 562 f g j k m fb fb fb fb fg fg gb gb gh hb hb hb ke ke ke 6,200 pf 622 f g j k m fb fb fb fb fg ke ke ke 6,800 pf 682 f g j k m fb fb fb fb fg gb gb gj hb hb hb je je ke ke ke 7,50 0 pf 752 f g j k m fc fc fc fc fc ke ke ke 8,200 pf 822 f g j k m fc fc fc fc fc gb gh hb hb hb je je ke ke ke 9,100 pf 912 f g j k m fe fe fe fe fe ke ke ke 10,000 pf 103 f g j k m ff ff ff ff ff gb gh hb hb he je je ke ke ke 12,000 pf 123 f g j k m fg fg fg fg fb gb gg hb hb he je je ke ke ke 15,000 pf 153 f g j k m fg fg fg fg fb gb gb hb hb je je ke ke ke 18,000 pf 183 f g j k m fb fb fb fb fb gb gb hb he je je ke ke 22,000 pf 223 f g j k m fb fb fb fb fb gb gb hb he je jb ke ke 27,000 pf 273 f g j k m fb fb fb fb fb gb gb hb hg je jb ke ke 33,000 pf 333 f g j k m fb fb fb fb fb gb gb jb jb ke 39,000 pf 393 f g j k m fb fb fb fb fe gb gb jb jb 47,000 pf 473 f g j k m fb fb fb fb fe gb gb jb jb 56,000 pf 563 f g j k m fb fb fb fb ff gb gb jb jb 68,000 pf 683 f g j k m fb fb fb fc fg gb gb jb jb 82,000 pf 823 f g j k m fc fc fc ff fh gb gb jb jb 0.10 f 104 f g j k m fe fe fe fg fm gb gd jb jb 0.12 f 124 f g j k m fg fg fg fh gb gh jb jb 0.15 f 154 f g j k m fh fh fh fm gd gn jb jb 0.18 f 184 f g j k m fj fj fj gh jb jd 0.22 f 224 f g j k m fk fk fk gk jb jd 0.27 f 274 f g j k m jb jf 0.33 f 334 f g j k m jd jg 0.39 f 394 f g j k m jg 0.47 f 474 f g j k m jg capacitance cap code voltage dc 10 16 25 50 100 200 50 100 200 50 100 200 50 100 200 50 100 200 50 100 200 voltage code 8 4 3 5 1 2 5 1 2 5 1 2 5 1 2 3 1 2 5 1 2 series c1210 c1808 c1812 c1825 c2220 c2225 table 1b C capacitance range/selection waterfall (1210 C 2225 case sizes) cont'd these products are protected under us patents 7,172,985 & 7,670,981, other patents pending, and any foreign counterparts. surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 200 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1003_c0g ? 9/23/2013 7 table 2 C chip thickness/packaging quantities thickness code case size thickness range (mm) paper quantity plastic quantity 7" reel 13" reel 7" reel 13" reel ab 0201 0.30 0.03 15,000 0 0 0 bb 0402 0.50 0.05 10,000 50,000 0 0 cb 0603 0.80 0.07 4,000 10,000 0 0 cf 0603 0.80 0.07 4,000 15,000 0 0 de 0805 0.70 0.20 4,000 10,000 0 0 dc 0805 0.78 0.10 4,000 10,000 0 0 dd 0805 0.90 0.10 4,000 10,000 0 0 df 0805 1.10 0.10 0 0 2,500 10,000 dg 0805 1.25 0.15 0 0 2,500 10,000 eb 1206 0.78 0.10 4,000 10,000 4,000 10,000 ec 1206 0.90 0.10 0 0 4,000 10,000 ed 1206 1.00 0.10 0 0 2,500 10,000 ee 1206 1.10 0.10 0 0 2,500 10,000 ef 1206 1.20 0.15 0 0 2,500 10,000 eh 1206 1.60 0.20 0 0 2,000 8,000 fb 1210 0.78 0.10 0 0 4,000 10,000 fc 1210 0.90 0.10 0 0 4,000 10,000 fe 1210 1.00 0.10 0 0 2,500 10,000 ff 1210 1.10 0.10 0 0 2,500 10,000 fg 1210 1.25 0.15 0 0 2,500 10,000 fh 1210 1.55 0.15 0 0 2,000 8,000 fm 1210 1.70 0.20 0 0 2,000 8,000 fj 1210 1.85 0.20 0 0 2,000 8,000 fk 1210 2.10 0.20 0 0 2,000 8,000 nc 1706 1.00 0.15 0 0 4,000 10,000 lf 1808 1.00 0.15 0 0 2,500 10,000 gb 1812 1.00 0.10 0 0 1,000 4,000 gd 1812 1.25 0.15 0 0 1,000 4,000 gh 1812 1.40 0.15 0 0 1,000 4,000 gg 1812 1.55 0.10 0 0 1,000 4,000 gk 1812 1.60 0.20 0 0 1,000 4,000 gj 1812 1.70 0.15 0 0 1,000 4,000 gn 1812 1.70 0.20 0 0 1,000 4,000 hb 1825 1.10 0.15 0 0 1,000 4,000 he 1825 1.40 0.15 0 0 1,000 4,000 hg 1825 1.60 0.20 0 0 1,000 4,000 jb 2220 1.00 0.15 0 0 1,000 4,000 jd 2220 1.30 0.15 0 0 1,000 4,000 je 2220 1.40 0.15 0 0 1,000 4,000 jf 2220 1.50 0.15 0 0 1,000 4,000 jg 2220 1.70 0.15 0 0 1,000 4,000 ke 2225 1.40 0.15 0 0 1,000 4,000 thickness code case size thickness range (mm) 7" reel 13" reel 7" reel 13" reel paper quantity plastic quantity package quantity based on fnished chip thickness specifcations. surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 200 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1003_c0g ? 9/23/2013 8 table 3 C chip capacitor land pattern design recommendations per ipcC7351 eia size code metric size code density level a: maximum (most) land protrusion (mm) density level b: median (nominal) land protrusion (mm) density level c: minimum (least) land protrusion (mm) c y x c y x c y x 0201 0603 0.38 0.56 0.52 1.80 1.00 0.33 0.46 0.42 1.50 0.80 0.28 0.36 0.32 1.20 0.60 0402 1005 0.50 0.72 0.72 2.20 1.20 0.45 0.62 0.62 1.90 1.00 0.40 0.52 0.52 1.60 0.80 0603 1608 0.90 1.15 1.10 4.00 2.10 0.80 0.95 1.00 3.10 1.50 0.60 0.75 0.90 2.40 1.20 0805 2012 1.00 1.35 1.55 4.40 2.60 0.90 1.15 1.45 3.50 2.00 0.75 0.95 1.35 2.80 1.70 1206 3216 1.60 1.35 1.90 5.60 2.90 1.50 1.15 1.80 4.70 2.30 1.40 0.95 1.70 4.00 2.00 1210 3225 1.60 1.35 2.80 5.65 3.80 1.50 1.15 2.70 4.70 3.20 1.40 0.95 2.60 4.00 2.90 1210 1 3225 1.50 1.60 2.90 5.60 3.90 1.40 1.40 2.80 4.70 3.30 1.30 1.20 2.70 4.00 3.00 1808 4520 2.30 1.75 2.30 7.40 3.30 2.20 1.55 2.20 6.50 2.70 2.10 1.35 2.10 5.80 2.40 1812 4532 2.15 1.60 3.60 6.90 4.60 2.05 1.40 3.50 6.00 4.00 1.95 1.20 3.40 5.30 3.70 1825 4564 2.15 1.60 6.90 6.90 7.9 0 2.05 1.40 6.80 6.00 7.30 1.95 1.20 6.70 5.30 7.0 0 2220 5650 2.75 1.70 5.50 8.20 6.50 2.65 1.50 5.40 7.30 5.90 2.55 1.30 5.30 6.60 5.60 2225 5664 2.70 1.70 6.90 8.10 7.9 0 2.60 1.50 6.80 7. 20 7.30 2.50 1.30 6.70 6.50 7.0 0 1 only for capacitance values 22 f density level a: for low-density product applications. recommended for wave solder applications and provides a wider process window for refow solder processes. kemet only recommends wave soldering of eia 0603, 0805 and 1206 case sizes. density level b: for products with a moderate level of component density. provides a robust solder attachment condition for refow solder processes. density level c: for high component density product applications. before adapting the minimum land pattern variations the user should perform qualifcation testing based on the conditions outlined in ipc standard 7351 (ipcC7351). soldering process recommended soldering technique: ? solder wave or solder refow for eia case sizes 0603, 0805 and 1206 ? all other eia case sizes are limited to solder refow only recommended soldering profle: ? kemet recommends following the guidelines outlined in ipc/jedec jCstdC020 surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 200 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1003_c0g ? 9/23/2013 9 table 4 C performance & reliability: test methods and conditions stress reference test or inspection method terminal strength jisCcC6429 appendix 1, note: force of 1.8 kg for 60 seconds. board flex jisCcC6429 appendix 2, note: standard termination system C 2.0 mm (minimum) for all except 3 mm for c0g. flexible termination system C 3.0 mm (minimum). solderability jCstdC002 magnifcation 50 x. conditions: a) method b, 4 hours @ 155c, dry heat @ 235c b) method b @ 215c category 3 c) method d, category 3 @ 260c temperature cycling jesd22 method jaC104 1,000 cycles (-55c to +125c). measurement at 24 hours +/- 2 hours after test conclusion. biased humidity milCstdC202 method 103 load humidity: 1,000 hours 85c/85% rh and rated voltage. add 100 k ohm resistor. measurement at 24 hours +/- 2 hours after test conclusion. low volt humidity: 1,000 hours 85c/85% rh and 1.5 v. add 100 k ohm resistor. measurement at 24 hours +/- 2 hours after test conclusion. moisture resistance milCstdC202 method 106 t = 24 hours/cycle. steps 7a and 7b not required. unpowered. measurement at 24 hours +/- 2 hours after test conclusion. thermal shock milCstdC202 method 107 -55c/+125c. note: number of cycles required C 300, maximum transfer time C 20 seconds, dwell time C 15 minutes. air C air. high temperature life milCstdC202 method 108 /eiaC198 1,000 hours at 125c (85c for x5r, z5u and y5v) with 2 x rated voltage applied. storage life milCstdC202 method 108 150c, 0 vdc for 1,000 hours. vibration milCstdC202 method 204 5 g's for 20 min., 12 cycles each of 3 orientations. note: use 8" x 5" pcb 0.031" thick 7 secure storage and handling ceramic chip capacitors should be stored in normal working environments. while the chips themselves are quite robust in other environments, solderability will be degraded by exposure to high temperatures, high humidity, corrosive atmospheres, and long term storage. in addition, packaging materials will be degraded by high temperatureC reels may soften or warp and tape peel force may increase. kemet recommends that maximum storage temperature not exceed 40oc and maximum storage humidity not exceed 70% relative humidity. temperature fuctuations should be minimized to avoid condensation on the parts and atmospheres should be free of chlorine and sulfur bearing compounds. for optimized solderability chip stock should be used promptly, preferably within 1.5 years of receipt. surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 200 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1003_c0g ? 9/23/2013 10 construction reference item material a termination system finish 100% matte sn b barrier layer ni c base metal cu d inner electrode ni e dielectric material cazro 3 note: image is exaggerated in order to clearly identify all components of construction. capacitor marking (optional): laser marking option is not available on: ? c0g, ultra stable x8r and y5v dielectric devices ? eia 0402 case size devices ? eia 0603 case size devices with flexible termination option. ? kps commercial and automotive grade stacked devices. these capacitors are supplied unmarked only. surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 200 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1003_c0g ? 9/23/2013 11 tape & reel packaging information kemet offers multilayer ceramic chip capacitors packaged in 8, 12 and 16 mm tape on 7" and 13" reels in accordance with eia standard 481. this packaging system is compatible with all tape-fed automatic pick and place systems. see table 2 for details on reeling quantities for commercial chips. 8 mm, 12 mm or 16 mm carrier tape 178 mm (7.00") or 330 mm (13.00") anti-static reel embossed plastic* or punched paper carrier. embossment or punched cavity anti-static co v er t ape (.10 mm (.004") maximum thic kness) chip and kps or ientation in p oc k et (e xcept 1825 commercial, and 1825 and 2225 milita r y) *eia 01005, 0201, 0402 and 0603 case sizes available on punched paper carrier only. kemet ? bar code label sprocket holes table 5 C carrier tape conf guration C embossed plastic & punched paper (mm) eia case size tape size (w)* pitch (p 1 )* 01005 C 0402 8 2 0603 C 1210 8 4 1805 C 1808 12 4 1812 12 8 kps 1210 12 8 kps 1812 & 2220 16 12 array 0508 & 0612 8 4 *refer to figures 1 & 2 for w and p *refer to tables 6 & 7 for tolerance specif cations. surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 200 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1003_c0g ? 9/23/2013 12 figure 1 C embossed (plastic) carrier tape dimensions p o t f w c en t er li n e s of cav i t y a o b o u s e r d i r e c t i o n o f u n r e elin g c ov er t ap e k o b 1 i s f or t ap e f e ed er r e f e r ence onl y, i ncl u di ng dr a ft con c en t r i c a bou t b o . t 2 ? d 1 ? d o b 1 s 1 t 1 e 1 e 2 p 1 p 2 e m b os s m e nt f or c a v i t y s i z e , s e e n o t e 1 t a b l e 4 [ 1 0 p i t c h e s c um u l at i v e t ol er a n c e o n t a p e 0. 2 m m ] 7deoh2(pervvhg 3odvwlf &duulhu7dsh'lphqvlrqv metric will govern constant dimensions millimeters (inches) tape size d 0 d 1 minimum note 1 e 1 p 0 p 2 r reference note 2 s 1 minimum note 3 t maximum t 1 maximum 8 mm 1.5 +0.10/-0.0 (0.059 +0.004/-0.0) 1.0 (0.039) 1.75 0.10 (0.069 0.004) 4.0 0.10 (0.157 0.004) 2.0 0.05 (0.079 0.002) 25.0 (0.984) 0.600 (0.024) 0.600 (0.024) 0.100 (0.004) 12 mm 1.5 (0.059) 30 (1.181) 16 mm variable dimensions millimeters (inches) tape size pitch b 1 maximum note 4 e 2 minimum f p 1 t 2 maximum w maximum a 0 ,b 0 & k 0 8 mm single (4 mm) 4.35 (0.171) 6.25 (0.246) 3.5 0.05 (0.138 0.002) 4.0 0.10 (0.157 0.004) 2.5 (0.098) 8.3 (0.327) note 5 12 mm single (4 mm) & double (8 mm) 8.2 (0.323) 10.25 (0.404) 5.5 0.05 (0.217 0.002) 8.0 0.10 (0.315 0.004) 4.6 (0.181) 12.3 (0.484) 16 mm triple (12 mm) 12.1 (0.476) 14.25 (0.561) 7.5 0.05 (0.138 0.002) 12.0 0.10 (0.157 0.004) 4.6 (0.181) 16.3 (0.642) 1. the embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. dimensions of embossment location and hole location shall be applied independent of each other. 2. the tape with or without components shall pass around r without damage (see figure 6). 3. if s 1 < 1.0 mm, there may not be enough area for cover tape to be properly applied (see eia standard 481 paragraph 4.3 section b). 4. b 1 dimension is a reference dimension for tape feeder clearance only. 5. the cavity def ned by a 0 , b 0 and k 0 shall surround the component with suff cient clearance that: (a) the component does not protrude above the top surface of the carrier tape. (b) the component can be removed from the cavity in a vertical direction without mechanical restriction, after the top cover tape has been removed. (c) rotation of the component is limited to 20 maximum for 8 and 12 mm tapes and 10 maximum for 16 mm tapes (see figure 3). (d) lateral movement of the component is restricted to 0.5 mm maximum for 8 and 12 mm wide tape and to 1.0 mm maximum for 16 mm tape (see figure 4). (e) for kps series product, a 0 and b 0 are measured on a plane 0.3 mm above the bottom of the pocket. (f) see addendum in eia standard 481 for standards relating to more precise taping requirements. surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 200 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1003_c0g ? 9/23/2013 13 figure 2 C punched (paper) carrier tape dimensions u s e r d i r e c t ion of u n r eelin g t o p c o v e r t ape t c e n t e r l ines o f c a v i t y p 1 ? d o p o p 2 e 1 f e 2 w g a 0 b 0 c a v i t y s i z e , s e e n ote 1, tabl e 7 b o t t o m c o v e r t a p e t 1 t 1 b o t t o m c o v e r t a p e [10 p it c hes c u mu l a t i v e t o le r a n c e o n t a p e 0 . 2 m m] 7deoh23xqfkhg 3dshu &duulhu7dsh'lphqvlrqv metric will govern constant dimensions millimeters (inches) variable dimensions millimeters (inches) 1. the cavity def ned by a 0 , b 0 and t shall surround the component with suff cient clearance that: a) the component does not protrude beyond either surface of the carrier tape. b) the component can be removed from the cavity in a vertical direction without mechanical restriction, after the top cover tape has been removed. c) rotation of the component is limited to 20 maximum (see figure 3). d) lateral movement of the component is restricted to 0.5 mm maximum (see figure 4). e) see addendum in eia standard 481 for standards relating to more precise taping requirements. 2. the tape with or without components shall pass around r without damage (see figure 6). surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 200 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1003_c0g ? 9/23/2013 14 packaging information performance notes 1. cover tape break force: 1.0 kg minimum. 2. cover tape peel strength: the total peel strength of the cover tape from the carrier tape shall be: tape width peel strength 8 mm 0.1 to 1.0 newton (10 to 100 gf) 12 and 16 mm 0.1 to 1.3 newton (10 to 130 gf) the direction of the pull shall be opposite the direction of the carrier tape travel. the pull angle of the carrier tape shall be 165 to 180 from the plane of the carrier tape. during peeling, the carrier and/or cover tape shall be pulled at a velocity of 300 10 mm/minute. 3. labeling: bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes. refer to eia standards 556 and 624 . figure 3 C maximum component rotation a o b o t s maxi m u m c ompone n t r o t a tio n t op v i e w m a x i mum c o mponent r o t a t ion s ide v i e w t a p e m axi m u m width (mm) r otati o n ( t ) 8,12 2 0 16 ? 200 1 0 t a p e m a x i m u m widt h ( mm) r o tati o n ( s ) 8,12 20 16 ? 56 1 0 72 ? 200 5 t y p ic a l p o c k e t cente r line t y p i c a l c o m pon e n t c e n t e r l i n e figure 4 C maximum lateral movement 0 . 5 m m m a x i mum 0 . 5 m m m a x i mum 8 m m & 1 2 m m tape 1 . 0 m m m a x i mum 1 . 0 m m m a x i mum 1 6 m m t a p e figure 5 C bending radius r r b end i n g r a d i u s e mbo ssed c a r r i e r p unc hed c a rrier surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 200 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1003_c0g ? 9/23/2013 15 figure 6 C reel dimensions a d (see n o te ) full r a d i us, see n o t e b ( s ee note) access h o le at s l o t loc a ti on (? 40 m m mi nimum) i f p r es en t, tape slot i n core for t ape start: 2.5 mm minimum wi dt h x 10.0 mm mi n imum dep th w 3 (incl u des flan g e dis to r tion at out e r e dge) w 2 ( m eas u re d a t hub ) w 1 ( m eas u re d a t hub ) c (arbor hol e di a m e ter ) note: driv e spok es o ptiona l ; if u s ed, d i mensi o ns b an d d shall a pply. n 7deoh25hho'lphqvlrqv metric will govern constant dimensions millimeters (inches) variable dimensions millimeters (inches) surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 200 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1003_c0g ? 9/23/2013 16 figure 7 C tape leader & trailer dimensions t r a i le r 160 mm min imum c a r r i e r t ape e n d s t a r t r o und s p rocke t h o l e s e l ongated s p r o cke t h o l e s ( 32 mm tape and w i der ) t op c o ver t ape top c over t ape p unched c a r r i e r 8 mm & 12 m m o n l y e mboss ed c a r r i e r c o m p o n e n t s 1 0 0 m m m i n imum leader 4 0 0 mm m i n i m u m figure 8 C maximum camber c a r r i e r t a p e r o u n d s p r o c k e t h ol e s 1 m m max i m u m , e i t h e r d i r e c t i o n s t r ai gh t edge 2 5 0 m m e l o n g a t ed s p r oc k e t h ol e s ( 32 m m & w ide r t a pes ) bulk cassette packaging (ceramic chips only) meets dimensional requirements iecC286 and eiaj 7201 unit mm *reference 1 10 0.7 31.5 0 0.2 36 0 0.2 19.0* 5 0* 10* 53 3* 6 8 0.1 8 8 0.1 12. 0 0.1 3.0 0 0.2 2.0 0.1 0 1.5 0 0.1 capacitor dimensions for bulk cassette cassette packaging C millimeters eia size code metric size code l length w width b bandwidth s separation minimum t thickness number of pieces/cassette 0402 1005 1.0 0.05 0.5 0.05 0.2 to 0.4 0.3 0.5 0.05 50,000 0603 1608 1.6 0.07 0.8 0.07 0.2 to 0.5 0.7 0.8 0.07 15,000 surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 200 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1003_c0g ? 9/23/2013 17 kemet corporation world headquarters 2835 kemet way simpsonville, sc 29681 mailing address: p.o. box 5928 greenville, sc 29606 www.kemet.com tel: 864-963-6300 fax: 864-963-6521 corporate off ces fort lauderdale, fl tel: 954-766-2800 north america southeast lake mary, fl tel: 407-855-8886 northeast wilmington, ma tel: 978-658-1663 central novi, mi tel: 248-994-1030 west milpitas, ca tel: 408-433-9950 mexico guadalajara, jalisco tel: 52-33-3123-2141 europe southern europe paris, france tel: 33-1-4646-1006 sasso marconi, italy tel: 39-051-939111 central europe landsberg, germany tel: 49-8191-3350800 kamen, germany tel: 49-2307-438110 northern europe bishops stortford, united kingdom tel: 44-1279-460122 espoo, finland tel: 358-9-5406-5000 asia northeast asia hong kong tel: 852-2305-1168 shenzhen, china tel: 86-755-2518-1306 beijing, china tel: 86-10-5829-1711 shanghai, china tel: 86-21-6447-0707 taipei, taiwan tel: 886-2-27528585 southeast asia singapore tel: 65-6586-1900 penang, malaysia tel: 60-4-6430200 bangalore, india tel: 91-806-53-76817 note: kemet reserves the right to modify minor details of internal and external construction at any time in the interest of product improvement. kemet does not assume any responsibility for infringement that might result from the use of kemet capacitors in potential circuit designs. kemet is a registered trademark of kemet electronics corporation. surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 200 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1003_c0g ? 9/23/2013 18 other kemet resources tools resource location conf gure a part: capedge http://capacitoredge.kemet.com spice & fit software http://www.kemet.com/spice search our faqs: knowledgeedge http://www.kemet.com/keask electrolytic lifecalculator http://www.kemet.com:8080/elc product information resource location products http://www.kemet.com/products technical resources (including soldering techniques) http://www.kemet.com/technicalpapers rohs statement http://www.kemet.com/rohs quality documents http://www.kemet.com/qualitydocuments product request resource location sample request http://www.kemet.com/sample engineering kit request http://www.kemet.com/kits contact resource location website www.kemet.com contact us http://www.kemet.com/contact investor relations http://www.kemet.com/ir call us 1-877-mykemet twitter http://twitter.com/kemetcapacitors disclaimer all product specif cations, statements, information and data (collectively, the information) in this datasheet are subject to change. the customer is responsible for checking and verifying the extent to which the information contained in this publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without guarantee, warranty, or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on kemet electronics corporations (kemet) knowledge of typical operating conditions for such applications, but are not intended to constitute C and kemet specif cally disclaims C any warranty concerning suitability for a specif c customer application or use. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by kemet with reference to the use of kemets products is given gratis, and kemet assumes no obligation or liability for the advice given or results obtained. although kemet designs and manufactures its products to the most stringent quality and safety standards, given the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all productCrelated warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicted or that other measures may not be required. surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 200 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1003_c0g ? 9/23/2013 19 surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 200 vdc (commercial grade)


▲Up To Search▲   

 
Price & Availability of C0603C101J1GAC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X