Part Number Hot Search : 
HYS72D PIC16C65 HYS72D ISL22329 0015474 106M3 SG6858 2N5665N1
Product Description
Full Text Search
 

To Download BYW75TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  byw72, byw73, byw74, byw75, byw76 www.vishay.com vishay semiconductors rev. 1.8, 11-sep-12 1 document number: 86050 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fast avalanche sinterglass diode mechanical data case: sod-64 terminals: plated axial leads, solderable per mil-std-750, method 2026 polarity: color band denotes cathode end mounting position: any weight: approx. 858 mg features ? glass passivated junction ? hermetically sealed package ? low reverse current ? soft recovery characteristics ? material categorization: ? for definitions of compliance please see www.vishay.com/doc?99912 applications ? fast rectification and switching diode for example for tv-line output circuits an d switch mode power supply ? ? ? ? 949588 ordering information (example) device name ordering code taped units minimum order quantity byw72 or byw73 byw73-tr 2500 per 10" tape and reel 12 500 byw72 or byw73 byw73-tap 2500 per ammopack 12 500 byw74 or byw75 or byw76 byw76tr 2500 per 10" tape and reel 12 500 byw74 or byw75 or byw76 byw76tap 2500 per ammopack 12 500 parts table part type differentiation package byw72 v r = 200 v; i f(av) = 3 a sod-64 byw73 v r = 300 v; i f(av) = 3 a sod-64 byw74 v r = 400 v; i f(av) = 3 a sod-64 byw75 v r = 500 v; i f(av) = 3 a sod-64 byw76 v r = 600 v; i f(av) = 3 a sod-64 absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition part symbol value unit reverse voltage = repetitive peak reverse voltage see electrical characteristics byw72 v r = v rrm 200 v byw73 v r = v rrm 300 v byw74 v r = v rrm 400 v byw75 v r = v rrm 500 v byw76 v r = v rrm 600 v peak forward surge current t p = 10 ms, half sine wave i fsm 100 a repetitive peak forward current i frm 15 a average forward current i f(av) 3a non repetitive reverse avalanche energy i (br)r = 0.4 a e r 10 mj junction and storage temperature range t j = t stg - 55 to + 175 c
byw72, byw73, byw74, byw75, byw76 www.vishay.com vishay semiconductors rev. 1.8, 11-sep-12 2 document number: 86050 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 typical characteristics (t amb = 25 ? c, unless otherwise specified) fig. 1 - max. thermal re sistance vs. lead length fig. 2 - max. forward current vs. forward voltage fig. 3 - max. average forward current vs. ambient temperature fig. 4 - max. reverse curr ent vs. junction temperature maximum thermal resistance (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit junction ambient lead length l = 10 mm, t l = constant r thja 25 k/w on pc board with spacing 25 mm r thja 70 k/w electrical characteristics (t amb = 25 c, unless otherwise specified) parameter test condition part symbol min. typ. max. unit forward voltage i f = 3 a v f - 0.95 1.1 v reverse current v r = v rrm i r -15a v r = v rrm , t j = 150 c i r - 60 150 a reverse recovery time i f = 0.5 a, i r = 1 a, i r = 0.25 a t rr - - 200 ns 0 10 20 30 40 15 10 5 0 202530 r thja - ther. re s i s t. junction/ambient (k/w) l - lead length (mm) 949548 ll t l = con s tant i f - forward current (a) 0.001 0.01 0.1 1 10 100 0 0.4 0.8 1.2 2.0 1.6 v f - forward voltage (v) 16355 t j = 25 c t j = 175 c 16356 i fav - average forward current (a) 0 20 40 60 80 100 120 140 160 180 t amb - ambient temperature (c) 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 v r = v rrm half s inewave r thja = 70 k/w pcb: d = 25 mm r thja = 45 k/w i = 10 mm 1 10 100 1000 25 50 75 100 125 150 175 t j - junction temperature (c) 16357 i r - rever s e current (a) v r = v rrm
byw72, byw73, byw74, byw75, byw76 www.vishay.com vishay semiconductors rev. 1.8, 11-sep-12 3 document number: 86050 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 5 - max. reverse power dissipation vs. junction temperature fig. 6 - diode capacitance vs. reverse voltage fig. 7 - thermal response package dimensions in millimeters (inches): sod-64 0 50 250 100 150 200 300 25 50 75 100 125 150 175 t j - junction temperature (c) 16358 p r - rever s e power di ss ipation (mw) p r -limit at 100 % v r p r -limit at 80 % v r v r = v rrm 0 10 20 30 50 70 40 60 80 90 0.1 1 10 100 v r - rever s e voltage (v) 16359 c d - diode capacitance (pf) f = 1 mhz 1 10 100 1000 10 -4 10 2 10 1 10 0 10 2 10 1 10 -0 10 -1 10 -2 10 -3 t p - pul s e length ( s )i frm - repetitive peak forward current (a) 949562 z thp - thermal re s i s t. for pul s e cond. (k/w) t p /t = 0.5 0.2 0.02 0.05 0.01 0.1 v rrm = 600 v r thja = 70 k/w t amb = 25 c 45 c 70 c 100 c cathode identification 4.3 (0.168) max. 1.35 (0.053) max. 4 (0.156) max. sintered glass case sod-64 26(1.014) min. 26 (1.014) min. document-no.: 6.563-5006.4-4 rev. 3 - date: 09.february.2005 94 9587
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of BYW75TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X