Part Number Hot Search : 
74HC6 U1600 T72V3 470K400 MAX41 0601NP0 2SD140 54M00
Product Description
Full Text Search
 

To Download BR31 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features  low cost  this series is ul recognized under component index, file number e127707  high forward surge current capability  ideal for printed circult board  high temperature soldering guaranteed: 260  /10 second, at 5 lbs. (2.3kg) tension. mechanical data  case: molded plastic body  terminal: lead solderable per mil - std - 202e method 208c  polarity: polarity symbols marked on case  mounting: thru hole for #6 screw, 5in. - lbs. torque max.  weight: 0.093 ounce, 2.62 gram maximum ratings and electrical characteristics  ratings at 25  ambient temperature unless otherwise specified  single phase, half wave, 60hz, resistive or inductive load.  for capacitive load derate current by 20% kbpc1005 kbpc101kbpc102 kbpc104 kbpc106 kbpc108 kbpc110 br305 BR31 br32 br34 br36 br38 BR310 v rrm        volts maximum rms voltage v rms
        volts maximum dc blocking voltage v dc        volts maximum average forward rectified output current, at peak forward surge current 8.3ms single half sine - wave superimposed on rated load (jedec method ) rating for fusing (t<8.3ms) i 2 ta 2 s per bridge element at 1.5a maximum dc reverse current at rate d t a = 25  a dc blocking voltage per element t a    ma typical junction capacitance per element(note 1) c j pf typical thermal resistance per element (note 2) r   /w operating temperature range t j storage temperature range t stg notes: 1. measured at 1.0 mhz and applied reverse voltage of 4.0 volts. 2. unit mounted on 4.0" x 4.0" x 0.11" thick (10.5 x 10.5 x 0.3cm) al. plate. 3. unit mounted on p.c.b. at 375" (9.5mm) lead length with 0.5" x 0.5" (12 x 12mm) copper pads. single-phase bridge rectifier maximum instantaneous forward voltage drop t c = 50  (note2) t a = 25  (note3)  
  (-55 to +150)  (-55 to +125) v f   maximum repetitive peak reverse voltage  a mps amps i r i fsm   symbols unit i (av) volts br305-BR310 http:// www.wej.cn e-mail:wej@yongerjia.com wej electronic co. r o hs wej electronic co.,ltd
junction capacitance,(pf) 1 0.1 revrese voltage,(v) 1.0 p-p v sig =50mv 10 100 instantaneous forward voltage,(v) fig.5-typical junction capacitance 10 100 j t =25 c f=1mhz fig.1-derating curve for fig.3-typical forward characteristics per bridge element instantaneous forward current, 0.01 0.4 (a) 0.1 1.0 10 pulse width=300us 1% duty cycle t =25 c 0.6 0.8 j 1.2 1.0 1.6 1.4 1.8 0.375"(95mm) p.c.b. mounting ambient temprature,t current, (a) average forward output 0 0 1.0 2.0 3.0 temperature, ( c) 50 25 100 75 lead-length a 125 150 175 inductive load 60hz resisitive or 4.0x4.0x0.11"thk al.plate. (10.5x10.5x0.3cm) heat sink mounting, case temprature,t output dertaing curve c 20 0 percent of rated peak fig.2-maximum non-repetitive peak fig.4-typical reverse characteristics per bridge element t =25 c 60 instan taneous reverse current, (ua) 0.01 40 0.1 j 1.0 10 140 100 80 120 t =100 c j 8 forward surge current per element (jedec method) =t number of cycles at 60 hz 8.3ms single half sine-wave 30 current, (a) peak forward surge 2 1 0 6 4 1 cycle 20 10 50 40 70 60 80 20 10 60 40 100 j max t j per bridge element reverse voltage,(%) e-mail:wej@yongerjia.com wej electronic co. wej electronic co.,ltd


▲Up To Search▲   

 
Price & Availability of BR31

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X