Part Number Hot Search : 
IRG4PH UTR21 0603L 100307 24D05 TCP065A 2SC42 S1000
Product Description
Full Text Search
 

To Download BAT43W-V-G-18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bat42w, bat43w www.vishay.com vishay semiconductors rev. 1.8, 25-feb-13 1 document number: 85661 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 small signal schottky diode mechanical data case: sod-123 weight: approx. 10.3 mg packaging codes/options: 18/10k per 13" reel (8 mm tape), 10k/box 08/3k per 7" reel (8 mm tape), 15k/box features ? these diodes feature very low turn-on voltage and fast switching. these devices are protected by a pn junction guard ring against excessive voltage, such as electrostatic discharges ? for general purpose applications ? aec-q101 qualified ? base p/n-e3 - rohs-compliant, commercial grade ? base p/n-he3 - rohs-compliant, aec-q101 qualified ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 note (1) valid provided that electrodes are kept at ambient temperature note (1) valid provided that electrodes are kept at ambient temperature parts table part ordering code internal construction type marking remarks bat42w bat42w-e3-08 or bat42w-e3-18 single diode l2 tape and reel bat42w-he3-08 or bat42w-he3-18 bat43w bat43w-e3-08 or bat43w-e3-18 single diode l3 bat43w-he3-08 or bat43w-he3-18 absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit repetitive peak reverse voltage v rrm 30 v forward continuous current (1) i f 200 ma repetitive peak forward current (1) t p < 1 s, ? < 0.5 i frm 500 ma surge forward current (1) t p < 10 ms i fsm 4a power dissipation (1) t amb = 65 c p tot 200 mw thermal characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit thermal resistance junction to ambient air (1) r thja 300 k/w junction temperature t j 125 c operating temperature range t op - 55 to + 125 c storage temperature range t stg - 55 to + 150 c
bat42w, bat43w www.vishay.com vishay semiconductors rev. 1.8, 25-feb-13 2 document number: 85661 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) pulse test; t p ? 300 s, t p /t < 0.02 typical characteristics (t amb = 25 c, unless otherwise specified) fig. 1 - admissible power dissipati on vs. ambient temperature fig. 2 - typical forward characteristics fig. 3 - typical reverse characteristics fig. 4 - typical capacitance vs. reverse voltage electrical characteristics (t amb = 25 c, unless otherwise specified) parameter test condition p art symbol min. typ. max. unit reverse breakdown voltage i r = 100 a (pulsed) v (br) 30 v leakage current (1) v r = 25 v i r 0.5 a v r = 25 v, t j = 100 c i r 100 a forward voltage (1) i f = 200 ma v f 1000 mv i f = 10 ma bat42w v f 400 mv i f = 50 ma bat42w v f 650 mv i f = 2 ma bat43w v f 260 330 mv i f = 15 ma bat43w v f 450 mv diode capacitance v r = 1 v, f = 1 mhz c d 7pf reverse recovery time i f = 10 ma, i r = 10 ma, i r = 1 ma, r l = 100 ? t rr 5ns 200 18442 t am b - am b ient temperat u re (c) 250 200 150 100 50 50 100 150 0 0 p tot - po w er dissipation (mw) 18443 1200 1000 800 600 400 200 0 i- for w ard c u rrent (ma) f 1000 100 10 1 0.1 0.01 v f - instantaneo u s for w ard v oltage (m v ) 25 c 125 c - 40 c 1000 100 10 1 0.1 0.01 18444 0 1020304050 v r - re v erse v oltage ( v ) 125 c 100 c 75 c 50 c 25 c i - re v erse leackage c u rrent (a) r 18445 14 12 10 8 6 4 2 0 0102030 v r - re v erse v oltage ( v ) c - diode capacitance (pf) d 51525
bat42w, bat43w www.vishay.com vishay semiconductors rev. 1.8, 25-feb-13 3 document number: 85661 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package dimensions in millimeters (inches): sod-123 0.1 (0.004) max. 2.85 (0.112) 2.55 (0.100) 3.85 (0.152) 3.55 (0.140) 1.7 (0.067) 1.40 (0.055) mo u nting pad layo u t 2.5 (0.098) 0.85 (0.033) 0.85 (0.033) 0.85 (0.033) cathode b ar 0.65 (0.026) 0.45 (0.018) 0.10 (0.004) 1 (0.039) 0.15 (0.006) 1.35 (0.053) 0.2 (0.008) 0 to 8 0.45 (0.018) 0.25 (0.010) 0.5 (0.020) ref. re v . 4 - date: 24. sep. 2009 doc u ment no.: s8- v -3910.01-001 (4) 17432
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of BAT43W-V-G-18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X