Part Number Hot Search : 
SMBJ78C 1N6509 F49L040A MRF329 C1210 0301K1 02070 SM6T10AY
Product Description
Full Text Search
 

To Download AP6679BGM-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power p-channel enhancement mode electronics corp. power mosfet simple drive requirement bv dss -30v lower on-resistance r ds(on) 9m fast switching characteristic i d -13.5a rohs compliant & halogen-free description absolute maximum ratings symbol units v ds v v gs v i d @t a =25 a i d @t a =70 a i dm a p d @t a =25 w t stg t j symbol value unit rthj-a maximum thermal resistance, junction-ambient 3 50 /w data and specifications subject to change without notice 200905121 1 AP6679BGM-HF rating -30 + 20 -13.5 parameter drain-source voltage gate-source voltage continuous drain current 3 continuous drain current 3 -10.8 pulsed drain current 1 -50 halogen-free product thermal data parameter total power dissipation 2.5 -55 to 150 operating junction temperature range -55 to 150 storage temperature range advanced power mosfets from apec provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. the so-8 package is widely preferred for all commercial-industrial surface mount applications and suited for low voltage applications such as dc/dc converters. s s s g d d d d so-8 g d s free datasheet http:///
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =-250ua -30 - - v r ds(on) static drain-source on-resistance 2 v gs =-10v, i d =-13a - - 9 m ? ? free datasheet http:///
a p6679bgm-hf fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fi g 5. forward characteristic o f fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0 10 20 30 40 50 001122 -v ds , drain-to-source voltage (v) -i d , drain current (a) t a =25 o c - 10 v - 7.0 v - 6.0 v - 5.0 v v g = - 4.0 v 0 10 20 30 40 50 001122 -v ds , drain-to-source voltage (v) -i d , drain current (a) t a = 150 o c - 10 v - 7.0 v - 6.0 v - 5.0 v v g = - 4.0 v 6 8 10 12 14 246810 -v gs , gate-to-source voltage (v) r ds(on) (m  ) i d =-8a t a =25 : 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d = - 13 a v g =-10v 1 1.4 1.8 2.2 2.6 -50 0 50 100 150 t j , junction temperature ( o c) -v gs(th) (v) 0 4 8 12 16 20 0 0.2 0.4 0.6 0.8 1 1.2 1.4 -v sd , source-to-drain voltage (v) -i s (a) t j =25 o c t j =150 o c free datasheet http:///
AP6679BGM-HF fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4 t d(on) t r t d(off) t f v ds v gs 10% 90% q v g -4.5v q gs q gd q g charge 0 1000 2000 3000 4000 5000 1 5 9 1317212529 -v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 0 2 4 6 8 10 12 14 0 20406080100 q g , total gate charge (nc) -v gs , gate to source voltage (v) i d = -13a v ds = -24v 0.01 0.1 1 10 100 0.01 0.1 1 10 100 -v ds , drain-to-source voltage (v) -i d (a) t a =25 o c single pulse 100us 1ms 10ms 100ms 1s dc 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t , pulse width (s) normalized thermal response (r thja ) p dm duty factor = t/t peak t j = p dm x r thja + t a r thja =125 o c/w t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse free datasheet http:///


▲Up To Search▲   

 
Price & Availability of AP6679BGM-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X