Part Number Hot Search : 
N06LG 005000 1SS35 BFP420F VN2460 ADG143 T37118 N06LG
Product Description
Full Text Search
 

To Download AP2604GY-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet fast switching characteristic bv dss 30v lower gate charge r ds(on) 45m small footprint & low profile package i d 5.5a description absolute maximum ratings symbol units v ds v v gs v i d @t a =25 a i d @t a =70 a i dm a p d @t a =25 w w/ t stg t j symbol value unit rthj-a maximum thermal resistance, junction-ambient 3 62.5 /w data and specifications subject to change without notice AP2604GY-HF halogen-free product parameter rating drain-source voltage 30 gate-source voltage + 20 continuous drain current 3 , v gs @ 10v 5.5 continuous drain current 3 , v gs @ 10v 4.4 pulsed drain current 1 20 operating junction temperature range -55 to 150 linear derating factor 0.016 storage temperature range total power dissipation 2 -55 to 150 201201062 thermal data parameter 1 g d s advanced power mosfets utilized advanced processing techniques to achieve the lowest possible on-resistance, extremely efficient and cost- effectiveness device. the s0t-26 package is widely used for all commercial-industrial applications. d d d d g s sot-26
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 30 - - v r ds(on) static drain-source on-resistance 2 v gs =10v, i d =4.8a - - 45 m ? v gs =4.5v, i d =2.4a - - 65 m ? v gs(th) gate threshold voltage v ds =v gs , i d =250ua 1 - 3 v g fs forward transconductance v ds =10v, i d =4.8a - 7 - s i dss drain-source leakage current v ds =30v, v gs =0v - - 1 ua drain-source leakage current (t j =70 o c) v ds =24v ,v gs =0v - - 25 ua i gss gate-source leakage v gs = + 20v, v ds =0v - - + 100 na q g total gate charge i d =4.8a - 6 10 nc q gs gate-source charge v ds =24v - 2 - nc q gd gate-drain ("miller") charge v gs =4.5v - 3 - nc t d(on) turn-on delay time v ds =15v - 6 - ns t r rise time i d =1a - 8 - ns t d(off) turn-off delay time r g =3.3 -15- ns t f fall time v gs =10v - 4 - ns c iss input capacitance v gs =0v - 440 705 pf c oss output capacitance v ds =25v - 105 - pf c rss reverse transfer capacitance f=1.0mhz - 35 - pf source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =4.8a, v gs =0v - - 1.2 v t rr reverse recovery time i s =4.8a, v gs =0v, - 15 - ns q rr reverse recovery charge di/dt=100a/s - 7 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test 3.surface mounted on 1 in 2 copper pad of fr4 board ; 156 /w when mounted on min. copper pad. this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 2 AP2604GY-HF
AP2604GY-HF fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fi g 5. forward characteristic o f fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0.4 0.6 0.8 1 1.2 1.4 -50 0 50 100 150 t j , junction temperature ( o c ) normalized v gs(th) (v) 25 35 45 55 65 75 357911 v gs , gate-to-source voltage (v) r ds(on) (m ) i d = 2.4 a t a =25 o c 0 5 10 15 20 25 30 35 40 0 0.5 1 1.5 2 2.5 3 3.5 4 v ds , drain-to-source voltage (v) i d , drain current (a) 10v 7.0v 5.0v 4.5v v g =3.0v t a =25 o c 0 5 10 15 20 25 30 35 0 0.5 1 1.5 2 2.5 3 3.5 4 v ds , drain-to-source voltage (v) i d , drain current (a) t a =150 o c 10v 7.0v 5.0v 4.5v v g =3.0v 0.6 0.8 1.0 1.2 1.4 1.6 1.8 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d =4.8a v g =10v 0 1 2 3 4 5 0 0.2 0.4 0.6 0.8 1 1.2 1.4 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c
AP2604GY-HF fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4 t d(on) t r t d(off) t f v ds v gs 10% 90% q v g 4.5v q gs q gd q g charge 10 100 1000 1 5 9 13 17 21 25 29 v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t , pulse width (s) normalized thermal response (r thja ) 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse p dm duty factor = t/t peak t j = p dm x r thja + t a r thja = 156 /w t t 0 2 4 6 8 10 12 024681012 q g , total gate charge (nc) v gs , gate to source voltage (v) v ds =15v v ds =20v v ds =24v i d =4.8a 0.01 0.1 1 10 100 0.1 1 10 100 v ds , drain-to-source voltage (v) i d (a) 1ms 10ms 100ms 1s dc t a =25 o c single pulse


▲Up To Search▲   

 
Price & Availability of AP2604GY-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X