Part Number Hot Search : 
2SC32 04304 70475 2N3898 EDI7F BU9795 FMMT5551 221MT
Product Description
Full Text Search
 

To Download ALN1955 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 / 3 www.asb.co.kr april 2010 p lerow tm ALN1955 internally matched lna module the plerow tm aln - series is the compactly designed surface - mount module for the use of the lna with or without the following gain blocks in the infrastructure equipment of the mobile wireless (cdma, gsm, pcs, phs, wcdma, dmb, wlan, wibro, wimax), gps, satellite commun i- cation terminals , catv and so on. it has an exceptional performance of low noise figure, high gain, high oip3, and low bias current. the stability factor i s always kept more than unity over the application band in order to ensure its unconditionally stable implementation to the application system environment. the surface - mount module package including the completed matching circuit and other components neces sary just in case allows very simple and convenient implementation onto the system board in mass production level. parameter unit specifications min typ max frequency range mhz 1940 1960 gain db 26 27 gain flatness db 0.1 0.2 noise figure db 0.7 0.75 output ip3 dbm 32 33 s11/s22 db - 18/ - 10 output p1db dbm 20 21 switching time (3) m sec - supply current ma 80 100 supply voltage v 5 impedance w 50 max. rf input power dbm c.w 23~25 (before fail) package type & size mm surface mount type, 13wx13lx3.8h operating temperature is - 40 c to +85 c. 1) oip3 is measured with two tones at an output power of 5 dbm/tone separated by 1 mhz. 2) s11/s22 (max) is the worst value within the frequency band. 3) switching time means the time that takes for output power to get stabilized to its final level after switching dc voltage from 0 v to v s . pin number function 3 rf in 8 rf out 10 v s other s ground ou t line drawing (unit: mm) feature s s 21 = 27.1 db@1940 mhz = 26.9 db@1960 mhz nf of 0.7 db over fr e quency unconditionally stable single 5 v supply high oip3@low cu rrent note: 1. the number and size of ground via holes in a circuit board is critical for thermal rf grounding consider a tions. 2. we recommend that the ground via holes be placed on the bottom of all ground pins for better rf and thermal performance, as shown in the dra w ing at the left side. description ALN1955 asb inc. (top view) (bottom view) solder stencil area ? 0.4 plated thru holes to ground plane plerow (side view) (recommended footprint) website: www.asb.co.kr e - mail: sales@asb.co.kr tel: (82) 42 - 528 - 722 3 f ax : (82) 42 - 528 - 7222 more inform a tion 2 - stage single type spec ifications (in pr o duction) typ.@t = 25 c, v s = 5 v, freq. = 1950 mhz, z o.sys = 50 ohms
2 / 3 www.asb.co.kr april 2010 p lerow tm ALN1955 internally matched lna module s - param e ters noise figure oip3 p1db 1940~1960 mhz +5 v typical performance (measured) s - parameters & k fa c tor
3 / 3 www.asb.co.kr april 2010 p lerow tm ALN1955 internally matched lna module 1) the tantal or mlc (multi layer ceramic) capacitor is optional and for bypassing th e ac noise introduced from the dc supply. the capacitance value may be determined by customer s dc supply status . the c a- pacitor should be placed as close as possible to v s pin and be connected directly to the ground plane for the best electrical performanc e . 2) dc blocking capacitors are always necessarily placed at the input and output port for allowing only the rf signal to pass and blocking the dc component in the signal. the dc blocking capacitors are i n clu d- ed inside the aln module. therefore, c1 & c2 capa citors may not be necessary, but can be added just in case that the customer wants. the value of c1 & c2 is determined by considering the application fr e- quency. application circuit recommended soldering reflow process + - aln out in c1 c2 v s tantal or mlc (multi layer c e ramic) c a pacitor 20~40 sec 260 c 200 c 150 c 60~180 sec ramp - up (3 c/sec) ramp - down (6 c/sec) in out vs size 25x25mm (for aln series C 13x13mm) evaluation board layout


▲Up To Search▲   

 
Price & Availability of ALN1955

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X