Part Number Hot Search : 
FP254 ACS573MS 645NIP AEFVBF15 P4V3B P4V3B VA2656 B43712
Product Description
Full Text Search
 

To Download 4550B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  all dimensions are in inches. tolerances (except noted): .xx = .02? (,51 mm), .xxx = .005? (,127 mm). all specifications are to the latest revision s. specifications are subject to change without notice. registered trademarks are the property of their respective companies . general purpose oscilloscope probes sales: 800 - 490 - 2361 fax: 888 - 403 - 3360 technical support: 800 - 241 - 2060 ( technicalsupport@pomonatest.com ) for ?where to buy? in formation, visit the pomona web site at www.pomonaelectronics.com rev: 100 d1094189, d1094528 page 1 of 2 features : passive oscilloscope probes feature a one piece (monolithic) design for robust probe life. probe bandwidth ratings are specified as a system bandwidth. system bandwidth includes both probe and oscilloscope together as a system. the result is a p robe frequency response that can essentially be considered transparent. for ease of use, readout actuator for probe attenuation sensing and a ground reference switch are featured on some probe models. full set of accessories are included with each probe. all probes meet s iec1010 - 2 - 031, 300v, cat i to determine the correct probe, select the probe that matches the frequency bandwidth of the oscilloscope. for example, if your oscilloscope has a bandwidth of 1 00 mhz., select a model that matches the frequen cy in the ?system bandwidth? column (i.e. 5795a) . model probe ratio maximum input voltage cat i 1 system bandwidth mhz ( - 3 db) system risetime (ns) probe input resistance (m ohms ) probe input capacitance (pf) compensation range (pf) readout actuator 4 cable length (meters) 5800a 1:1 300 2 up to 30 3 < 11.66 3 1 < 57 + o - scope na no 1.2 6265 10:1 300 60 < 5.83 10 < 10.5 10 - 60 no 1.2 6266 5 1:1 10:1 300 2 300 up to 20 3 60 < 17.5 3 < 5.83 1 10 < 65 + o - scope < 11 na 10 - 60 no 1.2 5795a 10:1 30 0 100 < 3.50 10 < 9.5 10 - 60 no 1.2 4550B 5 1:1 10:1 300 2 300 up to 15 3 100 < 23.33 3 < 3.50 1 10 < 64 + o - scope < 10.5 na 10 - 60 no 1.2 6049a 10:1 300 150 < 2.33 10 < 10.5 10 - 30 no 1.2 6101a 10:1 300 150 < 2.33 10 < 10.5 10 - 30 yes 1.2 sp150 b 5 1:1 10:1 300 2 300 up to 15 3 150 < 23.33 3 < 3.33 1 10 < 50+ o - scope < 15 na 10 - 60 no 1.2 5803a 10:1 300 200 < 1.75 10 < 10 10 - 60 no 1.2 5806a 5 1:1 10:1 300 2 300 up to 20 3 200 < 17.5 3 < 1.75 1 10 < 77 + o - scope < 11.5 na 10 - 60 no 1.2 582 7 a 100: 1 300 200 < 1.75 10 < 5.5 15 - 50 no 2.0 6069a 10:1 300 250 < 1.40 10 < 10 10 - 30 no 1.2 6102a 10:1 300 250 < 1.40 10 < 10 10 - 30 yes 1.2 5809a 10:1 300 300 < 1.17 10 < 17 10 ? 60 no 1.2 5812a 10:1 300 300 < 1.17 10 < 17 10 - 60 yes 1.2 model 4550B
all dimensions are in inches. tolerances (except noted): .xx = .02? (,51 mm), .xxx = .005? (,127 mm). all specifications are to the latest revision s. specifications are subject to change without notice. registered trademarks are the property of their respective companies . general purpose oscilloscope probes sales: 800 - 490 - 2361 fax: 888 - 403 - 3360 technical support: 800 - 241 - 2060 ( technicalsupport@pomonatest.com ) for ?where to buy? in formation, visit the pomona web site at www.pomonaelectronics.com rev: 100 d1094189, d1094528 page 2 of 2 1 m ax imum voltage allowed on the low connection including shell and housing must not exceed 30v. 2 maximum input voltages are depended on the oscilloscope input characteristics; take the lesser of the two specifications. 3 depended on oscilloscope input cha racteristics (measurement based on 1mohm, 20 pf input) . 4 any oscilloscope that uses the tektronix? style range actuator. 5 probes are switchable between 1:1 and 10:1 range . probe s include s : 1) retractable hook tip 2) bnc adapter 3) ic adapter 4) insulating ti p 5) trimmer tool 6) 6? ground lead with alligator clip accessories: pomona adapters with .025? ( .635mm ) pins replacement accessory kit: 62 67 kit includes: retractable hook tip bnc adapter ic adapter insulating tip trimmer tool 6? ground lead with alligator clip oscilloscope probe tip adapte r model: 6443 this adapter provides an easy, fast, and reliable way to connect your oscilloscope probe to ic test adapters, test clips and grabbers using .025? (0,635 mm ) connection pins. 5360 5790 6311 6312 6313 6351 6352 6353 6490 6442 6444 all ?ic? test clips


▲Up To Search▲   

 
Price & Availability of 4550B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X