Part Number Hot Search : 
SB100 CT2245 SSF6401 1N581 CE66P7 ND32E3 SMA17 LC74760M
Product Description
Full Text Search
 

To Download 306FFS330XF7BF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fss photoflash aluminum electrolytic capacitors features reduced case size - high voltage ? low leakage ? low dissipation factor applications emergency lights ? signal lights mobile - applications operating temperature ra nge -20c to +55c capacitance tolerance -10 to+20% at 120 hz, 25c wvdc 300 310 330 surge voltage svdc 320 335 350 dissipation factor 25c, 120 hz tan .06 time 5 minutes leakage current @25c, rated wvdc applied 1*c 5000 flashes at rated voltage applied & 5~35c repeating every 30 seconds thru a xe flash tube having a discharge resistance if 0.7~1.0 ? capacitance change < 10% of initial measured value dissipation factor < 150% of maximum specified value charge/ discharge leakage current < 150% of maximum specified value 1000 hours at 70c with no voltage applied capacitance change < 10% initial measured value dissipation factor < 150% of maximum specified value shelf life leakage current < 150% of maximum specified value d 5 6.3 7.2 7.8 8 8.4 8.7 8.9 d 0.5 0.5 0.5 0.5 0.5 0.6 0.6 0.6 s 2 2.6 2.6 3.5 3.5 3.5 4.2 4.2 d 1 = d+ 0.5mm max l 1 = l+ 0.5 mm s 1 = s+ 0.5 mm
fss +55c, snap in capacitance (f) wvdc ic part number maximum esr (m) 120 hz, +20c lc (a) 20c, 5 minutes dims dxl (mm) 10 300 106fss300xdbw 8.842 10 5x16 10 310 106fss310xdbs 8.842 10 5x17 10 310 106fss310xebc 8.842 10 6.3x14 10 330 106fss330xdbf 8.842 10 5x18 10 330 106fss330xebw 8.842 10 6.3x16 12 300 126fss300xdbf 7.368 12 5x18 12 300 126fss300xebd 7.368 12 6.3x15 12 310 126fss310xdjg 7.368 12 5x20 12 310 126fss310xebw 7.368 12 6.3x16 12 330 126fss330xebk 7.368 12 6.3x19 14 300 146fss300xebs 6.316 14 6.3x17 14 300 146fss300xy2bd 6.316 14 7.2x15 14 300 146fss300xy8ba 6.316 14 7.8x13 14 310 146fss310xebf 6.316 14 6.3x18 14 310 146fss310xfba 6.316 14 8x13 14 310 146fss310xy2bw 6.316 14 7.2x16 14 310 146fss310xy8bc 6.316 14 7.8x14 14 330 146fss330xejg 6.316 14 6.3x20 14 330 146fss330xf8bd 6.316 14 7.8x15 14 330 146ffs330xy2bf 6.316 14 7.2x18 18 300 186fss300xejg 4.912 18 6.3x20 18 300 186fss300xy2bf 4.912 18 7.2x18 18 300 186fss300xy8bw 4.912 18 7.8x16 18 310 186fss310xejb 4.912 18 6.3x21 18 310 186fss310xfbd 4.912 18 8x15 18 310 186fss310xy2bk 4.912 18 7.2x19 18 310 186fss310xy8bw 4.912 18 7.8x16 18 330 186fss330xfja 4.912 18 6.3x23 18 330 186fss330xy2jg 4.912 18 7.2x20 18 330 186fss330xy8bs 4.912 18 7.8x17 20 330 206fss330xfjs 4.421 20 6.3x27 20 330 206fss330xy2ja 4.421 20 7.2x23 20 330 206fss330xy8bk 4.019 20 7.8x19 22 300 226fss300xeja 4.019 22 6.3x23 22 300 226fss300xfbw 4.019 22 8x16 22 300 226fss300xy2jg 4.019 22 7.2x20 22 300 226fss300xy8bs 4.019 22 7.8x17 22 310 226fss310xejd 4.019 22 6.3x25 22 310 226fss310xf4bew 4.019 22 8.4x16 22 310 226fss310xfbs 4.019 22 8x17 22 310 226fss310xy2jj 4.019 22 7.2x22 22 310 226fss310xy8bf 4.019 22 7.8x18 22 330 226fss330xy2jw 4.019 22 7.2x26 22 330 226fss330xy8jb 4.019 22 7.8x21 22 330 226fss330xeag 4.019 22 6.3x30 22 330 226fss330xf4bs 4.019 22 8.4x17 22 330 226fss330xfbk 4.019 22 8x19 25 300 256fss300xf4bs 3.537 25 8.4x17 25 300 256fss300xfbf 3.537 25 8x18 25 300 256fss300xy2jj 3.537 25 7.2x22 25 300 256fss300xej 3.537 25 6.3x26 25 300 256fss300xy8bk 3.537 25 7.8x19 25 310 256fss310xejs 3.537 25 6.3x27 25 310 256fss310xf4bf 3.537 25 8.4x18 25 310 256fss310xy8jg 3.537 25 7.8x20 25 310 256fss310xf7bw 3.537 25 8.7x16 25 310 256fss310xfbk 3.537 25 8x19 25 310 256fss310xy2jc 3.537 25 7.2x24 capacitance (f) wvdc ic part number maximum esr (m) 120 hz, +20c lc (a) 20c, 5 minutes dims dxl (mm) 25 330 256fss330xy2jk 3.537 25 7.2x29 25 330 256fss330xy8jc 3.537 25 7.8x24 25 330 256fss3330xf4bf 3.537 25 8.4x18 25 330 256fss330xea 3.537 25 6.3x34 25 330 256fss330xfjb 3.537 25 8x21 30 300 306fss300xf7bs 2.947 30 8.7x17 30 300 306fss300xfjg 2.947 30 8x20 30 300 306fss300xy2jw 2.947 30 7.2x26 30 300 306fss300xy8jb 2.947 30 7.8x21 30 300 306fss300xeag 2.947 30 6.3x30 30 300 306fss300xf4bk 2.947 30 8.4x19 30 310 306fss310xebj 2.947 30 6.3x32 30 310 306fss310xf4jg 2.947 30 8.4x20 30 310 306fss310xy8ja 2.947 30 7.8x23 30 310 306fss310xf7bw 2.947 30 8.7x18 30 310 306fss310xfjb 2.947 30 8x21 30 310 306fss310xy2jf 2.947 30 7.2x28 30 330 306fss330xea 2.947 30 6.3x37 30 330 306fss330xf4jb 2.947 30 8.4x21 30 330 306FFS330XF7BF 2.947 30 8.7x18 30 330 306fss330xfjc 2.947 30 8x24 30 330 306fss330xy2a 2.947 30 7.2x33 30 330 306fss330xy8jw 2.947 30 7.8x226 33 300 336fss300xfjj 2.679 33 8x22 33 300 336fss300xy2jf 2.679 33 7.2x28 33 300 336fss300xy8ja 2.679 33 7.8x23 33 300 336fss300xeaa 2.679 33 6.3x33 33 300 336fss300xf4jb 2.679 33 8.4x21 33 300 336fss300xf7bk 2.679 33 8.7x19 33 310 336fss310xead 2.679 33 6.3x35 33 310 336fss310xf4jj 2.679 33 8.4x22 33 310 336fss310xf7jg 2.679 33 8.7x20 33 310 336fss310xfja 2.679 33 8x23 33 310 336fss310xy2ab 2.679 33 7.2x31 33 310 336fss310xy8jc 2.679 33 7.8x24 33 330 336fss330xfa 2.679 33 8x32 33 330 336fss330xy2af 2.679 33 7.2x38 33 330 336fss330xy8ad 2.679 33 7.8x35 33 330 336fss330xecg 2.679 33 6.3x40 33 330 336fss330xf4ja 2.679 33 8.4x23 33 330 336fss330xf7jg 2.679 33 8.7x20 50 300 506fss300xf4jk 1.768 50 8.4x35 50 300 506fss300xf7jd 1.768 50 8.7x25 50 300 506fss300xfag 1.768 50 8x30 50 300 506fss300xy2ag 1.768 50 7.2x30 50 300 506fss300xy8aj 1.768 50 7.8x32 50 310 506fss310xf4ag 1.768 50 8.4x30 50 310 506fss310xy8aa 1.768 50 7.8x33 50 310 506fss310xf8jw 1.768 50 8.7x26 50 310 506fss310xfab 1.768 50 8x31 50 310 506fss310xy2cg 1.768 50 7.2x40 50 330 506fss330xfad 1.768 50 8x35 50 330 506fss330xy2cd 1.768 50 7.2x45 50 330 506fss330xy8af 1.768 50 7.8x38 50 330 506fss330xf4a 1.768 50 8.4x31 50 330 506fss330xf7j 1.768 50 8.7x27 55 300 556fss300xf4ab 1.608 55 8.4x31 55 300 556fss300xf7js 1.608 55 8.7x27
fss +55c, snap in capacitance (f) wvdc ic part number maximum esr (m) 120 hz, +20c lc (a) 20c, 5 minutes dims dxl (mm) 55 300 556fss300xfaj 1.608 55 8x32 55 310 556fss310xf4aj 1.608 55 8.4x32 55 310 556fss310xf7jf 1.608 55 8.7x28 55 310 556fss310xfac 1.608 55 8x34 55 330 556fss330xf4as 1.608 55 8.4x37 55 330 556fss330xf7ag 1.608 55 8.7x30 55 330 556fss330xfak 1.608 55 8x39 60 300 606fss300xf4aa 1.474 60 8.4x33 60 300 606fss300xf7jk 1.474 60 8.7x29 60 300 606fss300xfad 1.474 60 8x35 60 310 606fss310xf4ad 1.474 60 8.4x35 60 310 606fss310xf7ag 1.474 60 8.7x30 60 310 606fss310xfaw 1.474 60 8x36 60 330 606fss330xfc 1.474 60 8x44 60 330 606fss330xf4cg 1.474 60 8.4x40 60 330 606fss330xf7ac 1.474 60 8.7x34 60 330 606fss330xf9aj 1.474 60 8.9x32 70 300 706fss300xfak 1.263 70 8x39 70 300 706fss300xf4af 1.263 70 8.4x38 70 300 706fss300xf7aa 1.263 70 8.7x33 70 310 706fss310xfcb 1.263 70 8x41 70 310 706fss310xf4aw 1.263 70 8.4x36 capacitance (f) wvdc ic part number maximum esr (m) 120 hz, +20c lc (a) 20c, 5 minutes dims dxl (mm) 70 310 706fss310xf7ac 1.263 70 8.7x34 70 330 706fss330xf9aw 1.263 70 8.9x36 70 330 706fss330xff 1.263 70 8x48 70 330 706fss330xf4fd 1.263 70 8.4x45 70 330 706fss330xf7af 1.263 70 8.7x38 75 300 756fss300xf7af 1.179 75 8.7x38 75 300 756fss300xfcj 1.179 75 8x42 75 300 756fss300xf4cg 1.179 75 8.4x40 75 310 756fss310xf7as 1.179 75 8.7x37 75 310 756fss310xfcc 1.179 75 8x44 75 310 756fss310xf4ak 1.179 75 8.4x39 75 330 756fss330xf7fg 1.179 75 8.7x40 75 330 756fss330xf9af 1.179 75 8.9x38 75 330 756fss330xf4ff 1.179 75 8.4x48 80 300 806fss300xf4cj 1.105 80 8.4x42 80 300 806fss300xf7cg 1.105 80 8.7x40 80 300 806fss300xfcd 1.105 80 8x45 80 310 806fss310xf4cd 1.105 80 8.4x45 80 310 806fss310xf7af 1.105 80 8.7x38 90 310 906fss310xf7cg 0.982 90 8.7x40 90 310 906fss310xf9ak 0.982 90 8.9x39


▲Up To Search▲   

 
Price & Availability of 306FFS330XF7BF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X