Part Number Hot Search : 
MBR20200 23C6V8 HB3140V LTC2165 170M4218 14LPD70 CF547 PIC18F4
Product Description
Full Text Search
 

To Download 24-81250-310BV0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series 8xxx collet elevator sockets on .300 [7.62] and .600 [15.24] centers note: aries specializes in custom design and production. in addition to the standard products shown on this page, special materials, platings, sizes, and configurations can be furnished, depending on quantities. aries reserves the right to change product specifications without notice. features: ? ideal for elevating devices (displays, switches, etc.) to desired level with .240 to 1.250 [6.10 to 31.75] height extension. specifications: ? standard socket body is black ul 94-hb glass-filled nylon. ? spacer is red ul 94-hb glass-filled nylon. ? high temp socket boad and spacer are black ul 94v-0 4/6 nylon. ? pin body is brass alloy 360 1/2 hard per uns c36000 astm-b16-85. ? pin body plating is 200 m [1.27 m m] min. 93/7 tin/lead per mil-p-81728 over 100 m [2.54 m m] min. nickel per qq-n-290. gold plating also available (consult factory). ? 4-fingered collet contact is beryllium copper alloy per uns c17200 astm-b194-92. ? contact plating is 30 m [.76 m m] min. gold per mil-g-45204 over 50 m [1.27 m m] min. nickel per qq-n-290. ? contact current rating=3 amps. ? operating temperature=221f [105c]. ? insertion force=180 grams/pin; withdrawal force=90 grams/pin; normal force=140 grams/pin; based on a .018 [.46] diameter test lead. ? accepts leads .015-.025 [.38-.64] in diameter, .110-.150 [2.79-3.81] long. mounting considerations: ? suggested pcb hole size=.035 .002 [.89 .05] dia. cont act det ail xx-8xxxx-x10cxx ordering informa tion w=no. of pins per row x .100 [2.54] x=(no. of pins per row - 1) x .100 [2.54] no. of pins (see table) series seating plane height .240 [6.10] to 1.250 [31.75] collet style tin plated solder tail pin row-to-row spacing: 3: y=.300 [7.62] 6: y=.600 [15.24] consult data sheet no. 13007 for collet elevator sockets on .200 [5.08] centers. consult data sheet no. 13006 for elevator sockets with bifurcated contacts. centers y dim. z body style available sizes .300 [7.62] .400 [10.16] c b 6 thru 20 22 thru 40 .600 [15.24] .700 [17.78] c b 6 thru 40 42 thru 48 body style b body style c a ll dimensions : inches [ millimeters ] all tolerances .005 [.13] unless otherwise specified optional suffix: v0=ul 94v-0 plastic north america frenchtown, nj usa tel: (908) 996-6841 fax: (908) 996-3891 uk/ireland/gb tel: +44 870 240 0249 fax: +44 1653 600493 uking@arieselec.com europe/mainland/holland tel: +31 78 615 94 65 fax: +31 78 615 43 11 europe@arieselec.com http://www.arieselec.com ? info@arieselec.com printouts of this document may be out of date and should be considered uncontrolled 13008 rev.c


▲Up To Search▲   

 
Price & Availability of 24-81250-310BV0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X