Part Number Hot Search : 
12A01SS SMBJ100C C1411EPA LC104 N4732 W1206 1N540 DS21610
Product Description
Full Text Search
 

To Download 224PPS102K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pps axial leaded metallized polypropylene film capacitors for power semiconductors features ? self healing ? stable with frequency and temperature ? high dvdt ? good pulse current ratings applications ? power semiconductor circuits ? switching power supplies ? inverter/ converters ? induction heating specifications operating temperature range -55c to +85c capacitance tolerance + 10% at 1 khz, 25c + 5% optional wvdc 700 850 1000 1200 1500 2000 2500 3000 surge voltage(svdc) svdc 1100 1300 1550 1750 2200 2600 300 4000 wvdc 700 850 1000 1200 1500 2000 2500 3000 ac voltage (50/60 hz) vac 420 500 525 550 600 650 700 750 frequency (khz) c< 0.1uf c>1uf dissipation factor (max) 25c 1 0.05% 0.07% insulation resistance @25c (<70% rh)for 1 minute at 100vdc applied 30000 m ? x f (not to exceed 30g ? ) self inductance <1 nano-henry per mm of lead spacing capacitance drift factor <0.5% after 2 years at 40c 30000 hours @vac, 70c 100000 hours @vdc, 70c life expectancy capacitance change < 3% of initially measured value failure quota 300/ billion component hours 56 days at 40c with 90 to 95%rh, +40c and no voltage applied capacitance change <2 % of initially measured value dissipation factor < 0.0001 at 1khz and 25 c damp heat test insulation resistance > 50% of maximum specified value self inductance <1 nano-henry per mm of body length and lead length capacitance drift factor <1.0% after 2 years at 40c capacitance temperature coefficient -200 ppm/c, + 100ppm/c terminal to terminal terminal to case dielectric strength 160% of rated vdc or 200% vdc applied for 2 seconds and 25c 3kvac, 50/60hz applied between the leads and case for 60 seconds dielectric polypropylene construction metallized film with internal series connections coating flame retardant polyester tape wrap (ul 501) with epoxy resin end fill(ul94v0) leads lead free tinned copper leads l max 29 34 34 46 46 55 59 d < 17.5 < 18 >18 < 25 >25 all all d + 0.05 0.8 0.8 1.0 1.0 1.2 1.2 1.2
pps high voltage, high dvdt axial lead capacitance (f) wvdc ic part number dv/dt (v/ sec.) maximum rms ripple current (a) 100 khz, +70c typical esr (m) 100 khz, +25c dims dxl (mm) 0.0068 3000 682pps302kg 1500 1 75 12x29 0.01 1500 103pps252kg 1050 1.5 58 11.5x29 0.01 3000 103pps302kg 1500 1.5 56 14x29 0.01 3000 103pps302k 1200 1.5 68 11.5x34 0.015 2500 153pps252kg 1050 2 42 13x29 0.015 3000 153pps302kg 1500 2.5 39 16x29 0.015 3000 153pps302k 1200 2 43 14x34 0.022 2000 223pps202kg 810 2.5 33 12x29 0.022 2500 223pps252kg 1050 2.5 30.5 15x29 0.022 3000 223pps302k 1200 3 31.5 15.5x34 0.033 1500 333pps152kg 610 2.5 26 11.5x29 0.033 2000 333pps202k 635 4 27.5 13x34 0.033 2500 333pps252k 870 3 26 13.5x34 0.033 2500 333pps252kg 1050 3.5 22.5 17.5x29 0.033 3000 333pps302k 1200 4 22 18x34 0.047 1200 473pps122kg 480 2.5 20.5 11x29 0.047 1500 473pps152kg 610 3 19.5 13x29 0.047 2000 473pps202kg 810 3.5 18.5 15.5x29 0.047 2000 473pps202k 650 3 20.5 13x34 0.047 2500 473pps252k 870 4 19.1 15.5x34 0.047 3000 473pps302k 1200 5 16 21x34 0.068 1000 683pps102kg 425 3 16.7 11.5x29 0.068 1200 683pps122kg 480 3 15.8 12.5x29 0.068 1500 683pps152kg 610 3.5 14.5 14.5x29 0.068 1500 683pps152kj 490 3.5 16.1 12.5x34 0.068 2000 683pps202kg 810 4.5 13.8 17.5x29 0.068 2000 683pps202k 650 4 15 15x34 0.068 2500 683pps252k 870 5 14.5 18x34 0.068 3000 683pps302kd20 750 6 15 20x46 0.068 3000 683pps302k 1200 7 12 25x34 0.1 850 104pps850kg 375 3.5 12.9 11.5x29 0.1 1000 104pps102kg 425 3.5 12.4 13x29 0.1 1200 104pps122kg 480 4.5 12 14.5x29 0.1 1200 104pps122kj 390 4 13.5 12.5x34 0.1 1500 104pps152kg 610 5 10.9 17.5x29 0.1 1500 104pps152k 490 4.5 12 14.5x34 0.1 2000 104pps202k 650 5.5 11.6 17.5x34 0.1 2500 104pps252k 870 7 11 22x34 0.1 2500 104pps252kd17 550 6 14.2 17.5x46 0.1 3000 104pps302k 750 7.5 11 23.5x46 0.15 700 154pps700kg 235 3.5 11 11.5x29 0.15 850 154pps850kg 375 4.5 9.8 13x29 0.15 850 154pps850k 300 4.5 10.8 12x34 0.15 1000 154pps102kg 425 5 9.3 15x29 0.15 1000 154pps102kj 340 4.5 10.3 13x34 0.15 1200 154pps122kg 485 5.5 8.8 17x29 0.15 1200 154pps122k 390 5 9.8 14.5x34 0.15 1500 154pps152k 490 6 8.7 17.5x34 0.15 2000 154pps202kd17 410 6.5 10 17.5x46 0.15 2000 154pps202k 650 7.5 8.2 21.5x34 0.15 2500 154pps252k 870 8.5 7.6 26x34 0.15 2500 154pps252kd21 550 7.5 9.3 21.5x46 0.15 3000 154pps302k 750 10 8 28.5x46 0.22 700 224pps700kg 235 4.5 8.7 13x29 0.22 850 224pps850kg 375 5.5 7.7 15x29 0.22 850 224pps850k 300 5.5 8.4 13.5x34 0.22 1000 224PPS102K 340 5.5 7.7 15x34 0.22 1000 224PPS102Kg 425 6.5 7 17x29 capacitance (f) wvdc ic part number dv/dt (v/ sec.) maximum rms ripple current (a) 100 khz, +70c typical esr (m) 100 khz, +25c dims dxl (mm) 0.22 1200 224pps122k 390 6.5 7.1 17x34 0.22 1500 224pps152k 490 8 6.5 20.5x34 0.22 1500 224pps152kd17 320 7.5 8.5 17x46 0.22 2000 224pps202k 650 9.5 5.7 25.5x34 0.22 2000 224pps202kd21 410 9 7.2 21x46 0.22 2500 224pps252k 550 10 6.8 25x46 0.22 3000 224pps302kd29 500 12 6.8 29x55 0.22 3000 224pps302k 750 13 6 34x46 0.22 3000 224pps302ks 370 11 7.7 27.5x55 0.33 700 334pps700kg 235 5.5 6.7 15x29 0.33 700 334pps700kj 185 5.5 7.4 13x34 0.33 850 334pps850kg 375 7 5.9 17.5x29 0.33 850 334pps850k 300 7 6.6 16x34 0.33 1000 334pps102k 340 7.5 5.8 17.5x34 0.33 1200 334pps122k 390 8.5 5.3 20.5x34 0.33 1200 334pps122kd17 255 8 6.7 17x46 0.33 1500 334pps152kd20 320 9 6.4 20.5x46 0.33 1500 334pps152k 490 10 4.8 24.5x34 0.33 2000 334pps202k 410 11.5 5.5 25x46 0.33 2500 334pps252k 550 13 5.2 30x46 0.33 2500 334pps252kd26 375 12 6.3 26x55 0.33 2500 334pps252ks 280 11 7.3 25x59 0.33 3000 334pps302k 500 14 5.5 34x55 0.33 3000 334pps302ks 370 14 6.2 32.5x59 0.47 700 474pps700k 185 6.5 5.9 15x34 0.47 700 474pps700kg 235 7 5.3 17.5x29 0.47 850 474pps850k 300 9 5.4 18.5x34 0.47 1000 474pps102k 340 9.5 4.6 21x34 0.47 1000 474pps102kd17 225 9 5.8 17.5x46 0.47 1200 474pps122k 390 10.5 3.7 23.5x34 0.47 1200 474pps122kd20 255 9.5 5.6 20x46 0.47 1500 474pps152k 320 11.5 5.1 24x46 0.47 2000 474pps202k 410 13.5 4.5 29x46 0.47 2500 474pps252kd30 375 14 5.1 30.5x55 0.47 2500 474pps252k 550 14 4.2 35.5x46 0.47 2500 474pps252ks 280 13.5 5.8 29.5x59 0.47 3000 474pps302ks 370 14 5.5 39x59 0.47 3000 474pps302k 500 14 4.9 41x55 0.56 3000 564pps302ks 370 14 5.1 42x59 0.68 700 684pps700k 185 8 4.9 17.5x34 0.68 850 684pps850k 300 9 4.3 21.5x34 0.68 850 684pps850kd18 200 9 5.4 18x46 0.68 1000 684pps102k 340 10.5 3.9 24.5x34 0.68 1000 684pps102kd20 225 10.5 4.9 20.5x46 0.68 1200 684pps122k 255 10.5 4.9 23x46 0.68 1500 684pps152k 320 13.5 4.4 28x46 0.68 2000 684pps202k 410 114 3.7 34.5x46 0.68 2000 684pps202kr 300 14 4.7 30x55 0.68 2000 684pps202ks 225 14 5.4 28.5x59 0.68 2500 684pps252ks 280 14 4.8 35x59 0.68 2500 684pps252k 375 14 4.2 36.5x55 0.68 2500 684pps202kd30 300 14 4.7 30x55 0.82 2500 824pps252k 375 14 3.7 40x55 0.82 2500 824pps252ks 280 14 4.2 38.5x59 1 700 105pps700k 185 10 4.1 21x34 1 700 105pps700kd17 130 10 4.8 17.5x46 1 850 105pps850kd21 200 10.5 4.3 21.5x46 1 850 105pps850k 300 13 3.3 26x34
pps high voltage, high dvdt axial lead capacitance (f) wvdc ic part number dv/dt (v/ sec.) maximum rms ripple current (a) 100 khz, +70c typical esr (m) 100 khz, +25c dims dxl (mm) 1 1000 105pps102k 225 13 3.9 24.5x46 1 1200 105pps122k 255 13.5 4.1 27.5x46 1 1500 105pps152k 320 14 3.3 33.5x46 1 1500 105pps152kd29 235 14 4.5 29x55 1 1500 105pps152ks 175 13.5 5.1 28x59 1 2000 105pps202ks 225 14 4.3 33.5x59 1 2000 105pps202k 300 14 3.8 35.5x55 1 2500 105pps252ks 280 14 3.9 42x59 1.2 1200 125pps122k 255 14 3.7 30x46 1.2 1500 125pps152k 235 14 4 31.5x55 1.2 1500 125pps152ks 175 4.5 4.5 28x59 1.3 2000 135pps202k 300 14 3.3 40.5x55 1.3 2000 135pps202ks 225 14 3.7 38x59 1.5 700 155pps700kd21 130 10.5 4.3 21x46 1.5 700 155pps700k 185 10.5 3.5 25x34 1.5 850 155pps850k 200 14 3.5 25.5x46 1.5 1000 155pps102kd25 165 14 4.1 25.5x55 1.5 1000 155pps102k 225 14 3.1 29.5x46 1.5 1000 155pps102ks 135 14 4.7 24.5x59 1.5 1200 155pps122ks 150 14 4.2 27x59 1.5 1200 155pps122k 255 14 3.2 33.5x46 1.5 1200 155pps122kd29 190 14 3.7 29x55 1.5 1500 155pps152k 235 14 3.5 35.5x55 1.5 1500 155pps152ks 175 14 3.9 33.5x59 1.5 2000 155pps202ks 225 14 3.5 40.5x59 2 700 205pps700kn 130 10.5 4 24x46 2 850 205pps850k 200 14 2.9 29x46 2 1000 205pps102k 225 14 2.6 33x46 2 1000 205pps102kd29 165 14 3.5 29x55 2 1000 205pps102ks 135 14 3.9 27.5x59 2 1200 205pps122ks 150 14 3.6 31x59 2 1200 205pps122k 190 14 3.2 33x55 2 1500 205pps152k 235 14 3 40.5x55 2 1500 205pps152ks 175 14 3.3 38x59 2.2 700 225pps700k 130 10.5 3.9 25x46 2.2 850 225pps850k 200 14 2.9 30x46 2.2 850 225pps850kr 125 14 3.8 26.5x55 2.2 850 225pps850ks 110 14 4.3 25x59 2.2 1000 225pps102ks 135 14 3.8 28.5x59 2.2 1000 225pps102k 165 14 3.4 30.5x55 2.2 1200 225pps122k 190 14 3 34.5x55 2.2 1200 225pps122ks 150 14 3.4 32.5x59 2.2 1500 225pps152kr 235 14 2.9 41.5x55 2.2 1500 225pps152ks 175 14 3.2 40x59 2.5 700 255pps700k 130 14 3.5 26.5x46 2.5 850 255pps850k 200 14 2.7 32x46 capacitance (f) wvdc ic part number dv/dt (v/ sec.) maximum rms ripple current (a) 100 khz, +70c typical esr (m) 100 khz, +25c dims dxl (mm) 2.5 850 255pps850ks 110 14 4.1 26.5x59 2.5 850 255pps850kd28 125 12 3.6 28x55 2.5 1000 255pps102ks 135 14 3.5 31x59 2.5 1000 255pps102k 165 14 3.1 33x55 2.5 1200 255pps122k 190 14 2.7 36.5x55 2.5 1200 255pps122ks 150 14 3 34.5x59 3 700 305pps700kn 130 14 3.3 29x46 3 850 305pps850ks 110 14 3.6 29x59 3 850 305pps850k 200 14 2.4 34.5x46 3 850 305pps850kd30 125 14 3.2 30.5x55 3 1000 305pps102kr 165 14 2.8 35.5x55 3 1000 305pps102ks 135 14 3.1 33x59 3 1200 305pps122ks 150 14 2.7 37.5x59 3 1200 305pps122k 190 14 2.4 40x55 3.3 700 335pps700k 130 14 3.1 30x46 3.3 700 335pps700kd26 110 14 3.9 26.5x55 3.3 700 335pps700ks 90 13.5 4.4 25x59 3.3 850 335pps850ks 110 14 3.5 30x59 3.3 850 335pps850k 125 14 3.1 32x55 3.3 1000 335pps102k 165 14 2.7 36.5x55 3.3 1000 335pps102ks 135 14 3 34.5x59 3.3 1200 335pps122ks 150 14 2.6 39x59 3.3 1200 335pps122k 190 14 2.3 41.5x55 4 700 405pps700kd28 110 14 3.6 28.5x55 4 700 405pps700k 130 14 2.8 32.5x46 4 700 405pps700ks 90 14 4.1 27x59 4 850 405pps850ks 110 14 3.1 33x59 4 850 405pps850k 125 14 2.8 35x55 4 1000 405pps102k 165 14 2.4 40x55 4 1000 405pps102ks 135 14 2.7 38x59 4.7 700 475pps700ks 90 14 3.7 29x59 4.7 700 475pps700k 110 14 3.3 31x55 4.7 850 475pps850k 125 14 2.5 37x55 4.7 850 475pps850ks 110 14 2.8 35.5x59 4.7 1000 475pps102ks 135 14 2.4 40.5x59 5 700 505pps700k 110 12 3.2 32x55 5 700 505pps700ks 90 14 3.6 30x59 5 850 505pps850ks 110 14 2.7 36.5x59 5 850 505pps850k 125 14 2.4 38x55 5.6 850 565pps850k 125 12 2.2 40.5x55 6.8 700 685pps700k 110 14 2.7 37x55 6.8 700 685pps700ks 90 14 3.1 34.5x59 6.8 850 685pps850ks 110 14 2.3 41.5x59 8.2 700 825pps700ks 90 14 2.7 38x59 8.2 700 825pps700k 110 14 2.4 40.5x55 10 700 106pps700ks 90 14 2.5 41.5x59


▲Up To Search▲   

 
Price & Availability of 224PPS102K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X