Part Number Hot Search : 
810SE 1N5249 20H100 807PM KS899309 2SA1644 RB520 806IS6
Product Description
Full Text Search
 

To Download 22057038 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/03/2013 please check www.molex.com for latest part information part number: 22-05-7038 status: active overview: kk? interconnection system description: 2.54mm pitch kk? wire-to-board header, right angle, with friction lock, 3 circuits documents: 3d model product specification ps-99020-0088 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-10-07 (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 7395 application signal, wire-to-board overview kk? interconnection system product name kk? upc 800753592773 physical breakaway no circuits (loaded) 3 circuits (maximum) 3 color - resin natural (white) durability (mating cycles max) 25 first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - metal brass material - plating mating tin material - plating termination tin material - resin nylon net weight 462.000/mg number of rows 1 orientation right angle pc tail length 3.80mm pcb locator no pcb retention none packaging type bag pitch - mating interface 2.54mm pitch - termination interface 2.54mm plating min - mating 5.080m plating min - termination 5.080m polarized to mating part yes polarized to pcb no shrouded no stackable no surface mount compatible (smc) no temperature range - operating see product specification termination interface: style through hole series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 7395 series mates with 2695 kk? crimp terminal housing, 6471 kk? crimp terminal housing, 7720 kk? idt double cantilever
electrical current - maximum per contact 4a voltage - maximum 250v solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 235 material info old part number a-7395-3b reference - drawing numbers product specification ps-10-07, ps-99020-0088 sales drawing sd-7395-001 this document was generated on 06/03/2013 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 22057038

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X