Part Number Hot Search : 
160160 60GB2APB BZX84C3W P80NF06 C100MC A1225 F060250 MBR880L
Product Description
Full Text Search
 

To Download 1775146-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description tyco electronics introduces the ultraminiature coax connector and cable assembly series products. the umcc series is an ultra low profile coax interconnect solution that meets the ever growing demand for miniatur- ization in next generation wireless applications. umcc cable assemblies and connectors are available as dou- ble-ended jumpers and inter-series assemblies, and pcb jack receptacles for board mount applications. tyco electronics specializes in solving tough problems with cable assemblies designed and manufactured to meet the most demanding requirements. tyco electronics can engineer custom umcc solutions to meet special requirements. by making tyco electronics your partner in cable assembly design, you reduce risk and gain assurance that you will receive your assembly on time, to specification and within budget. umcc C ultraminiature coax connector & cable assembly series rohs ready applications ? wireless lan, mini pci ? mobile antenna/gps/radio systems ? pda / pcs / cellular handset applications ? wireless communications systems (lan, gsm, pcs, wcdma, umts) ? remote measuring equipment key features ? ultra low profile (2.0mm or 2.5mm maximum mated height) ? easy snap on/off mating ? small footprint on pcb (3mm x 3mm) ? excellent performance to 6 ghz ? surface mount and reflow solderable ? 360 degree mated rotation ? available on 0.81mm, 1.13mm, and 1.37mm dia single shield, and 1.32mm dia double shield cable ? style a receptacles compatible with hirose u.fl/u.fl(v) series connectors* ? style b receptacles compatible with murata gsc series connectors for more information technical support i nternet: http://tycoelectronics.com/products/rfcoax email: product.info@tycoelectronics.com us product manager cable assemblies ?david stonfer phone: 717-986-5950 email: david.stonfer@tycoelectronics.com us product manager connectors ? claude de lorraine phone: 717-986-5793 email: cdelorraine@tycoelectronics.com europe product manager ?rob smeets phone: +31-736246327 email: r.smeets@tycoelectronics.com usa: 1-800-522-6752 canada: 1-905-470-4425 mexico: 01-800-733-8926 c. america: 52-55-1106-0803 south america: 55-112103-6000 hong kong: 852-2735-1628 japan: 81-44-844-8013 uk: +44 (0) 800-267-666
specifications requirements detail electrical characteristic impedance: 50 ohms frequency range: dc to 6 ghz vswr (mated pair): 1.30 max dc to 3 ghz 1.40 max 3 to 6 ghz (cable dependent) insertion loss (connectors only): 0.24 db max dc to 6 ghz rated voltage: 60 vac (rms) ? standard recept (styles a, b) dielectric withstanding voltage: 200 vac, 50 hz for 1 min (at sea level) insulation resistance: 500 megohms min contact resistance (connectors only): 20 milliohms max (center) 10 milliohms max (outer, plug) 10 milliohms max (outer, receptacle) mechanical / environmental durability: 30 cycles ? standard recept (styles a, b) disengagement force: 2n min perpendicular 4n min orthogonal center contact retention force: 0.15n min tape/reel packaging (receptacle): 12mm carrier per eia-481 operating temperature: - 40c to + 90c material part description material finish shell phosphor bronze gold or silver plating male center contact brass or phos bronze gold plating female center contact brass or phos bronze gold plating insulator (plug) pbt (15% g.f.) black, ul94v-0 insulator (receptacle) lcp beige or black, ul94v-0 umcc ?ultraminiature coax connector & cable assembly series page 2
specifications umcc ?ultraminiature coax connector & cable assembly series page 3 cable information 0.81 mm diameter 1.13 mm diameter 1.32mm diameter 1.37mm diameter materials: center conductor silver plated copper silver plated copper silver plated copper silver plated copper size stranded 7/0.05 mm stranded 7/0.08 mm stranded 7/0.08 mm stranded 7/0.10 mm dielectric fep or pfa fep fep fep size 0.40 mm od 0.62 mm od 0.66 mm od 0.83 mm od shield silver plated copper braid silver plated copper braid double spl braid silver plated copper braid coverage > 90% > 90% > 90% > 90% jacket fep or pfa fep > 90% > 90% size 0.81 mm od 1.13 mm od 1.32 mm od 1.37 mm od mechanical: minimum bend radius 5 mm single bend 5 mm single bend 5 mm single bend 5 mm single bend 30 mm continuous flexing 30 mm continuous flexing 30 mm continuous flexing 30 mm continuous flexing electrical: impedance (ohms) 502 502 502 502 velocity of propagation 70% 70% 70% 70% cc resistance (ohms/m) 1.450 0.750 0.560 0.354 voltage rating 60 vac 60 vac 60 vac 60 vac attenuation see chart see chart see chart see chart dimensions are millimeters over inches unless otherwise specified. -10 -9 -8 -7 -6 -5 -4 -3 -2 -1 0 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 frequency (ghz) 1.37mm od 1.32mm od 1.13mm od 0.81mm od umcc cable attenuation
standard double ended cable assemblies umcc ?ultraminiature coax connector & cable assembly series page 4 note: shortest length l is 25mm printed circuit board h (max) receptacle part number cable dia length l umcc cable mates with pcb mated height (h) connector type receptalce 2015697-3 0.81mm 50mm i style b 2.0mm 2015697-1 0.81mm 100mm i style b 2.0mm 2015697-2 0.81mm 200mm i style b 2.0mm 2015698-4 0.81mm 50mm ii style a 2.0mm 2015698-2 0.81mm 100mm ii style a 2.0mm 2015698-3 0.81mm 200mm ii style a 2.0mm 2015699-3 0.81mm 50mm iii style a 2.5mm 2015699-1 0.81mm 100mm iii style a 2.5mm 2015699-2 0.81mm 200mm iii style a 2.5mm 2015487-6 1.13mm 50mm iii style a 2.5mm 2015487-4 1.13mm 100mm iii style a 2.5mm 2015487-5 1.13mm 200mm iii style a 2.5mm 2015700-3 1.32mm 50mm iii style a 2.5mm 2015700-1 1.32mm 100mm iii style a 2.5mm 2015700-2 1.32mm 200mm iii style a 2.5mm 2015357-3 1.37mm 50mm iii style a 2.5mm 2015357-4 1.37mm 100mm iii style a 2.5mm 2015357-2 1.37mm 200mm iii style a 2.5mm 4mm ref l total length (mm) standard tolerance ) (mm) 25< l <200 +/- 2 200< l <700 +/- 3 700< l <900 +/-4 900< l +/-5 custom cable assembly lengths available. contact tyco electronics with specific requirements.
interseries cable assemblies umcc ?ultraminiature coax connector & cable assembly series page 5 part number description cable dia length umcc conn mated height type (h) 2032438-1 umcc plug to fme plug 1.37mm 200mm iii 2.5mm 2032439-1 umcc plug to sma plug 1.37mm 200mm iii 2.5mm 2032440-1 umcc plug to sma blkhd jack 1.37mm 200mm iii 2.5mm 2032441-1 umcc plug to mcx r/a plug 0.81mm 200mm ii 2.0mm 2032442-1 umcc plug to mcx r/a plug 1.37mm 200mm iii 2.5mm 2032443-1 umcc plug to mmcx r/a plug 0.81mm 200mm ii 2.0mm 2032444-1 umcc plug to mmcx r/a plug 1.37mm 200mm iii 2.5mm 200mm 20mm ref 200mm 20mm ref 20mm ref 200mm 200mm 20mm ref 200mm 20mm ref custom cable assembly lengths and connector confrgurations are available. contact tyco electronics with specific requirements.
adapters umcc ?ultraminiature coax connector & cable assembly series page 6 part number description umcc conn type 1775229-1 umcc plug to sma jack i 1775230-1 umcc plug to sma jack ii/iii 1775228-1 umcc jack receptacle to sma plug i 1775227-1 umcc jack receptacle to sma plug ii/iii part number 1775228 part number 1775229 14.0 [0.551] 10.0 [0.393] 5.6 [0.22] 6.25 [0.246] 2.5 [0.098] 5.3 [0.208] part number 1775230 14.0 [0.551] 10.0 [0.393] 5.6 [0.22] 6.25 [0.246] 2.6 [0.102] 5.3 [0.208] 10.60 [0.417] 1.10 [0.043] 1.90 [0.074] 8 hex part number 1775227 10.60 [0.417] 1.10 [0.043] 2.00 [0.078] 8 hex dimensions are millimeters [inches] unless otherwise specified
pcb receptacles CCstyle a umcc ?ultraminiature coax connector & cable assembly series page 7 printed circuit board h (max) receptacle no conductive traces in this are a umcc pcb receptacle - style a dimensions are millimeters [inches] unless otherwise specified part number description style mates with umcc mated height packaging cable conn type (h) 1566230-1 umcc pcb receptacle a ii/iii 2.0mm/2.5mm tape (2500 pieces/reel) 1566230-2 umcc pcb receptacle a ii/iii 2.0mm/2.5mm bulk (500 pieces/bag)
pcb receptacles style b umcc ?ultraminiature coax connector & cable assembly series page 8 printed circuit board h (max) receptacle part number description style mates with umcc mated height packaging cable conn type (h) 1775146-1 umcc pcb receptacle b i 2.0mm tape (2500 pieces/reel) 1775146-2 umcc pcb receptacle b i 2.0mm bulk (500 pieces/bag) no conductive traces in this are a umcc pcb receptacle - style b dimensions are millimeters [inches] unless otherwise specified
application notes umcc ?ultraminiature coax connector & cable assembly series page 9 recommended temperature profile (reference) 1) the preferred technique for mounting the smt receptacle package is to reflow solder the device onto a pcb (printed circuit board). 2) the maximum temperature for the lead of pcb surface does not exceed 240 . 3) the right reflow soldering profile is for reference and will modify under individual different conditions. hand soldering (reference only) 1) soldering iron: the maximum temperature 240 . 2) soldering period: within 5 seconds. soldering profile - smt receptacle standard receptacles 2.0+0.1 1.75 5.5 12.0 4.0+0.1 1.50 centercontact 0.30 1.60 8.0 dimensions of taping 330 1.4 13.0 dimensions reel (2500 pieces/reel) tape and reel packaging specifications
application notes umcc ?ultraminiature coax connector & cable assembly series page 10 ? copyright 2007 by tyco electronics corporation. all rights reserved. te logo and tyco electronics are trademarks. murata is a trademark of murata manufacturing company, ltd. murata manufacturing company, ltd. is not affiliated with the umcc product. hirose is a trademark of hirose electric u.s.a. hirose electric u.s.a. is not affiliated with the umcc product. other products, logos, and company names mentioned herein maybe trademarks of their respective owners. 1-1773441-5_11/07_ccce_pdf extraction tool pulling tool step 1 receptacle step 2 2n max. 2n max. print circuit board rf coax. cable 4n max. mating/unmaking ?cable plugs 1) to mate the connectors, insert the cable plug into the smt receptacle, making sure the cable plug is as vertical as possible and the mating axis of both connectors are aligned. do not insert on an extreme angle. 2) to unmate the connectors, insert the end portion of the extraction tool under the smt receptacle connector flanges and pull off vertically in the direction of the mating axis. permissible load do not apply excessive load to the cable after the connectors are mated. please refer to the permissible loads indicated in the figure to the right. part number: 1775231-1 dimensions are millimeters [inches] unless otherwise specified disclaimer while tyco electronics corporation and its affiliates referenced herein (?yco electronics? have made every reasonable effort to ensure the accuracy of the information in this catalog, tyco electronics does not guarantee that it is error free, nor does tyco elect ronics make any other representation, warranty or guarantee that the information is accurate, correct reliable or current. tyco electronics reserves the right to make any adjustments to the information contained herein at any time without notice. tyco electronics expressly disclaims all implied warranties regarding the information contained herein, including, but not limi ted to, any implied warranties of merchantability or fitness for a particular purpose. tyco electronics' only obligations are those in t he tyco electronics standard terms and conditions of sale, and in no case will tyco electronics be responsible for any incidental, indirect, or consequential damages arising from the sale, resale, or misuse of its products. users should independently evaluate the suitability of, and test each product for, their application


▲Up To Search▲   

 
Price & Availability of 1775146-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X