Part Number Hot Search : 
1052QN5 M35101 CY8C5488 RU2H30Q C06CM1 ISL6253 SIHFP 2MBXX
Product Description
Full Text Search
 

To Download 1206CS-911XMLD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  chip inductors C 1206cs series (3216) document 104-1 specifications subject to change without notice. document 104-1 revised 02/10/04 inductance 2 percent srf min 5 dcr max 6 i rms 7 part number 1 (nh) tolerance 3 q min 4 (mhz) (ohms) (ma) 1206cs-030x_b_ 3.3 @ 100 mhz 20,10, 5 30 @ 300 mhz 6200 0.050 1000 1206cs-060x_b_ 6.8 @ 100 mhz 20,10, 5 30 @ 300 mhz 5500 0.070 1000 1206cs-100x_b_ 10 @ 100 mhz 20,10, 5 40 @ 300 mhz 4000 0.080 1000 1206cs-120x_b_ 12 @ 100 mhz 20,10, 5,2 40 @ 300 mhz 3200 0.080 1000 1206cs-150x_b_ 15 @ 100 mhz 20,10, 5,2 40 @ 300 mhz 3200 0.100 1000 1206cs-180x_b_ 18 @ 100 mhz 20,10, 5,2 50 @ 300 mhz 2800 0.100 1000 1206cs-220x_b_ 22 @ 100 mhz 20,10, 5,2 50 @ 300 mhz 2200 0.100 1000 1206cs-270x_b_ 27 @ 100 mhz 20,10, 5,2 50 @ 300 mhz 1800 0.110 1000 1206cs-330x_b_ 33 @ 100 mhz 20,10, 5,2 55 @ 300 mhz 1800 0.110 1000 1206cs-390x_b_ 39 @ 100 mhz 20,10, 5,2 55 @ 300 mhz 1800 0.120 1000 1206cs-470x_b_ 47 @ 100 mhz 20,10, 5,2 55 @ 300 mhz 1500 0.130 1000 1206cs-560x_b_ 56 @ 100 mhz 20,10, 5,2,1 55 @ 300 mhz 1450 0.140 1000 1206cs-680x_b_ 68 @ 100 mhz 20,10, 5,2,1 55 @ 300 mhz 1200 0.260 900 1206cs-820x_b_ 82 @ 100 mhz 20,10, 5,2,1 55 @ 300 mhz 1200 0.210 900 1206cs-101x_b_ 100 @ 100 mhz 20,10, 5,2,1 55 @ 300 mhz 1100 0.260 850 1206cs-121x_b_ 120 @ 100 mhz 20,10, 5,2,1 60 @ 300 mhz 1100 0.260 800 1206cs-151x_b_ 150 @ 100 mhz 20,10, 5,2,1 60 @ 300 mhz 950 0.310 750 1206cs-181x_b_ 180 @ 50 mhz 20,10, 5,2,1 60 @ 300 mhz 900 0.430 700 1206cs-221x_b_ 220 @ 50 mhz 20,10, 5,2 ,1 60 @ 300 mhz 760 0.500 670 1206cs-271x_b_ 270 @ 50 mhz 20,10, 5,2 ,1 55 @ 300 mhz 730 0.560 630 1206cs-331x_b_ 330 @ 50 mhz 20,10, 5,2 ,1 45 @ 150 mhz 650 0.620 590 1206cs-391x_b_ 390 @ 50 mhz 20,10, 5,2 ,1 45 @ 150 mhz 600 0.750 530 1206cs-471x_b_ 470 @ 50 mhz 20,10, 5,2 ,1 45 @ 150 mhz 550 1.30 490 1206cs-561x_b_ 560 @ 35 mhz 20,10, 5,2 ,1 45 @ 150 mhz 470 1.34 460 1206cs-621x_b_ 620 @ 35 mhz 20,10, 5,2 ,1 45 @ 150 mhz 470 1.58 460 1206cs-681x_b_ 680 @ 35 mhz 20,10, 5,2 ,1 45 @ 150 mhz 450 1.58 430 1206cs-751x_b_ 750 @ 35 mhz 20,10, 5,2 ,1 45 @ 150 mhz 440 2.25 320 1206cs-821x_b_ 820 @ 35 mhz 20,10, 5,2 ,1 45 @ 150 mhz 420 1.82 400 1206cs-911x_b_ 910 @ 35 mhz 20,10, 5,2 ,1 45 @ 150 mhz 410 2.95 310 1206cs-102x_b_ 1000 @ 35 mhz 20,10, 5,2 ,1 45 @ 150 mhz 400 2.80 320 1206cs-122x_b_ 1200 @ 35 mhz 20,10, 5,2 ,1 45 @ 150 mhz 380 3.20 300 the 1206cs features high srf and excellent q values. their ceramic cores make 1% tolerances practical and economical and ensure the utmost in thermal stability, predictability and consistency. these parts can be or- dered with terminations that make them compliant with rohs standards. coilcraft designer?s kit c120 contains samples of all 5% inductance tolerance parts. to order, contact coilcraft or visit http://order.coilcraft.com to pur- chase on-line. 1. when ordering, specify tolerance , termination , and packaging codes: 1206cs-122x jbc tolerance: f =1% g = 2% j = 5% k = 10% m = 20% (table shows stock tolerances in bold.) termination: b = standard ag/pd/pt l = rohs compliant ag/pd/pt packaging: c =7 machine-ready reel. eia-481 embossed plastic tape (2000 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d =13 machine-ready reel. eia-481 embossed plastic tape. factory order only, not stocked (7500 parts per full reel). 2. inductance measured using a coilcraft smd-a fixture in an agilent/hp 4286a impedance analyzer with coilcraft-provided correlation pieces. 3. tolerances in bold are stocked for immediate shipment. 4. q measured at using an agilent/hp 4291a with an agilent/hp 16193 test fixture. 5. srf measured using an agilent/hp 8720d network analyzer and a coilcraft smd-d test fixture. 6. dcr measured on a cambridge technology micro-ohmmeter and a coilcraft ccf840 fixture. 7. average current for a 15c rise above 25c ambient. 8. operating temperature range ? 40c to +125c. 9. electrical specifications at 25c. see qualification standards section for environmental and test data. see color coding section for part marking data.
1206cs series (3216) document 104-2 specifications subject to change without notice. document 104-2 revised 08/12/03 typical q vs frequency typical l vs frequency a max b max c max d ref e f g h i j 0.140 0.085 0.060 0.020 0.056 0.020 0.080 0.076 0.040 0.070 3,56 2,16 1,52 0,51 1,42 0,51 2,03 1,93 1,02 1,78 a b overall c d terminal wraparound: approx 0.015/0,38 both ends i i j f f g h recommended land pattern e terminal 1000 10000 100 10 1 100 10 frequency (mhz) inductance (nh) 1000 1 1200 nh 560 nh 150 nh 47 nh 18 nh 3.3 nh 0 10 20 30 40 50 60 70 80 90 100 110 120 10 100 1000 10000 frequency (mhz) q factor 15 nh 3.3 nh 33 nh 150 nh 680 nh 330 nh weight: 19.5 ? 23.0 mg tape and reel: 2000/7 reel; 7500/13 reel 8 mm tape width for packaging data see tape and reel specifications section.


▲Up To Search▲   

 
Price & Availability of 1206CS-911XMLD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X