Part Number Hot Search : 
HFFXXX LB184709 LM351 2SK801 BTA06 BXL4004 2N038B 25552
Product Description
Full Text Search
 

To Download 0805085 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  phoenix contact inc., usa page 1 / 6 http://www.phoenixcon.com feb 25, 2010 extract from the online catalog ? mstbv 2,5/ 2-g-5,08 order no.: 1758018 the figure shows a 10-position version of the product http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1758018 ? ? header, nominal current: 12 a, nom. voltage: 250 v, pitch: 5.08 mm, number of positions: 2, color: green, assembly: soldering ? commercial data ean 4017918030223 pack 50 pcs. customs tariff 85366990 weight/piece 0.001081 kg catalog page information page 251 (cc-2009) product notes weee/rohs-compliant since: 01/01/2003 http:// www.download.phoenixcontact.com please note that the data given here has been taken from the online catalog. for comprehensive information and data, please refer to the user documentation. the general terms and conditions of use apply to internet downloads. technical data dimensions / positions length 8.6 mm pitch 5.08 mm dimension a 5.08 mm number of positions 2 pin dimensions 1 x 1 mm
mstbv 2,5/ 2-g-5,08 order no.: 1758018 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1758018 phoenix contact inc., usa page 2 / 6 http://www.phoenixcon.com feb 25, 2010 hole diameter 1.4 mm technical data insulating material group iiia rated surge voltage (iii/3) 4 kv rated surge voltage (iii/2) 4 kv rated surge voltage (ii/2) 4 kv rated voltage (iii/2) 320 v rated voltage (ii/2) 400 v connection in acc. with standard en-vde nominal current i n 12 a nominal voltage u n 250 v maximum load current 12 a insulating material pbt inflammability class acc. to ul 94 v0 certificates / approvals certification cb, csa, cul, gost, ul, vde-pzi csa nominal voltage u n 300 v nominal current i n 10 a cul nominal voltage u n 300 v nominal current i n 10 a ul nominal voltage u n 300 v nominal current i n 10 a
mstbv 2,5/ 2-g-5,08 order no.: 1758018 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1758018 phoenix contact inc., usa page 3 / 6 http://www.phoenixcon.com feb 25, 2010 accessories item designation description assembly 1755477 mstb-bl keying cap, for forming sections, plugs onto header pin, green insulating material marking 1051993 b-stift marker pen, for manual labeling of unprinted zack strips, smear- proof and waterproof, line thickness 0.5 mm 0804293 sk 5,08/3,8:fortl.zahlen marker card, printed horizontally, self-adhesive, 12 identical decades marked 1-10, 11-20 etc. up to 91-(99)100, sufficient for 120 terminal blocks 0805085 sk 5,08/3,8:so marker card, special printing, self-adhesive, labeled acc. to customer requirements, 12 identical marker strips per card, max. 25-position labeling per strip, color: white 0805412 sk 5,08/3,8:unbedruckt marker cards, unprinted, with pitch divisions, self-adhesive, 10- section marker strips, 12 strips per card, can be labeled with the m-pen plug/adapter 1734401 cr-mstb coding section, inserted into the recess in the header or the inverted plug, red insulating material additional products item designation description general 1872693 a-icv 2,5/ 2-g-5,08 base strip, nominal current: ? 12 a, nominal voltage: ? 250 v, mounting type: ? din rail mounting, number of positions: ? 2, pitch: ? 5.08 mm, color: ? green 1873058 fkc 2,5/ 2-st-5,08 plug component, nominal current: 12 a, nom. voltage: 250 v, pitch: 5.08 mm, number of positions: 2, connection type: spring- cage conn., color: green 1902110 fkct 2,5/ 2-st-5,08 plug component, nominal current: 12 a, nom. voltage: 250 v, pitch: 5.08 mm, number of positions: 2, connection type: spring- cage conn., color: green 1873951 fkcvr 2,5/ 2-st-5,08 plug component, nominal current: 12 a, nom. voltage: 250 v, pitch: 5.08 mm, number of positions: 2, connection type: spring- cage conn. 1873650 fkcvw 2,5/ 2-st-5,08 plug component, nominal current: 12 a, nom. voltage: 250 v, pitch: 5.08 mm, number of positions: 2, connection type: spring- cage conn.
mstbv 2,5/ 2-g-5,08 order no.: 1758018 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1758018 phoenix contact inc., usa page 4 / 6 http://www.phoenixcon.com feb 25, 2010 1777280 front-mstb 2,5/ 2-st-5,08 plug component, nominal current: 12 a, nom. voltage: 250 v, pitch: 5.08 mm, number of positions: 2, connection type: screw connection, color: green 1786404 ic 2,5/ 2-g-5,08 header, nominal current: 12 a, nom. voltage: 320 v, pitch: 5.08 mm, number of positions: 2, assembly: soldering 1785942 icv 2,5/ 2-g-5,08 header, nominal current: 12 a, nom. voltage: 320 v, pitch: 5.08 mm, number of positions: 2, color: green, assembly: soldering 1757019 mstb 2,5/ 2-st-5,08 plug component, nominal current: 12 a, nom. voltage: 250 v, pitch: 5.08 mm, number of positions: 2, connection type: screw connection, color: green 1808816 mstbc 2,5/ 2-st-5,08 plug component, nominal current: 12 a, nom. voltage: 320 v, pitch: 5.08 mm, number of positions: 2, connection type: crimp connection, color: green 1809501 mstbc 2,5/ 2-stz-5,08 plug component, nominal current: 12 a, nom. voltage: 320 v, pitch: 5.08 mm, number of positions: 2, connection type: crimp connection 1769010 mstbp 2,5/ 2-st-5,08 plug component, nominal current: 12 a, nom. voltage: 250 v, pitch: 5.08 mm, number of positions: 2, connection type: screw connection, color: green 1779987 mstbt 2,5/ 2-st-5,08 plug component, nominal current: 12 a, nom. voltage: 250 v, pitch: 5.08 mm, number of positions: 2, connection type: screw connection, color: green 1824120 mstbu 2,5/ 2-std-5,08 plug component, nominal current: ? 12 a, nom. voltage: ? 320 v, pitch: ? 5.08 mm, number of positions: ? 2, connection type: ? screw connection, assembly: ? direct mounting, color: ? green 1792249 mvstbr 2,5/ 2-st-5,08 plug component, nominal current: 12 a, nom. voltage: 250 v, pitch: 5.08 mm, number of positions: 2, connection type: screw connection, color: green 1792757 mvstbw 2,5/ 2-st-5,08 plug component, nominal current: 12 a, nom. voltage: 250 v, pitch: 5.08 mm, number of positions: 2, connection type: screw connection, color: green 1883255 qc 1/ 2-st-5,08 plug component, nominal current: 10 a, nom. voltage: 500 v, pitch: 5.08 mm, number of positions: 2, connection type: insulation displacement connection quickon, color: green 1826283 smstb 2,5/ 2-st-5,08 plug component, nominal current: 12 a, nom. voltage: 250 v, pitch: 5.08 mm, number of positions: 2, connection type: screw connection, color: green 1853010 tmstbp 2,5/ 2-st-5,08 plug component, nominal current: 12 a, nom. voltage: 250 v, pitch: 5.08 mm, number of positions: 2, connection type: screw connection, color: green 1873029 zfkk 1,5-icv-5,08 feed-through modular terminal block, connection method: ? special and hybrid connection, cross section: ? 0.2 mm2 ? - ? 2.5 mm2, width: ? 5.1 mm, color: ? gray
mstbv 2,5/ 2-g-5,08 order no.: 1758018 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1758018 phoenix contact inc., usa page 5 / 6 http://www.phoenixcon.com feb 25, 2010 diagrams/drawings drilling plan/solder pad geometry dimensioned drawing
mstbv 2,5/ 2-g-5,08 order no.: 1758018 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=1758018 phoenix contact inc., usa page 6 / 6 http://www.phoenixcon.com feb 25, 2010 address phoenix contact inc., usa 586 fulling mill road middletown, pa 17057,usa phone (800) 888-7388 fax (717) 944-1625 http://www.phoenixcon.com ? 2010 phoenix contact technical modifications reserved;


▲Up To Search▲   

 
Price & Availability of 0805085

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X