Part Number Hot Search : 
M5244 D5641AK 13191 BP5040 N4002 FM32L276 TA0381A 278M00
Product Description
Full Text Search
 

To Download 050N60PA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2007. 8. 9 1/6 semiconductor technical data kmb050N60PA n channel mos field effect transistor revision no : 1 general description it s mainly suitable for low viltage applications such as automotive, dc/dc converters and a load switch in battery powered applications features v dss = 60v, i d = 50a drain-source on resistance : r ds(on) =18m (max.) @v gs = 10v mosfet maximum rating (ta=25 unless otherwise noted) dim millimeters to-220ab 1.46 a b c d e f g h j k m n o 0.8 0.1 + _ 2.8 0.1 + _ 2.54 0.2 + _ 1.27 0.1 + _ 1.4 0.1 + _ 13.08 0.3 + _ 3.6 0.2 + _ + _ 9.9 0.2 + _ 9.2 0.2 + _ 4.5 0.2 + _ 2.4 0.2 15.95 max 1.3+0.1/-0.05 0.5+0.1/-0.05 3.7 1.5 a f b j g k m l l e i i o c h nn q d q p p 1. gate 2. drain 3. source 12 3 g d s characteristic symbol rating unit drain-source voltage v dss 60 v gate-source voltage v gss 25 v drain current dc i d * 50 a pulsed (note 1) i dp 200 a drain-source diode forward current i s 50 a drain power dissipation p d * 25 120 w maximum junction temperature t j -55 175 storage temperature range t stg -55 175 note1) pulse test : pulse width 10 s duty cycle 1% characteristic symbol rating unit thermal resistance, junction-to-ambient r thja 62.5 /w thermal resistance, junction-to-case r thjc 1.24 /w thermal characteristics equivalent circuit free datasheet http:///
2007. 8. 9 2/6 kmb050N60PA revision no : 1 mosfet electrical characteristics (ta=25 unless otherwise noted) note 1) pulse test : pulse width 10 s, duty cycle 1%. note 2) essentially independent of operating temperature. characteristic symbol test condition min. typ. max. unit static drain-source breakdown voltage bv dss i d =250 a, v gs =0v 60 - - v drain cut-off current i dss v ds =60v, v gs =0v, - - 1 a gate leakage current i gss v gs = 25v, v ds =0v - - 100 na gate threshold voltage v th v ds =v gs , i d =250 a 2.0 - 4.0 v drain-source on resistance r ds(on) v gs =10v, i d =25a - 16 18 forward transconductance g fs v ds =25v, i d =25a - 22 - dynamic input capacitance c iss v ds =25v, v gs =0v, f=1.0mhz - 1050 1365 pf output capacitance c oss - 70 90 reverse transfer capacitance c rss - 460 600 total gate charge q g v ds = 48v, v gs = 10v, i d =25a (note1,2) - 49 59 nc gate-source charge q gs - 10 - gate-drain charge q gd - 13 - turn-on delay time t d(on) v dd = 30v i d =25a r g = 25 (note1,2) - 20 50 turn-on rise time t r - 100 210 ns turn-off delay time t d(off) - 80 170 turn-off fall time t f - 85 185 diode electrical characteristics (ta=25 unless otherwise noted) characteristic symbol test condition min. typ. max. unit diode forward voltage v sd i sd =50a, v gs =0v - - 1.5 v reverse recovery time t rr v gs =0v, i s =50a, dif/dt=100a/ s - 50 - 701 a 2 2 kmb 050n60p product name lot no 1 1 marking free datasheet http:///
2007. 8. 9 3/6 kmb050N60PA revision no : 1 drain current i d (a) fig 4. r ds(on) - i d on - resistance r ds(on) ( ? ) 0.00 0.03 0.05 0.04 0.01 0.02 0100 50 150 200 v gs = 10v v gs = 20v fig 6. r ds(on) - t j 0 50 -100 -50 100 200 150 normalized on resistance 0.0 0.5 2.5 1.0 1.5 2.0 junction temperature t j ( ) c v gs = 10v i ds = 25a normalized breakdown voltage bv dss fig 3. bv dss - t j -100 -50 0.8 0.9 1.2 1.0 1.1 050 100 200 150 junction temperature tj ( ) c v gs = 0v i ds = 250 fig 5. i s - v sd 0.2 0.4 0.8 0.6 1.2 1.0 1.6 1.4 reverse drain current i s (a) source - drain voltage v sd (v) 10 0 10 1 10 2 175 c 25 c fig 1. i d - v ds drain - source voltage v ds (v) 0 0.2 0.4 0.6 0.8 1.0 0 10 20 30 40 50 drain current i d (a) v gs = 0v 250 s pulse test 15 10 6 5 4.5 4 3.5 25 v gs =3v fig 2. i d - v gs drain - source voltage v gs (v) 0246810 0 20 40 60 80 100 drain current i d (a) tc=-55 c 100 free datasheet http:///
2007. 8. 9 4/6 kmb050N60PA revision no : 1 drain current i d (a) gate - charge q g (nc) fig 7. c - v ds drain - source voltage v ds (v) drain - source voltage v ds (v) 0 12 10 6 2 4 8 40 20 30 50 10 35 15 25 45 5 0 fig 8. q g - v gs fig 9. safe operation area capacitance (pf) gate - source voltage v gs (v) 0 1000 2000 500 1500 3000 3500 2500 10 -1 10 0 10 1 10 1 10 1 10 3 10 0 10 0 10 2 10 2 10 -1 frequency = 1mhz 0 10 30 50 20 40 60 75 175 150 125 50 100 25 drain current i d (a) i d = 50a fig 10. i d - t j c rss t c = 25 t j = 150 single nonrepetitive pulse c c operation in this area is limited by r ds(on) 1ms 10ms 100 s dc square wave pulse duration (sec) 10 -5 10 -3 10 -2 10 -1 10 0 10 1 10 -4 0.01 0.1 1 fig 11. r th - duty factor, d= t 1 /t 2 t j(max) - t c - r thjc = p d t 1 t 2 p dm duty=0.5 single pulse 0. 05 0 .02 0 . 0 1 0.2 0 .1 junction temperature t j ( ) c transient thermal impedance [ / w] c c oss c iss free datasheet http:///
2007. 8. 9 5/6 kmb050N60PA revision no : 1 - gate charge i d i d v ds v gs v gs v ds v ds v gs 1.0 ma 0.8 x v dss 0.5 x v dss 0.5 x v dss schottky diode 10v -4.5v 6 ? r l q g q gd q gs q t r t d(off) t off t d(on) t on t f t p 90% 10% - resistive load switching - single pulsed avalanche energy v ds (t) i d (t) v ds v gs 10 v 25 ? l time e as = li as 2 bv dss - v dd bv dss 1 2 v dd i as bv dss v gs free datasheet http:///
2007. 8. 9 6/6 kmb050N60PA revision no : 1 - source - drain diode reverse recovery and dv /dt i f i s v ds v sd 0.8 x v dss i sd (dut) v ds (dut) v gs 10v driver dut body diode recovery dv/dt body diode forword voltage drop body diode forword current body diode reverse current di/dt v dd i rm free datasheet http:///


▲Up To Search▲   

 
Price & Availability of 050N60PA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X