t, m , c www.vishay.com vishay dale revision: 25-jun-13 1 document number: 33003 for technical questions, contact: thermistor1@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ntc thermistors, radial leaded and coated features ? small size - conformally coated ? wide resistance range ? available in 7 different r-t curves ? available in point matche d tolerances down to 1 % and curve tracking precision down to 0.2 c ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications temperature measurement, sensing and control in industrial, consumer and telecom applications. for on-board sensing or for accura te remote sensing in metal probes or housings. description models t, m, and c are conformally coated, leaded thermistors. the coating is bake d-on phenolic for durability and long-term stability. models m and c have tinned solid copper leads. model t has solid nickel wires with teflon ? insulation. design-in support for complete curve computation, visit: www.vishay.com/resistors-non-linear/curve-computation-list/ note (1) for information only, dissipation factor, response time, and ther mal time constant ar e wire type and prod uct size dependent. note ? most popular and available values, intermediate resistance values and tolerances available on request. quick reference data parameter value unit resistance value at 25 c 30 to 1m tolerance on r 25 -value (point matched) 1, 5, 10 % temperature accuracy (curve tracking) 0.2, 0.5, 1 c b 25/75 -value 3477 to 4842 k b 25/85 -value 3468 to 4875 k maximum dissipati on 50 to 100 mw dissipation factor (for information only) 2 to 3.5 mw/k thermal time constant (for information only) 6 to 14 s response time (oil) (for information only) 1.3 s operating temperature range at zero power (short term) - 40 to + 125 (150) c weight 0.075 to 0.15 g t, m, c product data and r 25 resistance range availability curve b 25/75 (k) b 25/85 (k) tcr 25 (%/k) t (k ) m (k ) c (k ) r 25 tol. availability 2 3477 3486 - 3.84 0.03 to 3.3 1, 5, 10 9 3679 3694 - 4.03 10 to 56 1, 5, 10 8 3925 3943 - 4.30 20 to 220 1, 5, 10 1 3964 3974 - 4.39 0.2 to 18 1, 5, 10 4 4247 4262 - 4.67 10 to 100 1, 5, 10 7 4437 4461 - 4.83 10 to 270 1, 5, 10 12 4842 4875 - 5.23 47 to 1000 1, 5, 10 maximum dissipation at 25 c in mw 50 75 100 dissipation factor in mw/k (1) 2.0 2.5 3.0 response time in s (1) 1.3 1.2 1.4 thermal time constant in s (1) 14 10 6 standard resistance values at 25 c in 33 82 270 680 2.2k 5.6k 18k 50k 150k 500k 39 100 330 820 2.7k 6.8k 22k 56k 220k 560k 47 120 390 1k 3.3k 8.2k 27k 68k 270k 680k 50 150 470 1.2k 3.9k 10k 33k 82k 330k 820k 56 180 500 1.5k 4.7k 12k 39k 100k 390k 1m 68 220 560 1.8k 5.0k 15k 47k 120k 470k
t, m , c www.vishay.com vishay dale revision: 25-jun-13 2 document number: 33003 for technical questions, contact: thermistor1@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) see following pages for tolerance explanations and details. dimensions in inches (millimeters) note (2) additional wire gaug es (non-insulated) available as aw g24 (type e), awg26 (type b) and awg32 (type f). please contact vishay ( thermistor1@vishay.com ) for further details. note (3) maximum body diameter is depend ent on selected curve number and value, the lower resistance values have the largest diameter. f or a specific part number within the given resistance ranges, please contact thermistor1@vishay.com for maximum diameter information. global part number and ordering information global part numbering: 01c2001fp for point matched thermistors curve nr global model resistance val point match tolerance packaging 01 02 04 07 08 09 12 t m c 2001 = 2k 1503 = 150k f = 1 % j = 5 % k = 10 % f = lead (pb)-free, bulk p = tin/lead, bulk global part numbering: 01c2001spc3 for curve tracking thermistors curve global model resistance val characteristics packaging curve track tolerance (1) 01 02 04 08 09 t m c 2001 = 2k sf = lead (pb)-free, bulk p = tin/lead, bulk a2 a3 a4 a5 a8 b2 b3 b4 b5 b8 c2 c3 c5 c8 product type wire gauge/diameter (2) type m awg 30: 0.0100 (0.254) type c awg 28: 0.0126 (0.320) type t insulated awg 30: 0.0100 (0.254) curve number r 25 min. ( ) max. diameter (inch (mm)) standard r 25 range ( ) max. diameter (inch (mm)) 2 30 0.342 (8.69) 330 to 3k 0.095 (2.41) to 0.136 (3.45) 9 10k 0.150 (3.81) 10k to 56k 0.095 (2.41) to 0.150 (3.81) 8 20k 0.131 (3.33) 27k to 220k 0.095 (2.41) to 0.125 (3.18) 1 200 0.315 (8.00) 1.8k to 18k 0.095 (2.41) to 0.136 (3.45) 4 10k 0.136 (3.45) 10k to 100k 0.095 (2.41) to 0.136 (3.45) 7 10k 0.177 (4.50) 27k to 270k 0.095 (2.41) to 0.136 (3.45) 12 47k 0.252 (6.40) 330k to 1m 0.095 (2.41) to 0.136 (3.45) tinned copper wire teflon insulated nickel wire d 0.25 (6.35) nom. 1.5 (36.1) min. clean lead length 3 0.25 (76.2 6.4) d type m, c type t 2001 p f 1c 0 2001 pc s 1c 0 3
t, m , c www.vishay.com vishay dale revision: 25-jun-13 3 document number: 33003 for technical questions, contact: thermistor1@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 tolerances available for type t, m, and c thermistors description of thermistor tolerances the many applications of thermistors have mandated the need for two basic tolerance scheme s for these products - curve tracking and point match thermistors. an example of the resistance tolerance at various temperatures fo r the two different tolerancing methods is descri bed in the following graph: fig. 1 curve tracking tolerance thermistors are calibrated at the high temperature of the curv e track range and then final tested at the low temperature of the curve track range. this ensures that the thermistor will meet the specified temperature accuracy at every temperature within the desired temperatu re range. several temperature ranges are availa ble and the accuracy of the thermistor may be 0.2 c, 0.5 c, and 1.0 c. the curve tracking temperature ranges and their code designat ors are shown in figure 1 and standard electrical specifications for curve tracking thermistors table. to specify, add the appropriate suffix from the following table to the part number. example: 01m1002sfb3 = curve 1, 10 k at + 25 c, curve tracking to 0.5 c from 0 c to + 70 c standard electrical specifications for curve tracking thermistors temperature range for specified accuracy 0 c to + 70 c - 20 c to + 50 c 0 c to + 100 c 25 c to + 90 c 0 c to + 50 c accuracy 1 c 0.5 c 0.2 c 1 c 0.5 c 0.2 c 1 c 0.5 c 0.2 c 1 c 0.5 c 0.2 c 1 c 0.5 c 0.2 c part no. suffix - a3 - b3 - c3 - a2 - b2 - c2 - a4 - b4 - c4 - a5 - b5 - c5 - a8 - b8 - c8 curve number 01 xxxxxxxxn/axxxxxx 02 x x x x x n/a x x n/a x x x x x x 04 xxxxxxxxn/axxxxxx 08 xxxxxxxxn/axxxxxx 09 xxxxxxxxn/axxxxxx tolerance ( %) temperature (c) 5 % point match curve 1 c curve track curve 25 c 10 9 8 7 6 5 4 3 2 1 0 - 50 - 40 - 30 - 20 - 10 0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 a5 a4 a2 a8 a3
t, m , c www.vishay.com vishay dale revision: 25-jun-13 4 document number: 33003 for technical questions, contact: thermistor1@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 point match tolerance the standard leaded thermistors ar e calibrated and tested at 25 c to a tolerance of 5 % or 10 %; however, tighter toleranc e, point matched thermistors are readily available as are sp ecial point match temperatures to fit your application. since these thermistors have only one controlled point of refe rence (the point matc h temperature), the re sistance at other temperatures is given by the specific curve resistance vs . temperature ratio. point match tolerances vs. temperature fig. 2 point match resistance tolera nces at tempe ratures other than 25 oc are not the same as at the calibration temperature. this difference is presented in figure 2. the tolerance at any given te mperature is the point match tolerance plus a manufacturing tolerance depending on the specific curve. design-in support a spreadsheet is available for the vishay thermistor part nu mbers that gives you the resist ance vs temperatu re data, the temperature coefficients and accuracy levels at any given temperature range and step. the steinhart & hart formula and coefficients a, b, and c are shown as well. this data can be obtained by visiting the vishay ntc curve computation page at: www.vishay.com/resistors-non-linear/ntc-curve-list/ or send your part number with requ ired temperature range and step to thermistor1@vishay.com . 25 c nominal r vs. t max. r vs. t min. r vs. t pivot point (calibration temperature) temperature resistance
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.
|