Part Number Hot Search : 
COLTD 4THBXXXM SKY65119 BT861KRF PVN013 2N4203 23AC2 120EIB
Product Description
Full Text Search
 

To Download ZM4728A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet semiconductor http://www.yeashin.com 1 rev.02 20120305 zm47xxa series 1 watt d l-41 hermetically sealed glass zener voltage regulators absolute maximum ratings t a = 25c unless otherwise noted parameter value units storage temperature range -65 to +200 c maximum junction operating temperature +175 c total device dissipation 1.0 watt thermal resistance junction to ambient 170 c / w these ratings are limiting values above which the serviceability of the diode may be impaired. specification features: ? zener voltage range 3.3 to 56 volts ? d l-41 melf package (jedec do-213ab) ? surface mount devices (smd) ? hermetically sealed glass ? compression bonded construction ? all external surfaces are corrosion resistant and leads are readily solderable ? cathode indicated by polarity band electrical characteristics t a = 25c unless otherwise noted device type v z @ i zt (volts) nominal i zt (ma) z zt @ i zt ( ? ) max i zk (ma) z zk @ i zk ( ? ) max i r @ v r ( a) max v r (volts) ZM4728A 3.3 76 10 1 400 100 1 zm4729a 3.6 69 10 1 400 100 1 zm4730a 3.9 64 9 1 400 50 1 zm4731a 4.3 58 9 1 400 10 1 zm4732a 4.7 53 8 1 500 10 1 zm4733a 5.1 49 7 1 550 10 1 zm4734a 5.6 45 5 1 600 10 2 zm4735a 6.2 41 2 1 700 10 3 zm4736a 6.8 37 3.5 1 700 10 4 zm4737a 7.5 34 4 0.5 700 10 5 zm4738a 8.2 31 4.5 0.5 700 10 6 zm4739a 9.1 28 5 0.5 700 10 7 zm4740a 10 25 7 0.25 700 10 7.6 zm4741a 11 23 8 0.25 700 5 8.4 zm4742a 12 21 9 0.25 700 5 9.1 zm4743a 13 19 10 0.25 700 5 9.9 zm4744a 15 17 14 0.25 700 5 11.4 zm4745a 16 15.5 16 0.25 700 5 12.2 zm4746a 18 14 20 0.25 700 5 13.7 zm4747a 20 12.5 22 0.25 750 5 15.2 zm4748a 22 11.5 23 0.25 750 5 16.7 cathode anode electrical symbol surface mount d l-41 device marking diagram cathode band color: blue
http://www.yeashin.com 2 rev.02 20120305 zm47xxa series electrical characteristics t a = 25c unless otherwise noted device type v z @ i zt (volts) nominal i zt (ma) z zt @ i zt ( ? ) max i zk (ma) z zk @ i zk ( ? ) max i r @ v r ( a) max v r (volts) zm4749a 24 10.5 25 0.25 750 5 18.2 zm4750a 27 9.5 35 0.25 750 5 20.6 zm4751a 30 8.5 40 0.25 1000 5 22.8 zm4752a 33 7.5 45 0.25 1000 5 25.1 zm4753a 36 7 50 0.25 1000 5 27.4 zm4754a 39 6.5 60 0.25 1000 5 29.7 zm4755a 43 6 70 0.25 1500 5 32.7 zm4756a 47 5.5 80 0.25 1500 5 35.8 zm4757a 51 5 95 0.25 1500 5 38.8 zm4758a 56 4.5 110 0.25 2000 5 42.6 v f forward voltage = 1.2 v maximum @ i f = 200 ma for all types notes: 1. the device numbers listed have a standard tolerance on the nominal zener voltage of 5%. 2. for detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighte r 3. the zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current ( i zt or i zk ) is superimposed to i zt or i zk. electrical symbol definition typical characteristics symbol parameter v z reverse zener voltage @ i zt i zt reverse current z zt maximum zener impedance @ i zt i zk reverse current z zk maximum zener impedance @ i zk i r reverse leakage current @ v r v r breakdown voltage i f forward current v f forward voltage @ i f v i (mv) (v) (ma) (ma) v f i f v r i r v z i zt (na)
http://www.yeashin.com 3 rev.02 20120305 zm47xxa series package outline & dimensions package outline package case outline d l- 41 melf d l- 41 melf millimeters inches dim min max min max a 4.80 5.20 0.189 0.205 b 2.39 2.66 0.094 0.105 c 0.41 0.55 0.016 0.022 notes: 1. all dimensions are within do-213ab jedec standard. 2. d l-41 melf polarity denoted by cathode band. b c a


▲Up To Search▲   

 
Price & Availability of ZM4728A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X