Part Number Hot Search : 
KP20A CT534 ACA0861C 48S15 2SD20 00110 MAN6610 BYV2100
Product Description
Full Text Search
 

To Download TVB180SA-L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document: scd 27284 sibar thyristor surge protectors status: r eleased ? 2009 tyco electronics corporation. all rights reserved. 1 rev: c date: september 29, 2009 sibar thyristor surge protectors tvbxxxsa-l series raychem circuit protection 's sibar thyristor surge protection devices are design ed to help protect sensitive telecommunication equipment from the hazards caused by lightning, power contact, and power induction. these devices have a high electrical surge capability to help protect against transient faults and a high off-state impedance, rendering them vi rtually transparent during normal system operation. sibar thyristor surge protectors are designed to assist telecommunication and computer telephony equipment in meeting the applicable requirements and industry specifications. benefits: ? helps provide protection for sensitive telecom electronic equipment ? low leakage current ? low power dissipation ? fast, reliable operation ? no wear-out mechanisms ? helps designers meet worldwide telecom standards ? helps reduce warranty and service costs ? easy installation ? helps improve power efficiency of equipment features: ? rohs compliant ? bidirectional crowbar transient voltage protection ? broad voltage range 58v ? 300v with improved vdrm/vbo voltage range ? high off-state impedance ? low on-state voltage ? high surge capability ? short-circuit failure mode ? surface-mount technology ? do-214aa smb package ? 10 x 1000 s 50a surge rating ? helps equipment comply with tia-968, telcordia gr-1089, iec6 1000-4-5, itu k.20/21/45 applications: ? modems ? set top boxes ? fax machines ? pos systems ? phones, answering machines ? analog and digital linecards (xdsl, t1/e1...) ? pbx systems ? other customer premise and central office network equipment requiring protection
document: scd 27284 sibar thyristor surge protectors status: r eleased ? 2009 tyco electronics corporation. all rights reserved. 2 rev: c date: september 29, 2009 sibar thyristor surge protectors tvbxxxsa-l series table sb2 ? surge current rating tia-968 telcordia gr-1089* iec61000-4-5 itu k.20/21/45* type a type b part number i pp (a) 5 x 320 s i pp (a) 10 x 560 s pp (a) 10 x 160 s i pp (a) 10 x 1000 s i pp (a) 2 x 10 s i pp (a) 8 x 20 s i pp (a) 5 x 310 s (voc: 10 x 700 s) i tsm min. (a) di/dt (a/s) dv/dt (v/s) tvbxxxsa-l 90 70 100 50 150 150 90 22 500 2000 notes: *lightning current wave forms for applicable industry specification. i tsm , peak on-state surge current is measured at 60 hz, one cycle. di/dt: critical rate-of-rise of on-state current (pulsed power amplifier vmax = 600v; c = 30f). dv/dt: critical rate-of-rise of off-sta g e volta g e ( linear wave form , v d = rated v bo , t j = 25c table sb1 - electrical characteristics part number v dm max. (v) v bo max. (v) i h min. (ma) v t max. (v) c1 (typ) 50v dc bias c2 (typ) 2v dc bias off-state current vd2=vdm ( a) tvb058sa-l 58 77 150 4 43 80 5 tvb170sa-l 170 265 150 4 18 35 5 TVB180SA-L 180 219 150 4 30 (max) 60 (max) 5 tvb200sa-l 200 320 150 4 18 35 5 tvb270sa-l 270 365 150 4 15 32 5 tvb300sa-l 300 400 150 4 14 27 5 notes: all electrical characteristics are measured at 25c. v dm measured per ul497b pulse requirements: at max. off-state leakage current (idm) = 5 a. v bo measured at 100v/s. c1 measured at 1 mhz with a 50 v dc bias. c2 measured at 1mhz with a 2v dc bias.
document: scd 27284 sibar thyristor surge protectors status: r eleased ? 2009 tyco electronics corporation. all rights reserved. 3 rev: c date: september 29, 2009 sibar thyristor surge protectors tvbxxxsa-l series table sb3 ? dimensions in millimeters a b c d dimension min. max. min. max. min. max. min. max. 4.06 4.57 3.30 3.94 1.90 2.41 1.95 2.20 tvbxxxsa-l (0.160) (0.180) (0.130) (0.155) (0.075) (0.095) (0.077) (0.087) h j k p s dimension min. max. min. max. min. max. ref min max. 0.051 0.200 0.150 0.31 0.76 1.27 0.51 5.21 5.59 tvbxxxsa-l (0.002) (0.008) (0.006) (0.012) (0.030) (0.050) (0.202) (0.205) (0.220) notes: *d dimension is measured within dimension p. tvb series devices use industry standard smb package type. all devices are bidirectional and may be oriented in either direction for installation table sb5 ? reliability tests test conditions duration high temperature, reverse bias +100c, 50vdc bias 1000 hours high humidity, high temperature, reverse bias 85% rh, +85c, 50vdc bias 1000 hours high temperature storage life +150c 1000 hours temperature cycling -65c to +150c, 15 minute dwell 1000 cycles autoclave 100% rh, +121c, 15 psi 96 hours table sb4 ? physical characteristics and environmental specifications lead material matte tin finish (-l devices) encapsulating material epoxy, meets ul94v-0 requirements solderability per mil-std-750, method 2026 solder heat withstand per mil-std-750, method 2031 solvent resistance per mil-std-750, method 1022 mechanical shock per mil-std-750, method 2016 vibration per mil-std-750, method 2056 storage temperature (c) -55 to 150 operating temperature (c) -40 to 125 junction temperature (c) 175 maximum lead temperature for soldering purpose; for 10s (c) 260
document: scd 27284 sibar thyristor surge protectors status: r eleased ? 2009 tyco electronics corporation. all rights reserved. 4 rev: c date: september 29, 2009 sibar thyristor surge protectors tvbxxxsa-l series
document: scd 27284 sibar thyristor surge protectors status: r eleased ? 2009 tyco electronics corporation. all rights reserved. 5 rev: c date: september 29, 2009 sibar thyristor surge protectors tvbxxxsa-l series 308 constitution drive, ms r21/2a tel (800) 227-7040 www.circuitproection.com menlo park, ca usa 94025-1164 (650) 361-6900 www.circuitprotection.com.hk (chinese) fax (650) 361-2508 www.circuitprotection.jp (japanese) raychem, polyswitch, sibar, te logo and tyco electronics are trademarks. all other trademarks and copyrights are property of their respective owners. table sb6 ? packaging and marking information recommended pad layout (millimeters/inchs) part description tape and reel quantity standard package part marking dimension a (nom.) dimension b (nom.) dimension c (nom.) agency recognition* tvb058sa-l 2,500 10,000 058a 2.261 (0.089) 2.159 (0.085) 2.743 (0.108) -- tvb170sa-l 2,500 10,000 170a 2.261 (0.089) 2.159 (0.085) 2.743 (0.108) ul TVB180SA-L 2,500 10,000 180a 2.261 (0.089) 2.159 (0.085) 2.743 (0.108) ul tvb200sa-l 2,500 10,000 200a 2.261 (0.089) 2.159 (0.085) 2.743 (0.108) ul tvb270sa-l 2,500 10,000 270a 2.261 (0.089) 2.159 (0.085) 2.743 (0.108) ul tvb300sa-l 2,500 10,000 300a 2.261 (0.089) 2.159 (0.085) 2.743 (0.108) ul * ul497b, file # e179610


▲Up To Search▲   

 
Price & Availability of TVB180SA-L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X