Part Number Hot Search : 
ML145403 LBT14303 PJL9436A 1370F HAT2170H RXXP09D TCLLZ10V ACS32K
Product Description
Full Text Search
 

To Download SOD-123 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features  low forward voltage drop  guard ring construction for transient protection  fast switching time  low reverse capacitance  surface mount package ideally suited for automatic insertion characteristic symbol 1n5711w unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 70 v rms reverse voltage v r(rms) 49 v maximum forward current i fm 15 ma power dissipation (note 1) p d 2 5 0 mw thermal resistance, junction to ambient air (note 1) r  ja 6 00 k/w operating and storage temperature range t j, t stg -65 to +175  c characteristic symbol min typ max unit test condition reverse breakdown voltage v (br)r 70  v i r = 10  a reverse leakage current i r  200 na v r = 50v forward voltage drop v fm  0.41 1.00 v i f = 1.0ma i f = 15ma junction capacitance c j  2.0 pf v r = 0v, f = 1.0mhz reverse recovery time t rr  1.0 ns i f = i r = 5.0ma i rr = 0.1 x i r ,r l = 100  electrical characteristics @ t a = 25  c unless otherwise specified maximum ratings @ t a = 25  c unless otherwise specified note: 1. valid provided that terminals from the case are maintained at ambient temperature. 2 . 70 3 . 70 0 . 5 5 1 . 0 5 1 . 6 SOD-123 1n5711w http:// www.wej.cn e-mail:wej@yongerjia.com wej electronic co. r o hs wej electronic co.,ltd
c b d 0.20 e a1 a2 a e1 l l1 symbol a a1 a2 b c d e e1 l l1 | min 1.050 0.000 1.050 0.450 0.080 1.500 2.600 3.550 0.250 0 max 1.250 0.100 1.150 0.650 0.150 1.700 2.800 3.850 0.450 8 min 0.041 0.000 0.041 0.018 0.003 0.059 0.102 0.140 0.010 0 max 0.049 0.004 0.045 0.026 0.006 0.067 0.110 0.152 0.018 8 dimensions in millimeters dimensions in inches 0.020ref 0.500ref | 1n5711w http:// www.wej.cn e-mail:wej@yongerjia.com wej electronic co. r o hs wej electronic co.,ltd


▲Up To Search▲   

 
Price & Availability of SOD-123

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X