Part Number Hot Search : 
HV83007 AEVKIT 65A603ML ZTX301 2SA1327 XRN740 824DH 01209
Product Description
Full Text Search
 

To Download SG200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  analog, mixed-signal and power management mc07xsc200 dual high-side switch (7.0 mohm) overview the mc07xsc200 is one in a family of devices designed for low-voltage lighting applications. its two low r ds(on) mosfets (dual 7.0 m) can control two separate 55 w/28 w bulbs or xenon modules or leds. programming, control and diagnostics are accomplished using a 16-bit spi port. its output with selectable slew rate improves electromagnetic compatibility (emc) behavior. additionally, each output has its own parallel input or spi control for pulse width modulation (pwm) control if desired. the mc07xsc200 allows the user to program via the spi, the fault current trip levels and duration of acceptable lamp inrush current. the device has a fail-safe mode to provide fail-safe functionality of the outputs in case of mcu damage. the mc07xsc200 is packaged in a pb-free power-enhanced 32 pins soic package with exposed pad. target applications ? low-voltage lighting ? halogen bulbs ? light-emitting diodes (leds) ? low-voltage industrial lighting ? low-voltage automation systems ? low-voltage dc motor simplified application drawing
for more information, please visit freescale.com/analog freescale and the freescale logo are trademarks of freescale?semiconductor,?inc., reg. u.s. pat. & tm. off. smartmos is a trademark of freescale semiconductor, inc. all other product or service names are the property of their respective owners. ??2013?freescale?semiconductor,?inc. document number: mc07xsc200fs rev 1 freescale: a leader in analog solutions expanding on more than 30 years of innovation, freescale is a leading provider of high-performance products that use smartmos technology combining digital, power and standard analog functions. freescale supplies analog and power management ics that are advancing the automotive, consumer, industrial and networking markets. analog solutions interface with real-world signals to control and drive for complete embedded systems. product features and benefits features function benefits high-side switches dual 7.0 m max high-side switches at 25 c offers the possiblity to drive up to two different kinds of loads separately operating voltage range 6.0 v to 20 v with sleep current SG200 analog and power management industrial selector guide selector guide performance performance typical values outputs 2 r ds(on) at 25 oc 2 x 7 m operating voltage 6 - 20 v peak current 93.4 a esd 8.0 kv power i/os 2.0 kv digital i/os protection protection detect shut down auto retry status reporting short-circuit ? ? ? overtemperature ? ? ? ? overcurrent ? ? ? ? overvoltage ? ? ? undervoltage ? ? ? ? open load detect ? ? short to v pwr ? ? 32-pin exposed pad soicw 98asa00368d


▲Up To Search▲   

 
Price & Availability of SG200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X