Part Number Hot Search : 
LCE13A SZ6A39 CXA1396D HAL526 0603C HDF2412D IRFR214 74LCX00
Product Description
Full Text Search
 

To Download SFT1431 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SFT1431 no. a1624-1/4 specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' s products or equipment. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment (home appliances, av equipment, communication device, office equipment, industrial equipment etc.). the products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for applications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. if there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. features ? motor drive application. ? low on-resistance. ? 4v drive. speci cations absolute maximum ratings at ta=25c parameter symbol conditions ratings unit drain-to-source voltage v dss 35 v gate-to-source voltage v gss 20 v drain current (dc) i d 11 a drain current (pw 10 s) i dp pw 10 s, duty cycle 1% 44 a allowable power dissipation p d 1.0 w tc=25 c1 5 w channel temperature tch 150 c storage temperature tstg --55 to +150 c electrical characteristics at ta=25c parameter symbol conditions ratings unit min typ max drain-to-source breakdown voltage v (br)dss i d =1ma, v gs =0v 35 v zero-gate voltage drain current i dss v ds = 35 v, v gs =0v 1 a gate-to-source leakage current i gss v gs =16v, v ds =0v 10 a cutoff voltage v gs (off) v ds =10v, i d =1ma 1.2 2.6 v forward transfer admittance | yfs | v ds =10v, i d = 5.5 a 5s static drain-to-source on-state resistance r ds (on)1 i d = 5.5 a, v gs =10v 19 25 m r ds (on)2 i d =3a, v gs =4.5v 28 39.5 m r ds (on)3 i d =3a, v gs =4v 35 49 m marking : t1431 continued on next page. ordering number : ena1624 d0209pa tk im tc-00002143 sanyo semiconductors data sheet SFT1431 n-channel silicon mosfet general-purpose switching device applications www.semiconductor-sanyo.com/network http://semicon.sanyo.com/en/network
SFT1431 no. a1624-2/4 continued from preceding page. parameter symbol conditions ratings unit min typ max input capacitance ciss v ds =20v, f=1mhz 960 pf output capacitance coss v ds =20v, f=1mhz 130 pf reverse transfer capacitance crss v ds =20v, f=1mhz 84 pf turn-on delay time t d (on) see speci ed test circuit. 12 ns rise time t r see speci ed test circuit. 40 ns turn-off delay time t d (off) see speci ed test circuit. 60 ns fall time t f see speci ed test circuit. 36 ns total gate charge qg v ds =20v, v gs =10v, i d =11a 17.3 nc gate-to-source charge qgs v ds =20v, v gs =10v, i d =11a 3.2 nc gate-to-drain ?miller? charge qgd v ds =20v, v gs =10v, i d =11a 3.6 nc diode forward voltage v sd i s =11a, v gs =0v 0.88 1.2 v package dimensions package dimensions unit : mm (typ) unit : mm (typ) 7518-004 7003-004 switching time test circuit 6.5 5.0 2.3 0.5 12 4 3 0 .85 0.7 1.2 0.6 0.5 2.3 2.3 7.0 7.5 1.6 0.8 5.5 1.5 1 : gate 2 : drain 3 : source 4 : drain sanyo : tp 6.5 5.0 2.3 0.5 12 4 3 0 .85 0.6 0.5 1.2 1.2 2.3 2.3 7.0 2.5 5.5 1.5 0.8 0 to 0.2 1 : gate 2 : drain 3 : source 4 : drain sanyo : tp-fa pw=10 + s d.c. ) 1% p. g 50 1 g s d i d =5.5a r l =2.7 1 v dd =15v v out v in 10v 0v v in SFT1431
SFT1431 no. a1624-3/4 | y fs | -- i d r ds (on) -- v gs r ds (on) -- tc i d -- v ds i d -- v gs sw time -- i d drain-to-source voltage, v ds -- v drain current, i d -- a gate-to-source voltage, v gs -- v drain current, i d -- a gate-to-source voltage, v gs -- v case temperature, tc -- c static drain-to-source on-state resistance, r ds (on) -- m 1 static drain-to-source on-state resistance, r ds (on) -- m 1 drain current, i d -- a drain current, i d -- a switching time, sw time -- ns drain-to-source voltage, v ds -- v ciss, coss, crss -- pf diode forward voltage, v sd -- v source current, i s -- a forward transfer admittance, | y fs | -- s ciss, coss, crss -- v ds i s -- v sd 100 1000 3 2 3 7 5 7 5 2 10 3 100 7 5 7 3 2 3 5 2 10 75 70 65 60 55 50 45 40 35 30 25 15 20 12468 16 14 12 10 3579 15 13 11 it15241 035 30 25 20 51015 it15246 it15244 it15243 1.2 1.0 0.4 0.2 0.8 0.6 0 0.001 0.1 5 7 3 2 3 2 2 10 5 7 3 2 1.0 5 7 3 0.01 2 5 7 3 3 1.0 3 2 7 5 7 5 10 2 1.0 0.1 23 57 23 23 10 57 tc= --25 c 75 c 25 c v ds =10v tc=75 c 25 c --25 c f=1mhz co ss ciss crss it15245 0.1 23 23 57 1.0 23 57 10 t d (off) t f t d (on) t r v dd =15v v gs =10v 3 i d =5.5a --25 c tc=75 c 0 2 8 6 4 10 20 18 16 14 12 0 it15240 0.5 1.5 2.0 1.0 2.5 4.0 3.5 3.0 0 v ds =10v single pulse 25 c it15239 0 0.2 0.1 0.3 0.4 0.5 0.6 0.7 0.9 0.8 1.0 0 11 9 7 5 3 2 10 8 6 4 1 v gs =3.0v 16.0v 10.0v 4.5v 8.0v 4.0v 3.5v 6.0v 3a it15242 --50 --25 150 0 25 50 75 100 125 0 55 5 40 30 10 15 45 25 20 35 50 v gs =4.5v, i d =3.0a v gs =10.0v, i d =5.5a v gs =4.0, i d =3.0a tc=25 c single pulse single pulse tc=25 c single pulse v gs =0v single pulse
SFT1431 no. a1624-4/4 sanyo semiconductor co.,ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein. sanyo semiconductor co.,ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. it is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable for any claim or suits with regard to a third party's intellectual property rights which has resulted from the use of the technical information and products mentioned above. information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. in the event that any or all sanyo semiconductor co.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd. ps this catalog provides information as of december, 2009. speci cations and information herein are subject to change without notice. note on usage : since the SFT1431 is a mosfet product, please avoid using this device in the vicinity of highly charged objects. v gs -- qg total gate charge, qg -- nc gate-to-source voltage, v gs -- v a s o drain-to-source voltage, v ds -- v drain current, i d -- a ambient temperature, ta -- c p d -- ta allowable power dissipation, p d -- w 0 20 40 60 80 100 120 140 160 it15249 0.2 0.4 1.0 1.2 0.8 0.6 p d -- tc allowable power dissipation, p d -- w case temperature, tc -- c it15250 20 15 10 5 0 0 20 40 60 80 100 120 140 160 it15248 it15247 0246 12 10 16 14 818 0 2 1 4 6 8 3 5 7 9 10 0.1 1.0 2 3 5 7 2 3 5 7 2 3 5 7 10 0.1 i dp =44a i d =11a 100 + s 1ms 10ms 100ms dc operation operation in this area is limited by r ds (on). 1.0 23 57 2 10 357 23 7 5 100 v ds =20v i d =11a pw ) 10 + s tc=25 c single pulse


▲Up To Search▲   

 
Price & Availability of SFT1431

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X