Part Number Hot Search : 
H100T3G 74LVC 74HC423 XP0053A 2SA132 3200A NTE244 RFU37
Product Description
Full Text Search
 

To Download QAE150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  QAE150 page 1 of 4 www.pduke.com 2013/04/08 QAE150 series quarter-brick dc-dc converter 2:1 ultra wide input range up to 150watts features applications ? no minimum load required ? low standby power consumption ? soft-start ? 2250vdc input to output basic insulation ? safety meets ul60950-1, en60950-1 and iec60950-1 ? ce mark meets 2006/95/ec, 2011/95/ec and 2004/108/e c ? compliant to rohs eu directive 2011/65/eu ? wireless network ? telecom/datacom ? industry control system ? distributed power architectures ? semiconductor equipment 2250vdc isolation remote control uvp ocp scp ovp otp low standby power technical specification all specifications are typical at nominal input, ful l load and 25 otherwise noted input range output voltage output current @full load input current @ no load efficiency maximum capacitor load model number vdc vdc a ma % f QAE150-12s3p3 8.5 ~ 22 3.3 30 50 89 91000 QAE150-12s05 8.5 ~ 22 5 24 50 90 48000 QAE150-12s12 8.5 ~ 22 12 10 50 91 8300 QAE150-12s15 8.5 ~ 22 15 8 50 91 5300 QAE150-12s24 8.5 ~ 22 24 5 50 90 2100 QAE150-12s30 8.5 ~ 22 30 4 50 90 1300 QAE150-12s48 8.5 ~ 22 48 2.5 50 89 520 QAE150-24s3p3 16.5 ~ 36 3.3 30 25 89 91000 QAE150-24s05 16.5 ~ 36 5 24 25 90 48000 QAE150-24s12 16.5 ~ 36 12 10 25 91 8300 QAE150-24s15 16.5 ~ 36 15 8 25 91 5300 QAE150-24s24 16.5 ~ 36 24 5 25 91 2100 QAE150-24s30 16.5 ~ 36 30 4 25 91 1300 QAE150-24s48 16.5 ~ 36 48 2.5 25 89 520 QAE150-48s3p3 33 ~ 75 3.3 30 15 89 91000 QAE150-48s05 33 ~ 75 5 25 15 91 50000 QAE150-48s12 33 ~ 75 12 12 15 90 10000 QAE150-48s15 33 ~ 75 15 10 15 90 6670 QAE150-48s24 33 ~ 75 24 6 15 92 2500 QAE150-48s30 33 ~ 75 30 5 15 91 1670 QAE150-48s48 33 ~ 75 48 3 15 92 630 part number structure QAE150 - 48 s 05 - p hs series name input output output ctrl and heat-sink voltage quantity voltage pin options and mounting hole tread options (vdc) (vdc) 12: 8.5~22 s: single 3p3: 3.3    : negative logic    : nc 24: 16.5~36 05: 5 p: positive logic hs: h=0.24? horizontal, 7g-0029a-f 48: 33~75 12: 12 hs1: h=0.5? horizontal, 7g-0030a-f 15: 15 hs2: h=0.24? vertical, 7g-0031a-f 24: 24 hs3: h=0.5? vertical, 7g-0032a-f 30: 30 th: through hole (no thread) (1) 48: 48 (1) the module can?t equip heat-sink with th option .
QAE150 page 2 of 4 www.pduke.com 2013/04/08 input specifications parameter conditions min. typ. max. unit operating input voltage range 12vin(nom) 24vin(nom) 48vin(nom) 8.5 16.5 33 12 24 48 22 36 75 vdc start-up voltage 12vin(nom) 24vin(nom) 48vin(nom) 9 18 36 vdc shutdown voltage 12vin(nom) 24vin(nom) 48vin(nom) 7.3 15.5 31.6 8.1 16.3 32.5 vdc start up time constant resistive load power up remote on/off 75 75 100 100 ms input surge voltage 1 second, max. 12vin(nom) 24vin(nom) 48vin(nom) 30 50 100 vdc input filter (1) pi type negative logic (standard) dc-dc on dc-dc off short or 0 ~ 1.2 vdc open or 3 ~ 12 vdc referenced to ?input pin positive logic (option) dc-dc on dc-dc off open or 3 ~ 12 vdc short or 0 ~ 1.2 vdc remote on/off input current of ctrl pin -0.5 1 ma remote off input current 3 ma output specifications parameter conditions min. typ. max. unit voltage accuracy -1.0 +1.0 % line regulation low line to high line at full load -0.1 +0.1 % load regulation no load to full load 3.3 & 5vout others -0.2 -0.1 +0.2 +0.1 % voltage adjustability maximum output deviation is i nclusive of remote sense -20 +10 % remote sense % of vout(nom). if remote sense is not being used, sense pins should connect to the output pins with the same polarity. 10 % ripple and noise measured by 20mhz bandwidth with a 22 f/25v x7r mlcc with a 22 f/25v x7r mlcc with a 4.7 f/50v x7r mlcc with a 2.2 f/100v x7r mlcc 3.3vout, 5vout 12vout, 15vout 24vout, 30vout 48vout 75 100 200 300 mvp-p temperature coefficient -0.02 +0.02 %/ transient response recovery time 25% load step change 250 s over voltage protection % of vout(nom); hiccup mode 115 130 % over load protection % of iout rated; hiccup mode 110 140 % short circuit protection continuous, automatics recovery general specifications parameter conditions min. typ. max. unit isolation voltage 1 minute (basic insulation) input to output input (output) to base-plate 2250 2250 vdc isolation resistance 500vdc 1 g  isolation capacitance 1500 pf switching frequency 270 300 330 khz design meet safety standard iec60950-1, ul60950-1, en60950-1 case material aluminum base-plate with plastic case potting material silicon (ul94-v0) dimensions 2.28 x 1.45 x 0.50 inch (57.936.812.7 mm) weight 64g (2.26oz) mtbf bellcore tr-nwt-000332 case 1: 50% stress, ta= 40 . mil-hdbk-217f ta=25 , full load (g/b, controlled environment) 9.742 x 10 5 hrs 8.573 x 10 4 hrs
QAE150 page 3 of 4 www.pduke.com 2013/04/08 environmental specifications parameter conditions min. typ. max. unit operating base-plate temperature -40 +100 over temperature protection +110 storage temperature range -55 +125 thermal impedance (2) vertical direction by natural convection (20lfm) without heat-sink mount on 2u iron base-plate with 0.24" height heat-sink with 0.5" height heat-sink 9 2.8 7.1 5.5 /w thermal shock mil-std-810f vibration mil-std-810f relative humidity 5% to 95% rh emc specifications parameter conditions level emi (3) en55022 class b esd en61000-4-2 air 8kv contact 6kv perf. criteria a radiated immunity en61000-4-3 20 v/m perf. criteria a fast transient (4) en61000-4-4 2kv perf. criteria a surge (4) en61000-4-5 en55024:2kv perf. criteria a conducted immunity en61000-4-6 10 vr.m.s perf. criteria a note: 1. input source impedance: the power modules will oper ate as specifications without external components, assuming that the source voltage has a very low impedance and reasonable input voltage reg ulation. highly inductive source impedances can aff ect the stability of the power module. since real-world voltage source has finite impedanc e, performance can be improved by adding external f ilter capacitor. recommended nippon chemi-con ky series, 100 f/100v. 2. the heat-sink is optional and p/n: 7g-0029a-f , 7g- 0030a-f , 7g-0031a-f , 7g-0032a-f. please refer to heat-sink selection guide. 3. the QAE150 series standard module meets emi class a or class b only with external components. for more detail information, please contact with p-duke. 4. an external input filter capacitor is required if t he module has to meet en61000-4-4, en61000-4-5. recommended 2 pcs of aluminum electrolytic capacito r (nippon chemi-con ky series, 220 f/100v) to connect in parallel. 5. base-plate grounding: when connect two screw bolts to shield plane, the emi could be reduced. caution: this power module is not internally fused. an input line fuse must always be used. characteristic curve QAE150-48s05 derating curve QAE150-48s05 derating curve with 0.24? height heat-sink QAE150-48s05 derating curve with 0.5? height heat-sink QAE150-48s05 efficiency vs input voltage QAE150-48s 05 efficiency vs output load
QAE150 page 4 of 4 www.pduke.com 2013/04/08 mechanical drawing 1. all dimensions in inch (mm) 2. tolerance :x.xx0.02 (x.x0.5) x.xxx0.01 (x.xx0.25) 3. pin pitch tolerance 0.01 (0.25) 4. pin dimension tolerance 0.004(0.1) pin connection pin define diameter 1 - input 0.04 inch 2 ctrl 0.04 inch 3 + input 0.04 inch 4 - output 0.06 inch 5 - sense 0.04 inch 6 trim 0.04 inch 7 + sense 0.04 inch 8 + output 0.06 inch external output trimming output can be externally trimmed by using the method shown below. heat-sink type options vertical fin orientation, suffix:-hs2, -hs3 horizon tal fin orientation, suffix:-hs, -hs1 1. all dimensions in inch (mm) 2. tolerance :x.xx0.02 (x.x0.5)  k 22. 10 % ? 511 r d ?? ? ?? ? ? = ( ) ( )  k % ? % ? 22. 10 511 % ? 225 .1 % ? 100 v 11.5 r out u ?? ? ?? ? + ? + =


▲Up To Search▲   

 
Price & Availability of QAE150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X