Part Number Hot Search : 
6CUT04 NLS3H PC3S1 6CUT04 2160B VDXXXX 2SK35 ULCE13
Product Description
Full Text Search
 

To Download PTN0805E1152BBT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ptn www.vishay.com vishay dale thin film revision: 07-mar-12 76 document number: 60026 for technical questions, contact: thinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 commercial thin film chip resistor, surface mount chip these chip resistors are available in both top side and wraparound termination styles in a variety of sizes. they incorporate self passivated, enhanced tantalum nitride films, to give superior perfo rmance on moisture resistance, voltage coefficient, power handling and resistance stability. the terminations consist of an adhesion layer, a leach resistant nickel barrie r, and solder coating. this product will out-perform all requiremen ts of characteristic e of mil-prf-55342. construction features ? moisture resistant ? high purity alumina substrate ? non-standard values available ? will pass + 85 c, 85 % relative humidity and 10 % rated power ? 100 % visual inspected per mil-prf-55342 ? non-inductive ? very low noise and voltage coefficient (< - 30 db) ? laser-trimmed tolerances to 0.1 % ? wraparound resistan ce less than 10 m ? ? epoxy bondable termination available ? sulfur resistant (per astm b809-95 humid vapor test) ? material categorization: for definitions please see www.vishay.com/doc?99912 note * lead (pb)-containing terminations are not rohs-compliant. exemptions may apply. typical performance note (1) 0705 and 0805 are the same (onl y use 0805 when ordering) actual size 1505 adhesion layer high purity alumina substrate nickel barrier solder coating passivation t antalum nitride resistive film absolute tcr 25 tol. 0.1 standard electrical specifications test specifications conditions material tantalum nitride - resistance range 10 ? to 3 m ? - tcr: absolute 25 ppm/c to 100 ppm/c - 55 c to + 125 c tolerance: absolute 0.1 % to 5 % + 25 c stability: absolute ? r 0.03 % 2000 h at 70 c stability: ratio -- voltage coefficient 0.1 ppm/v - working voltage 75 v to 200 v - operating temperature range - 55 c to + 125 c - storage temperature range - 55 c to + 150 c - noise < - 30 db - shelf life stability: absolute -- component ratings case size (1) power rating (mw) working voltage (v) resistance range ( ? ) 0402 50 75 20 to 51.1k 0502 100 75 20 to 65k 0505 150 75 20 to 130k 0603 150 75 10 to 130k 0705 200 100 10 to 301k 0805 200 100 10 to 301k 1005 250 100 10 to 360k 1010 500 150 50 to 600k 1206 400 200 10 to 1m 1505 400 150 10 to 1m 2208 750 150 10 to 1.75m 2010 800 200 10 to 2m 2512 1000 200 10 to 3m
ptn www.vishay.com vishay dale thin film revision: 07-mar-12 77 document number: 60026 for technical questions, contact: thinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) 0705 and 0805 are the same (onl y use 0805 when ordering) dimensions in inches case size l w t d e 0402 0.042 0.008 0.022 0.005 0.012 to 0.033 0.010 0.005 0.010 0.005 0502 0.055 0.006 0.025 0.005 0.012 to 0.033 0.010 0.005 0.015 0.005 0505 0.055 0.006 0.050 0.005 0.012 to 0.033 0.010 0.005 0.015 0.005 0603 0.064 0.006 0.032 0.005 0.020 max. 0.012 0.005 0.015 0.005 0705, 0805 (1) 0.080 0.006 0.050 0.005 0.015 to 0.033 0.015 0.005 0.015 0.005 1005 0.105 0.007 0.050 0.005 0.015 to 0.033 0.015 0.005 0.015 0.005 1010 0.105 0.007 0.100 0.005 0.015 to 0.033 0.015 0.005 0.015 0.005 1206 0.126 0.008 0.063 0.005 0.015 to 0.033 0.020 + 0.005/ - 0.010 0.020 + 0.005/ - 0.010 1505 0.155 0.007 0.050 0.005 0.015 to 0.033 0.015 0.005 0.015 0.005 2010 0.209 0.009 0.098 0.005 0.015 to 0.033 0.020 0.005 0.020 0.005 2208 0.230 0.007 0.075 0.005 0.015 to 0.033 0.020 0.005 0.020 0.005 2512 0.259 0.009 0.124 0.005 0.015 to 0.033 0.020 0.005 0.020 0.005 environmental tests (vishay performance vs. mil-prf-55342 requirements) environmental test limits mil-prf-55342 characteristic e typical vishay performance resistance temperature characteristic 25 ppm/c 15 ppm/c max. ambient temp. at rated wattage + 70 c + 70 c max. ambient temp. at power derating + 150 c + 150 c thermal shock ? r 0.1 % 0.040 % low temperature operation ? r 0.1 % 0.001 % short time overload ? r 0.10 % 0.002 % high temperature exposure ? r 0.1 % 0.04 % resistance to soldering heat ? r 0.2 % 0.008 % moisture resistance ? r 0.2 % 0.004 % life + 70 c at 1000 h ? r 0.50 % 0.02 % insulation resistance 10 000 ? minimum > 100 000 m ? d w l t e
ptn www.vishay.com vishay dale thin film revision: 07-mar-12 78 document number: 60026 for technical questions, contact: thinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) preferred packaging code film load life stability (at + 125 c) 0.1 % 0.06 % 0.05 % 0.04 % 0.03 % 0.02 % 0.01 % 0.006 % 0.005 % 0.004 % 0.003 % 0.002 % 0.001 % 1000 1200 1400 1600 1800 2000 time in h at + 125 c maximum absolute change 800 600 400 200 derating curve ambient temperature c 0 70 125 150 0 20 40 60 80 100 percent of rated power global part number information new global part numb ering: ptn1206e1002bbt1 global model case size tcr characteristic resistance tolerance termination packaging ptn 0402 0502 0505 0603 0805 1005 1010 1206 1505 2208 2010 2512 e = 25 ppm/c h = 50 ppm/c k = 100 ppm/c the first 3 digits are significant figures and the last digit specifies the number of zeros to follow. r designates the decimal point. example: 10r0 = 10 ? 1000 = 100 ? 1001 = 1 k ? b = 0.1 % d = 0.5 % f = 1 % g = 2 % j = 5 % b = wraparound sn/pb solder sn63 w/nickel barrier g = wraparound au over ni (gold) termination epoxy bondable rohs compliant - e4 s = wraparound electroplated 100 % pure matte tin rohs-compliant - e3 bs = bulk 100 min., 1 mult ws = waffle 100 min., 1 mult w0 = waffle 100 min., 100 mult tape and reel t0 = 100 min., 100 mult t1 = 1000 min., 1000 mult (1) t3 = 300 min., 300 mult t5 = 500 min., 500 mult tf = full reel ts = 100 min., 1 mult historical part number ex ample: ptn0805h8801bbt (for reference purposes only) ptn 0805 h 8801 b b t style case size tcr characteristic ohmic value tolerance termination packaging 06e1 02b 0 1 bt 1 n pt 2
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of PTN0805E1152BBT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X