Part Number Hot Search : 
MM1502 1N4751A BZX85C82 UCA64123 AT31625 2SD880 AT216 SI9958DY
Product Description
Full Text Search
 

To Download NPBMAN015PAUNV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  basic board mount pressure sensors: n bp series C uncompensated/unamplified 1 bar to 10 bar [15 psi to 150 psi] description honeywells basic board mount pressure sensors : nbp series uncompensated/unamplified are designed for customers who require a simple, cost - effective, basic performance, mv output, unamplified, uncompensated, high quality, high resolution soluti on for medical and industrial applications. these unamplified and uncompensated sensors offer infinite resolution o f the pressure signal. the y will operate as specified from - 40 c to 125 c [ - 40 f to 257 f ] . the nbp series is ideal for those customer s who want to do their own compensation, calibration, and amplification in order to make use of the maximum resolution of the bare sensor output, leveraging a custom algorithm required for the application. additionally, the n bp series offers several pac kage styles and mounting options, making it easier for device manufacturer s to integrate the product into their application s . t he nbp series measure s absolute and ga ge pressures. the absolute versions have an internal vacuum reference and an output value proportional to absolute pressure. g age versions are referenced to atmospheric pressure and provide an output proportional to pressure variations from atmosphere. the n bp series s ensors are intended for use with non - corrosive, non - ionic gases, such as ai r and other dry gases and for non - corrosive, non - ionic liquids. all products are designed and manufactured according to iso 9 001 . value to customers cost - effective: these devices provide a cost - effective pressure sensing solution with a variety of opt ions that allow customers to meet their specific application needs honeywell brand : C manufacturing excellence: honeywell has more than 100 years of manufacturing and engineering excellence C fast request for quotes (rfqs): responding quickly to your rfqs and product sample needs is a hallmark of honeywell. our experienced engineers understand the importance of timely quotes. and because honeywell is a manufacturer, you can depend on a quick response to your prototype needs . C fast response for samples: dedicated teams and manufacturing processes ensure that product samples are shipped quickly and delivered in time to support your demanding product development cycle C reliable supply chain: honeywells effective inventory management and dependable supply chain is th ere throughout your development cycle C designed to six sigma standards: six sigma standards provide the highest level of product quality, performance, and consistency. six sigma provides confidence that the sensor will perform to specification. many competi tive products are produced to lower sigma tolerances, which may result in some products not performing to the specification to which they were designed. C supporting documentation: honeywells website provides numerous technical materials to assist you in yo ur application need s
2 www.honeywell.com/sensing features and benefits small size: package size (a s small as 7 mm x 7 mm [0.276 in x 0.276 in] ) is very small when compared to most board mount pressure sensors, occupying less space on the pcb and typically allowing for easy plac ement on crowded pcbs or in small devices durable: many features allow for use in tough environments, including: C wide operating temperature range from - 40 c to 125 c [ - 40 f to 257 f] C media compatibility options: o non - gel coating: the input port is limited to non - corrosive , non - ionic media such as dry air and gases and should not be exposed to condensation; the gases are limited to media that are compatible with high temperature polyamide, silicone, alumina ceramic, silicon, gold, and glass o gel coat ing: use s the same materials in the wetted media path but is protected from condensation by a silicone - based gel coating; allows use in applications w h ere condensation can occur C iso 9001 compliance flexible: numerous package styles, pressure ranges, housi ngs, gel coating , and porting options simplify integration into the device manufacturers application rob ust : reflow mounting j - std - 020d, msl 1 and rapid stabilization after reflow soldering allow calibration immediately after mounting potential applica tions medical : hospital beds oxygen concentrators wound therapy blood pressure monitoring industrial : hvac transmitters air movement control environmental control level indicators leak detection industrial controls pneumatic controls other commercial ap plications table 1. absolute maximum ratings 1 parameter min. max. unit supply voltage (v supply ) - 12.0 12.0 v dc esd susceptibility (human body model) 2 kv storage temperature - 40 [ - 40] 125 [257] c [ f] soldering time and temperature: l ead solder temperature ( dip) p eak reflow temperature (leadless smt, smt ) 4 s max. at 250 c [482 f ] 15 s max. at 250 c [482 f ] table 2. operating specifications parameter min. typ. max. unit supply voltage (v supply ) 2 1.8 5.0 3 12.0 vdc supply current (at 5.0 v dc supply ) 1.5 2 .5 ma specified temperature range 4 - 40 [ - 40] 125 [257] c [ f] accuracy 5 0.25 %fss bfsl 6 input resistance 2.4 3.0 5.5 kohm thermal effect on resistance (tcr) 7 1200 3200 ppm/ c table 3. environmental specifications paramete r characteristic humidity : all external surfaces internal surfaces of gel coating option internal surfaces of no n - gel coating option 0 % rh to 95 %rh, non - condensing 0 %rh to 100 %rh, condensing 0 % rh to 95 %rh, non - condensing vibration mil - std - 202f, me th od 214a, condition 1e (15 g, 10 hz to 2 khz) shock mil - std - 202f, method 213b, condition f (100g, 6 ms duration) life 8 1 million pressure cycles min . esd mil - std - 883 method 3015.7, class 2, 2kv, human body model solder reflow j - std - 020d, msl 1 , unlimi ted storage life
honeywell sensing and control 3 table 4. wetted materials 9 parameter no n - gel coating option gel coating option covers high temperature polyamide high temperature polyamide substrate alumina ceramic s ilicone gel adhesives epoxy, rtv epoxy electronic components ceram ic, silicon , gold, glass not es : 1. absolute maximum ratings are the extreme limits the device will withstand without damage. 2. ratiometric ity of the sensor ( the ability of the device output t o scale to the supply voltage) is achieved within the specified ope r ating voltage. 3. incorrect application of supply voltage or ground to the wrong pin may cause electrical failure. 4. the specified temperature range is the temperature range over which the sensor will produce an output proportional to pressure within the speci fied performance limits. 5. accuracy: the maximum deviation in output from a best fit straight line (bfsl) fitted to the output measured over the pressure range at 25 c [77 f] . includes all errors due to pressure non - linearity, pressure hysteresis, and non - repeatability. 6. full scale span (fss) is the algebraic difference between the output signal measured at the maximum and minimum limits of the pressure range. (see f igure 1 for ranges . ) 7. tcr (thermal effect on resistance): the deviation in input resistance du e to change in temperature over the specified temperature range, relative to input resistance measured at c . 8. life may vary depending on specific application in which sensor is utilized. 9. contact honeywell customer service for detailed material information . caution misuse of gel coat ing option non - gel coat ing option: the input port is limited to non - corrosive , non - ionic media such as dry air and gases and should not be exposed to condensation. the gases are limited to media that are compatible with the fol lowing wetted materials of construction : h igh t emperature p olyamide, silicone, alumina ceramic, silicon, gold, and glass . gel coating option: the gel coated sensors use the same materials in the wetted media path but are protected from condensation by a si licone - based gel coating. the g el coat ing option allows use in applications w h ere condensation can occur. failure to comply with these instructions may result in product damage. figure 1. nomenclature and order guide note : see table 7 for an explanation of sensor pressure types. d i p s e r i e s p a c k a g e d = d i p ( d u a l i n l i n e p i n ) l = l e a d l e s s s m t ( s u r f a c e m o u n t t e c h n o l o g y ) m = s m t ( s u r f a c e m o u n t t e c h n o l o g y ) c o m p e n s a t i o n n = u n c o m p e n s a t e d a m p l i f i c a t i o n u = u n a m p l i f i e d a n = s i n g l e a x i a l b a r b e d p o r t l n = s i n g l e a x i a l b a r b l e s s p o r t p r e s s u r e p o r t l e a d l e s s s m t s m t a n = s i n g l e a x i a l b a r b e d p o r t a n = s i n g l e a x i a l b a r b e d p o r t l n = s i n g l e a x i a l b a r b l e s s p o r t p n = l o w - p r o f i l e p o r t n b p _ _ _ _ _ _ _ _ _ v n l n = s i n g l e a x i a l b a r b l e s s p o r t s u p p l y v o l t a g e v = c o n s t a n t u g e l c o a t i n g o p t i o n n = n o g e l i n m e d i a p a t h s = g e l c o a t i n g i n m e d i a p a t h p n = l o w - p r o f i l e p o r t p n = l o w - p r o f i l e p o r t p r e s s u r e r a n g e 6 0 0 m b a r t o 1 0 b a r a b s o l u t e 0 0 1 b a = 0 b a r t o 1 b a r 1 . 6 b a = 0 b a r t o 1 . 6 b a r 2 . 5 b a = 0 b a r t o 2 . 5 b a r 0 0 4 b a = 0 b a r t o 4 b a r 0 0 6 b a = 0 b a r t o 6 b a r 0 1 0 b a = 0 b a r t o 1 0 b a r g a g e 6 0 0 m g = 0 m b a r t o 6 0 0 m b a r 0 0 1 b g = 0 b a r t o 1 b a r 1 . 6 b g = 0 b a r t o 1 . 6 b a r 2 . 5 b g = 0 b a r t o 2 . 5 b a r 0 0 4 b g = 0 b a r t o 4 b a r 0 0 6 b g = 0 b a r t o 6 b a r 0 1 0 b g = 0 b a r t o 1 0 b a r 1 5 p s i t o 1 5 0 p s i a b s o l u t e 0 1 5 p a = 0 p s i t o 1 5 p s i 0 3 0 p a = 0 p s i t o 3 0 p s i 0 6 0 p a = 0 p s i t o 6 0 p s i 1 0 0 p a = 0 p s i t o 1 0 0 p s i 1 5 0 p a = 0 p s i t o 1 5 0 p s i g a g e 0 1 5 p g = 0 p s i t o 1 5 p s i 0 3 0 p g = 0 p s i t o 3 0 p s i 0 6 0 p g = 0 p s i t o 6 0 p s i 1 0 0 p g = 0 p s i t o 1 0 0 p s i 1 5 0 p g = 0 p s i t o 1 5 0 p s i
4 www.honeywell.com/sensing figure 2. completed catalog listing example nbpdann100pgunv dip package, an pressure port, no n - g el coating option, 100 psi gage table 5 . pressure range specifications for 600 m b ar to 10 b ar pressure range (see figure 1) pressure range unit over pressure burst pressure offset 10 (mv/v) sensitivity (mv/v/full scale span) tco 1 1 (%fss/25 c) tcs 1 2 (%fss/25 c) pmin. pmax. min. max. min. nom. max. min. nom. max. min. nom. max. absolute 001b a 0 1 bar 2 4 - 7.0 7.0 10.0 15.0 20.0 - 1.5 0.0 1.5 - 6.0 - 5.0 - 3.8 1.6ba 0 1.6 bar 4 8 - 7.0 7.0 12.0 16.0 20.0 - 1.5 0.0 1.5 - 6.0 - 5.0 - 3.8 2.5ba 0 2.5 bar 4 8 - 7.0 7.0 18.8 25.0 31.3 - 1.5 0.0 1.5 - 6.0 - 5.0 - 3.8 004ba 0 4 bar 8 16 - 7.0 7.0 16.8 20.0 23.2 - 1.5 0.0 1.5 - 6.0 - 5.0 - 3.8 006ba 0 6 bar 16 20 - 7.0 7.0 12.6 15.0 17.4 - 1.75 0.0 1.75 - 6.0 - 5.0 - 3.8 010ba 0 10 bar 16 20 - 7.0 7.0 21.0 25.0 29.0 - 1.5 0.0 1.5 - 6.0 - 5.0 - 3.8 gage 600mg 0 600 mba r 2000 4000 - 7.0 7.0 6.0 9.0 12.0 - 2.5 - 1.0 2.5 - 6.0 - 5.0 - 3.8 001bg 0 1 bar 2 4 - 7.0 7.0 10.0 15.0 20.0 - 1.5 - 0.5 1.5 - 6.0 - 5.0 - 3.8 1.6bg 0 1.6 bar 4 8 - 7.0 7.0 12.0 16.0 20.0 - 1.5 - 0.5 1.5 - 6.0 - 5.0 - 3.8 2.5bg 0 2.5 bar 4 8 - 7.0 7.0 18.8 25.0 31.3 - 1.0 - 0.3 1.0 - 6.0 - 5.0 - 3.8 004bg 0 4 bar 8 16 - 7.0 7.0 1 6.8 20.0 23.2 - 1.0 - 0.3 1.0 - 6.0 - 5.0 - 3.8 006bg 0 6 bar 16 20 - 7.0 7.0 12.6 15.0 17.4 - 1.5 - 0.4 1.5 - 6.0 - 5.0 - 3.8 010bg 0 10 bar 16 20 - 7.0 7.0 21.0 25.0 29.0 - 1.0 - 0.3 1.0 - 6.0 - 5.0 - 3.8 table 6 . pressure range specifications for 1 5 psi to 150 psi p ressure range (see figure 1) pressure range unit over pressure burst pressure offset 10 (mv/v) sensitivity (mv/v/full scale span) tco 1 1 (%fss/25 c) tcs 1 2 (%fss/25 c) pmin. pmax. min. max. min. nom. max. min. nom. max. min. nom. max. absolute 015pa 0 15 psi 30 60 - 7.0 7.0 10.3 15.0 20.7 - 1.5 - 0.6 1.5 - 6.0 - 5.0 - 3.8 030pa 0 30 psi 60 120 - 7.0 7.0 15.5 21.0 26.0 - 1.0 - 0.4 1.0 - 6.0 - 5.0 - 3.8 060pa 0 60 psi 120 240 - 7.0 7.0 17.4 21.0 24.0 - 1.0 - 0.3 1.0 - 6.0 - 5.0 - 3.8 100pa 0 100 psi 240 300 - 7.0 7.0 1 4.5 17.2 20.0 - 1.0 0. 4 1.0 - 6.0 - 5.0 - 3.8 150pa 0 150 psi 240 300 - 7.0 7.0 21.7 26.0 30.0 - 1.0 0.3 1.0 - 6.0 - 5.0 - 3.8 gage 015pg 0 15 psi 30 60 - 7.0 7.0 10.3 15.0 20.7 - 1.5 - 0.6 1.5 - 6.0 - 5.0 - 3.8 030pg 0 30 psi 60 120 - 7.0 7.0 15.5 21.0 26.0 - 1.0 - 0.4 1.0 - 6.0 - 5.0 - 3.8 060pg 0 60 psi 120 240 - 7.0 7.0 17.4 21.0 24.0 - 1.0 - 0.3 1.0 - 6.0 - 5.0 - 3.8 100pg 0 100 psi 240 300 - 7.0 7.0 14.5 17.2 20.0 - 1.0 0. 4 1.0 - 6.0 - 5.0 - 3.8 150pg 0 150 psi 240 300 - 7.0 7.0 21.7 26.0 30.0 - 1.0 0.3 1.0 - 6.0 - 5.0 - 3.8 note s: 10. offset: the output signal obtained when the reference pressure is applied to all available pressure ports. also known as nul l or zero. 11. tco (thermal effect on offset): the deviation in offset due to changes in temperature over the specified temperatu re range, relative to offset measured at 25 c. 12. tcs (thermal effect on span): the deviation in full scale span due to changes in temperature over the specified temperature r ange, relative to full scale span measured at 25 c.
honeywell sensing and control 5 table 7 . pressure types press ure type description absolute output is proportional to the difference between applied pressure and a built - in reference to vacuum. reference pressure is absolute zero pressure (full vacuum). gage output is proportional to the difference between applied pressure and atmospheric (ambient) pressure. reference pressure is atmospheric pressure. table 8 . pinout for dip and smt p ackages pin 1 pin 2 pin 3 pin 4 v supply vout - gnd vout+ table 9 . pinout for leadless smt pressure p ackages p ad 1 p ad 2 p ad 3 p ad 4 p ad 5 p ad 6 vsupply nc vout - gnd nc vout+ figure 3 . dip package dimensional drawings (for reference only: mm [in]) an : single axial barb ed port recommended pcb pad layout ln: single axial barbless port pn : low - profile port 4 x 0 , 4 6 [ 0 . 0 1 8 ] 3 4 2 1 7 , 0 0 [ 0 . 2 7 6 ] 5 , 5 0 [ 0 . 2 1 7 ] 2 , 5 4 t y p . [ 0 . 1 0 0 ] 4 3 1 2 3 , 5 0 [ 0 . 1 3 8 ] 2 , 2 3 [ 0 . 0 8 8 ] ? 6 , 5 0 [ 0 . 2 5 6 ] 1 0 , 9 4 m a x . [ 0 . 4 3 0 ] 1 1 , 5 0 [ 0 . 4 5 ] 1 . 0 2 [ 0 . 0 4 0 ] 0 , 2 5 [ 0 . 0 1 0 ] 8 , 6 4 [ 0 . 3 4 0 ] ? 2 , 7 4 [ 0 . 1 0 8 ] ? 2 , 3 2 [ 0 . 0 9 1 ] 3 , 5 6 [ 0 . 1 4 0 ] ? 1 , 9 1 [ 0 . 0 7 5 ] 1 1 , 5 0 [ 0 . 4 5 ] 2 , 5 4 [ 0 . 1 0 0 ] ? 0 , 8 1 3 [ 0 . 0 3 2 ] 4 x 0 , 4 6 [ 0 . 0 1 8 ] 3 4 2 1 7 , 0 0 [ 0 . 2 7 6 ] 5 , 5 0 [ 0 . 2 1 7 ] 4 3 1 2 3 , 5 0 [ 0 . 1 3 8 ] 2 , 2 3 [ 0 . 0 8 8 ] 2 , 5 4 t y p . [ 0 . 1 0 0 ] 1 . 0 2 [ 0 . 0 4 0 ] 8 , 6 4 [ 0 . 3 4 0 ] 0 , 2 5 [ 0 . 0 1 0 ] 1 1 , 5 [ 0 . 4 5 ] 1 0 , 9 4 m a x . [ 0 . 4 3 0 ] ? 3 , 1 8 [ 0 . 1 2 5 ] ? 6 , 5 0 [ 0 . 2 5 6 ] 3 , 8 4 [ 0 . 1 5 1 ] 5 , 8 3 [ 0 . 2 3 0 ] 4 x 0 , 4 6 [ 0 . 0 1 8 ] 3 4 2 1 7 , 0 0 [ 0 . 2 7 6 ] 5 , 5 0 [ 0 . 2 1 7 ] 2 , 5 4 t y p . [ 0 . 1 0 0 ] 3 4 1 2 3 , 5 0 [ 0 . 1 3 8 ] 2 , 2 3 [ 0 . 0 8 8 ] 1 1 , 5 [ 0 . 4 5 ] 0 , 2 5 [ 0 . 0 1 0 ] 1 . 0 2 [ 0 . 0 4 0 ] 8 , 6 4 [ 0 . 3 4 0 ] ? 6 , 5 0 [ 0 . 2 5 6 ] 3 , 8 4 [ 0 . 1 5 1 ] 2 , 1 0 [ 0 . 0 8 3 ]
6 www.honeywell.com/sensing figure 4 . leadless smt package dimensional drawings (for reference only: mm [in]) an : single axial barb ed port recommended p cb pad layout ln: single axial barbless port pn : low - profile port 7 , 0 0 [ 0 . 2 7 6 ] 3 , 5 0 [ 0 . 1 3 8 ] 3 , 5 0 [ 0 . 1 3 8 ] 3 , 5 6 [ 0 . 1 4 0 ] 3 , 8 4 m a x . [ 0 . 1 5 1 ] 1 0 , 9 4 m a x . [ 0 . 4 3 0 ] ? 2 , 3 2 [ 0 . 0 9 1 ] ? 1 , 9 1 [ 0 . 0 7 5 ] ? 2 , 7 4 [ 0 . 1 0 8 ] ? 6 , 5 0 [ 0 . 2 5 6 ] 7 , 0 0 [ 0 . 2 7 6 ] 1 , 0 2 [ 0 . 0 4 0 ] 2 , 5 0 t y p . [ 0 . 0 9 8 ] 1 . 0 0 [ 0 . 0 3 9 ] 3 2 1 4 5 6 p a d 1 1 , 2 7 [ 0 . 0 5 0 ] 2 , 5 4 [ 0 . 1 0 0 ] 2 , 5 4 [ 0 . 1 0 0 ] 7 , 6 2 [ 0 . 3 0 0 ] 7 , 0 0 [ 0 . 2 7 6 ] ? 6 , 5 0 [ 0 . 2 5 6 ] 1 , 0 2 [ 0 . 0 4 0 ] 1 0 , 9 4 m a x . [ 0 . 4 3 0 ] 3 , 8 4 m a x . [ 0 . 1 5 1 ] 5 , 8 4 [ 0 . 2 3 0 ] ? 3 , 1 8 [ 0 . 1 2 5 ] 3 , 5 0 [ 0 . 1 3 8 ] 3 , 5 0 [ 0 . 1 3 8 ] 7 , 0 0 [ 0 . 2 7 6 ] 2 , 5 0 t y p . [ 0 . 0 9 8 ] 1 . 0 0 [ 0 . 0 3 9 ] 3 2 1 4 5 6 p a d 1 7 , 0 0 [ 0 . 2 7 6 ] 3 , 8 4 m a x . [ 0 . 1 5 1 ] ? 6 , 5 0 [ 0 . 2 5 6 ] 1 , 0 2 [ 0 . 0 4 0 ] 7 , 0 0 [ 0 . 2 7 6 ] 3 , 5 0 [ 0 . 1 3 8 ] 3 , 5 0 [ 0 . 1 3 8 ] 2 , 5 0 t y p . [ 0 . 0 9 8 ] 1 . 0 0 [ 0 . 0 3 9 ] 3 2 1 4 5 6 p a d 1
honeywell sensing and control 7 figure 5 . smt package dimensional drawings (for reference only: mm [in]) an : single axial barb ed port recommended pcb pad layout ln: single axial barbless port pn : low - profile port 3 , 5 0 [ 0 . 1 3 8 ] 2 , 2 5 [ 0 . 0 8 8 ] 2 , 5 4 t y p . [ 0 . 1 0 0 ] 4 3 1 2 5 , 5 0 [ 0 . 2 1 7 ] 3 , 0 3 [ 0 . 1 1 9 ] ? 2 , 7 4 [ 0 . 1 0 8 ] ? 6 , 5 0 [ 0 . 2 5 6 ] 1 0 , 9 4 [ 0 . 4 3 0 ] 1 1 , 5 [ 0 . 4 5 ] 3 , 8 4 [ 0 . 1 5 1 ] 0 , 2 5 [ 0 . 0 1 0 ] ? 2 , 3 2 [ 0 . 0 9 1 ] ? 1 , 9 1 [ 0 . 0 7 5 ] 1 , 0 2 [ 0 . 0 4 0 ] 7 , 0 0 [ 0 . 2 7 6 ] 4 x 1 , 2 7 [ 0 . 0 5 0 ] 4 x 0 , 4 6 [ 0 . 0 1 8 ] 3 4 2 1 2 , 5 4 [ 0 . 1 0 0 ] 7 , 4 9 [ 0 . 2 9 5 ] 1 , 1 4 3 [ 0 . 0 4 5 ] 2 , 0 3 2 [ 0 . 0 8 0 ] 7 , 0 0 [ 0 . 2 7 6 ] 4 x 1 , 2 7 [ 0 . 0 5 0 ] 4 x 0 , 4 6 [ 0 . 0 1 8 ] 3 4 2 1 3 , 5 0 [ 0 . 1 3 8 ] 5 , 5 0 [ 0 . 2 1 7 ] 4 3 1 2 2 , 2 5 [ 0 . 0 8 8 ] 2 , 5 4 t y p . [ 0 . 1 0 0 ] 1 0 , 9 4 m a x . [ 0 . 4 3 0 ] ? 6 , 5 0 [ 0 . 2 5 6 ] 3 , 8 4 [ 0 . 1 5 1 ] ? 3 , 1 8 [ 0 . 1 2 5 ] 0 , 2 5 [ 0 . 0 1 0 ] 3 , 0 3 [ 0 . 1 1 9 ] 1 , 0 2 [ 0 . 0 4 0 ] 1 1 , 5 [ 0 . 4 5 ] 5 , 8 3 [ 0 . 2 3 0 ] 7 , 0 0 [ 0 . 2 7 6 ] 4 x 1 , 2 7 [ 0 . 0 5 0 ] 4 x 0 , 4 6 [ 0 . 0 1 8 ] 3 4 2 1 3 , 5 0 [ 0 . 1 3 8 ] 2 , 2 5 [ 0 . 0 8 8 ] 5 , 5 0 [ 0 . 2 1 7 ] 2 , 5 4 t y p . [ 0 . 1 0 0 ] 4 3 1 2 0 , 2 5 [ 0 . 0 1 0 ] 3 , 0 3 [ 0 . 1 1 9 ] 1 1 , 5 [ 0 . 4 5 ] 1 , 0 2 [ 0 . 0 4 0 ] ? 6 , 5 0 [ 0 . 2 5 6 ] 2 , 1 0 [ 0 . 0 8 3 ] 3 . 8 4 m a x . [ 0 . 1 5 1 ]
sensing and control honeywell 1985 douglas drive north golden valley, mn 55422 www.honeywell.com /sensing 008243 - 1 - en july 2012 ? 2012 honeywell international inc . warning personal injury do not use these products as safety or emergency stop devices or in any other application where failure of the product could result in personal injury. failure to comply with these instruc tions could result in death or serious injury. warranty/remedy honeywell warrants goods of its manufacture as being free of defective materials and faulty workmanship. honeywells standard product warranty applies unless agreed to otherwise by honeywell in writing; please refer to your order acknowledgement or consult your local sales office for specific warranty details. if warranted goods are returned to honeywell during the period of coverage, honeywell will repair or replace, at its option, without ch arge those items it finds defective. the foregoing is buyers sole remedy and is in lieu of all other warranties, expressed or implied, including those of merchantability and fitness for a particular purpose. in no event shall honeywell be liable for conse quential, special, or indirect damages. while we provide application assistance personally, through our literature and the honeywell web site, it is up to the customer to determine the suitability of the product in the application. specifications may cha nge without notice. the information we supply is believed to be accurate and reliable as of this printing. however, we assume no responsibility for its use. warning misuse of documentat ion the information presented in this produ ct sheet is for reference only. do not use this document as a product installation guide. complete installation, operation, and maintenance information is provided in the instructions supplied with each product. failure to comply with these instructions co uld result in death or serious injury. sales and service honeywell serves its customers through a worldwide network of sales offices, representatives and distributors. for application assistance, current specifications, pricing or name of the nearest aut horized distributor, contact your local sales office or: e - mail: info.sc@honeywell.com internet: www.honeywell.com/sensing phone and fax: asia pacific +65 6355 - 2828 +65 6445 - 3033 fax europe +44 (0) 1698 481481 +44 (0) 1698 481676 fax latin america +1 - 305 - 805 - 8188 +1 - 305 - 883 - 8257 fax usa/canada +1 - 800 - 537 - 6945 +1 - 815 - 235 - 6847 +1 - 815 - 235 - 6545 fax


▲Up To Search▲   

 
Price & Availability of NPBMAN015PAUNV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X