Part Number Hot Search : 
ON0367 A539Y UF306 20ETTTS CZRW5222 39SF512 3101E LC72322R
Product Description
Full Text Search
 

To Download M2022-AL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  common mode emi filters C m2022 document 151-1 document 151-1 revised 10/30/08 part inductance 2 dcr max i rms 3 isolation number 1 (h) (mohm) (mamp) (vrms) M2022-AL_ 4.2 10% 800 500 500 M2022-ALpl_ 4.0 10% 990 500 500 m2022-asl_ 11.5 min 850 500 500 these common mode flters provide excellent noise at - tenuation in a compact, surface mount package. theyre built in an 1812 size confguration thats ideal for auto insertion. in addition to the standard flter, a low profle (-alpl) and shielded (-asl) version are available. features include excellent isolation, environmental stabil - ity and low cost. coilcraft can also supply custom flters with special combinations of impedance, response and current handling. M2022-AL, M2022-ALpl m2022-asl 4 1 a b e h g f c d 4 1 a b e h g f c d color dot ov er pin 1 2 14 3 0.048 1,22 0.015 0,38 0.115 2,92 0.018 0,46 0.020 0,51 0.057 1,45 recommended land p attern 0.015 0,38 ref 0.040 1,02 0.020 0,51 min 0.030 0.002 0,76 0,05 pa d detail 4 1 3 2 M2022-AL a max b max c max d ref e ref f ref g min h 0.195 0.150 0.135 0.070 0.100 0.178 0.04 0.03 4,95 3,81 3,43 1,78 2,54 4,52 1,02 0,76 M2022-ALpl a max b max c max d ref e ref f ref g min h 0.195 0.150 0.079 0.070 0.100 0.178 0.04 0.03 4,95 3,81 2,01 1,78 2,54 4,52 1,02 0,76 m2022-asl a max b max c max d ref e ref f ref g min h 0.231 0.196 0.150 0.107 0.100 0.178 0.04 0.03 5,87 4,98 3,81 2,72 2,54 4,52 1,02 0,76 1. when ordering, please specify packaging codes: M2022-ALpl c packaging: c = 7 machine-ready reel. eia-481 embossed plastic tape (600 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d = 13 machine-ready reel. eia-481 embossed plastic tape (2200 parts per full reel). 2. inductance is per winding, measured at 10 mhz. 3. current that causes a 30c temperature rise from 25c ambient. 4. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation.
m2022 common mode emi filters typical attenuation* typical impedance vs frequency m2022-asl typical attenuation* typical impedance vs frequency document 151-2 *measured on agilent/hp 8753d network analyzer. ref: 50 ohms. 0.1 11 0 10 0 frequency (mhz) attenuation (db) 20 30 40 100 1000 common mode diff erential mode 11 0 10 100 frequency (mhz) impedance (kohms) 1 0.1 0.01 0.001 100 1000 0.01 0.1 1 common mode diff erential mode 10 10 0 frequency (mhz) attenuation (db) 20 30 40 100 1000 10000 11 0 10 100 frequency (mhz) impedance (kohms) 1 0.1 0.01 0.001 100 1000 document 151-2 revised 10/30/08 core material ferrite terminations rohs compliant gold over nickel over moly-manganese weight: M2022-AL 155 mg; M2022-ALpl 85.5 mg; m2022-asl 319 mg ambient temperature C40c to +85c storage temperature component: C40c to +85c. tape and reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 600 per 7 reel; 2200 per 13 reel plastic tape: 12 mm wide, 8 mm pocket spacing M2022-AL: 0.3 mm thick, 3.7 mm pocket depth M2022-ALp: 0.3 mm thick, 2.25 mm pocket depth m2022-as: 0.25 mm thick, 3.94 mm pocket depth pcb washing tested with pure water or alcohol only. for other solvents, see doc787_pcb_washing.pdf. us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation.


▲Up To Search▲   

 
Price & Availability of M2022-AL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X