Part Number Hot Search : 
MAC223A6 TMF1500A RT918107 LM4041 MCP4017 LM4041 M3135 95310
Product Description
Full Text Search
 

To Download KMM1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2.64ref 0.50 0.35 3.60 3.30 1.50 1.30 ll-34 unit: mm %? features %? si li con plana r z ener dio des %? in m ini mele case es peciall y f or autom atic insertion %? t he z ener vol tages are graded according to t he i nternatio nal e 24 standard . off ered w ith e ither 5% or 2% tol erance. sm all er vol tage tol erance and other z ener vol tages are ava il able upon reque st. absolute m axim um ratings t a = 25 param eter sym bol rating unit pow er diss ipation (note 1) p d 500 m w thermal resist ance junct ion to am bient air (note 1) r ja 300 /w junct ion tem pera ture t j 175 storage tem pera ture rang e t stg -55 to +175 notes: 1. v alid prov ided that e lectrodes are k ept at am bient tem pera ture. sales@twtysemi.com 1 of 5 http://www.twtysemi.com kmm1 thru kmm75 product specification 4008-318-123
%? el ectrical charac teristics ( t a =25 ! unle ss otherw ise noted) type adm iss ible zener curr ent (2) 2% t ol. at i z= 5 m a at i z= 1 m a at at f= 1 khz f= 1 khz ir at v r tam b=45 ! tam b=25 ! r zj ( ? ) r zj ( ? ) m in. m ax . ( ? a) ( v ) i z (m a) i z (m a) kmm 1 (3) 6.5( ? 8) ? 50 -26 -23 280 340 kmm 2.4 ? 100 ? 600 -10 -5 50 0.8 152 175 kmm 2.7 75( ? 83) ? 500 -9 -4 20 0.8 135 160 kmm 3 80( ? 95) ? 500 -9 -3 20 0.8 117 140 kmm 3.3 80( ? 95) ? 500 -8 -3 6 0.8 109 130 kmm 3.6 80( ? 95) ? 500 -8 -3 6 0.8 11 120 kmm 3.9 80( ? 95) ? 500 -7 -3 1.6 0.8 92 110 kmm 4.3 80( ? 95) ? 500 -6 -1 1.0 0.8 85 100 kmm 4.7 70( ? 78) ? 500 -5 +2 0.1 0.8 76 90 kmm 5.1 30( ? 60) ? 480 -3 +4 0.1 0.8 67 80 kmm 5.6 10( ? 40) ? 400 -2 +6 0.1 1 59 70 kmm 6.2 4.8( ? 10) ? 200 -1 +7 0.1 2 54 64 kmm 6.8 4.5( ? 8) ? 150 +2 +7 0.1 3 49 58 kmm 7.5 4( ? 7) ? 50 +3 +7 0.1 5 44 53 kmm 8.2 4.5( ? 7) ? 50 +4 +7 0.1 6 40 47 kmm 9.1 4.8( ? 10) ? 50 +5 +8 0.1 7 36 43 kmm 10 5.2( ? 15) ? 70 +5 +8 0.1 7.5 33 40 kmm 11 6( ? 20) ? 70 +5 +9 0.1 8.5 30 36 kmm 12 7( ? 20) ? 90 +6 +9 0.1 9 28 32 kmm 13 9( ? 25) ? 110 +7 +9 0.1 10 25 29 kmm 15 11( ? 30) ? 110 +7 +9 0.1 11 23 27 kmm 16 13( ? 40) ? 170 +8 +9.5 0.1 12 20 24 kmm 18 18( ? 50) ? 170 +8 +9.5 0.1 14 18 21 kmm 20 20( ? 50) ? 220 +8 +10 0.1 15 17 20 kmm 22 25( ? 55) ? 22 0 +8 +10 0.1 17 16 18 kmm 24 28( ? 80) ? 220 +8 +10 0.1 18 13 16 kmm 27 30( ? 80) ? 250 +8 +10 0.1 20 12 14 kmm 30 35( ? 80) ? 250 +8 +10 0.1 22.5 10 13 kmm 33 40( ? 80) ? 250 +8 +10 0.1 25 9 12 kmm 36 40( ? 90) ? 250 +8 +10 0.1 27 9 11 kmm 39 50( ? 90) ? 300 +10 +12 0.1 29 8 10 kmm 43 60( ? 100) ? 700 +10 +12 0.1 32 7 9.2 kmm 47 70( ? 100) ? 750 +10 +12 0.1 35 6 8.5 kmm 51 70( ? 100) ? 750 +10 +12 0.1 38 6 7.8 kmm 56 ? 13 5 (4) ? 1000 (5) typ. +10 (4) 0.1 42 5.2 7.1 kmm 62 ? 15 0 (4) ? 1000 (5) typ. +10 (4) 0.1 47 4.8 6.4 kmm 68 ? 200 (4) ? 1000 (5) typ. +10 (4) 0.1 51 4.1 5.8 kmm 75 ? 250 (4) ? 1500 (5) typ. +10 (4) 0.1 55 3.9 5.3 notes: (1) test ed w ith pulses tp=5m s (2) valid provide d that elec trodes are kept at am bient tem pera ture (3) the zmm 1 is a sil icon diode oper ated in forw ard dir ection.hence, t he index of all parameters should be " f" ins tead of "z" . con nect t he cathode electrode to the negative pole. (4) at i z =2.5 m a (5) at i z =0.5 m a ma x im um reve rse leakage curr ent dy namic resis tance  vz (10 -4 / ! ) voltage at i z= 5 m a tem p. coeffic ient of zener sales@twtysemi.com 2 of 5 http://www.twtysemi.com kmm1 thru kmm75 product specification 4008-318-123
%? el ectrical charac teristics ( t a =25 ! unle ss otherw ise noted) m in. m ax . m in. m ax . kmm 1 (3) 0.70 0.80 5.0 zmm 1 (3) kmm 2.4 2.20 2.60 5.0 zmm 2.4 kmm 2.7 2.50 2.90 5.0 zmm 2.7 2.65 2.75 5.0 kmm 3 2.80 3.20 5.0 zmm 3 2.94 3.06 5.0 kmm 3.3 3.10 3.50 5.0 zmm 3.3 3.23 3.37 5.0 kmm 3.6 3.40 3.80 5.0 zmm 3.6 3.53 3.67 5.0 kmm 3.9 3.70 4.10 5.0 zmm 3.9 3.82 3.98 5.0 kmm 4.3 4.00 4.60 5.0 zmm 4.3 4.21 4.39 5.0 kmm 4.7 4.40 5.00 5.0 zmm 4.7 4.61 4.79 5.0 kmm 5.1 4.80 5.40 5.0 zmm 5.1 5.00 5.20 5.0 kmm 5.6 5.20 6.00 5.0 zmm 5.6 5.49 5.71 5.0 kmm 6.2 5.80 6.60 5.0 zmm 6.2 6.08 6.32 5.0 kmm 6.8 6.40 7.20 5.0 zmm 6.8 6.66 6.94 5.0 kmm 7.5 7.00 7.90 5.0 zmm 7.5 7.35 7.65 5.0 kmm 8.2 7.70 8.70 5.0 zmm 8.2 8.04 8.36 5.0 kmm 9.1 8.50 9.60 5.0 zmm 9.1 8.92 9.28 5.0 kmm 10 9.4 10.6 5.0 zmm 10 9.80 10.2 5.0 kmm 11 10.4 11.6 5.0 zmm 11 10.8 11.2 5.0 kmm 12 11.4 12.7 5.0 zmm 12 11.8 12.2 5.0 kmm 13 12.4 14.1 5.0 zmm 13 12.7 13.3 5.0 kmm 15 13.8 15.6 5.0 zmm 15 14.7 15.3 5.0 kmm 16 15.3 17.1 5.0 zmm 16 15.7 16.3 5.0 kmm 18 16.8 19.1 5.0 zmm 18 17.6 18.4 5.0 kmm 20 18.8 21.2 5.0 zmm 20 19.6 20.4 5.0 kmm 22 20.8 23.3 5.0 zmm 22 21.6 22.4 5.0 kmm 24 22.8 25.6 5.0 zmm 24 23.5 24.5 5.0 kmm 27 25.1 28.9 5.0 zmm 27 26.5 27.5 5.0 kmm 30 28.0 32.0 5.0 zmm 30 29.4 30.6 5.0 kmm 33 31.0 35.0 5.0 zmm 33 32.3 33.7 5.0 kmm 36 34.0 38.0 5.0 zmm 36 35.3 36.7 5.0 kmm 39 37.0 41.0 5.0 zmm 39 38.2 39.8 5.0 kmm 43 40.0 46.0 5.0 zmm 43 42.1 43.9 5.0 kmm 47 44.0 50.0 5.0 zmm 47 46.1 47.9 5.0 kmm 51 48.0 54.0 5.0 zmm 51 50.0 52.0 5.0 kmm 56 52.0 60.0 2.5 zmm 56 54.9 46.9 2.5 kmm 62 58.0 66.0 2.5 zmm 62 60.8 63.2 2.5 kmm 68 64.0 72.0 2.5 zmm 68 66.6 69.4 2.5 kmm 75 70.0 79.0 2.5 zmm 75 73.5 76.5 2.5 notes: (1) test ed w ith pulses tp=5m s (2) valid provide d that elec trodes are kept at am bient tem pera ture (3) the zmm 1 is a sil icon diode oper ated in forw ard dir ection.hence, t he index of all parameters should be " f" ins tead of "z" . con nect t he cathode electrode to the negative pole. zener volt age ra nge (1) at i z v z (v) test cur rent i z (m a) type 5% tol. type 2% tol. zener volt age ra nge (1) at i z v z (v) test cur rent i z (m a) kmm1 thru kmm75 sales@twtysemi.com 3 of 5 http://www.twtysemi.com product specification 4008-318-123
sales@twtysemi.com 4 of 5 http://www.twtysemi.com product specification 4008-318-123
sales@twtysemi.com 5 of 5 http://www.twtysemi.com product specification 4008-318-123


▲Up To Search▲   

 
Price & Availability of KMM1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X