Part Number Hot Search : 
36150 KAL25 39000 TSH22I 90110 D6025 2SC397 PSUH95
Product Description
Full Text Search
 

To Download K3020PG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  k3020p, K3020PG series www.vishay.com vishay semiconductors rev. 2.3, 23-may-12 1 document number: 83505 for technical ques tions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 optocoupler, phototriac output, non-zero crossing, 400 v drm description the k3020p, K3020PG series consists of a phototriac optically coupled to a galliu m arsenide infrared-emitting diode in a 6-lead plastic dual inline package features ? 400 v blocking voltage ? isolation test voltage, 5300 v rms , t = 1 s ? isolation materials per ul94 ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications ? high current triac driver ? solid state relay ? switch small ac loads agency approvals ? ul1577, file no. e52744 system code h ? csa notice 5a compliant, cul tested ? din en 60747-5-5 (vde0884) ? bsi iec 60950; iec 60065 ? cqc: gb8898-2001 note ? g = leadform 10.16 mm; g is not marked on the body. 1 2 3 6 5 4 mt2 mt1 nc a c nc i179041-2 dip s md ordering information k3020p#x0##t part number trigger current bin package option tape and reel agency certified/package trigger current, i ft vde, cul, bsi 3.6 ma 5 ma 10 ma 15 ma 30 ma dip-6 k3036p k3023p k3022p k3021p k3020p dip-6, 400 mil k3036pg k3023pg k3022pg k3021pg K3020PG absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition part symbol value unit input reverse voltage v r 5v forward current i f 80 ma surge current p.w. < 10 s i fsm 3a power dissipation p diss 100 mw junction temperature t j 100 c output peak off-state voltage v drm 400 v on-state rms current i d(rms) 100 ma peak surge current t p ? 10 ms i fsm 1.5 a power dissipation p diss 300 mw junction temperature t j 100 c 10.16 mm 7.62 mm dip-6 g leadform
k3020p, K3020PG series www.vishay.com vishay semiconductors rev. 2.3, 23-may-12 2 document number: 83505 for technical ques tions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? stresses in excess of the abso lute maximum ratings can cause permanent damage to the device. functional operation of the devic e is not implied at these or any other conditions in excess of those give n in the operational sections of this document. exposure to abs olute maximum ratings for extended periods of the time can adversely affect reliability. (1) refer to wave profile for soldering conditions for through hole devi ces (dip) assembly instructions ( www.vishay.com/doc?80054 ) notes ? minimum and maximum values are testing requirements. typical valu es are characteristics of the device and are the result of en gineering evaluation. typical values are for information only and are not part of the testing requirements. (1) test voltage must be app lied within dv/dt ratings. (2) i ft is defined as a minimum trigger current. ? ? ? ? ? coupler isolation voltage t = 1 s v iso 5300 v rms total power dissipation p tot 350 mw storage temperature range t stg - 55 to + 150 c ambient temperature t amb - 55 to + 100 c junction temperature t j 100 c lead soldering temperature (1) 2 mm from case, t < 10 s t sld 260 c electrical characteristics (t amb = 25 c, unless otherwise specified) parameter test condition part symbol min. typ. max. unit input forward voltage i f = 50 ma v f 1.3 1.6 v reverse voltage i r = 10 a v r 5v junction capacitance v r = 0 v, f = 1 mhz c j 50 pf output forward peak off-state voltage ? (repetitive) i drm = 100 na v drm (1) 400 v peak on-state voltage i tm = 100 ma v tm 1.5 3 v critical rate of rise of off-state voltage i f = 0 a, v d = 0.67 v drm dv/dt cr 10 v/s critical rate of rise of on-state current commutation v d = 30 v rms , i d = 15 ma rms dv/dt crq 0.1 0.15 v/s coupler (2) emitting diode trigger current v s = 3 v, r l = 150 ? k3020p i ft 15 30 ma K3020PG i ft 15 30 ma k3021p i ft 815ma k3021pg i ft 815ma k3022p i ft 510ma k3022pg i ft 510ma k3023p i ft 35ma k3023pg i ft 35ma k3036p i ft 23.6ma k3036pg i ft 23.6ma holding current i f = 10 ma, v s ?? 3 v i h 200 a absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition part symbol value unit
k3020p, K3020PG series www.vishay.com vishay semiconductors rev. 2.3, 23-may-12 3 document number: 83505 for technical ques tions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? according to din en60747-5-5 (see figure 4). this optocoupler is suitable for sa fe electrical isolation only within the safety ratings. compliance with the safety ratings shall be ensured by means of suitable protective circuits. safety and insulation ratings parameter symbol min. typ. max. unit climatic classificati on (according to ie c 68 part 1) 55/100/21 pollution degree (din vde 0109) 2 comparative tracking index cti 175 peak transient overvoltage v iotm 8000 v peak peak working insulation voltage v iorm 890 v peak partial discharge test voltage (method a, v pd = v iorm x 1.875) v pd 1669 v peak isolation resistance at t amb = 100 c, v dc = 500 v r io 10 11 ? isolation resistance at t amb = 25 c, v dc = 500 v r io 10 12 ? safety rating - power p so 265 mw safety rating - input current i si 130 ma safety rating - temperature t si 150 c clearance distance (standard dip-6) 7 mm creepage distance (standard dip-6) 7 mm clearance distance (400 mil dip-6) 8 mm creepage distance (400 mil dip-6) 8 mm
k3020p, K3020PG series www.vishay.com vishay semiconductors rev. 2.3, 23-may-12 4 document number: 83505 for technical ques tions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package dimensions millimeters package marking (example) notes ? the g of the g leadform type is not marked on the body. ? the vde logo is only marked on option1 parts. i178004 0.25 typ. 2.95 0.5 3.555 0.255 0.8 min. 7.62 typ. 0.85 0.05 2.54 typ. 1 min. 0.5 0.05 6.4 0.1 8.6 0.1 pin one id 6 5 4 1 2 3 18 3 to 9 7.62 to 8.81 4 typ. iso method a 1.2 0.1 0.35 0.25 10.16 10.92 7.8 7.4 10.36 9.96 g series 18450-5 k3020p v yww h 68
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of K3020PG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X