Part Number Hot Search : 
98020 TLYU1100 32000H SBO20 HF3FF 13017 MMSZ3V3 MEGA64
Product Description
Full Text Search
 

To Download IRFR3706CPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.kersemi.com 1  IRFR3706CPBF irfu3706cpbf  v dss r ds(on) max i d 20v 9.0m ? 75a  absolute maximum ratings symbol parameter max. units v ds drain-source voltage 20 v v gs gate-to-source voltage 12 v i d @ t c = 25c continuous drain current, v gs @ 10v 75  i d @ t c = 100c continuous drain current, v gs @ 10v 53  a i dm pulsed drain current  280 p d @t c = 25c maximum power dissipation  88 w p d @t c = 100c maximum power dissipation  44 w linear derating factor 0. 59 mw/c t j , t stg junction and storage temperature range -55 to + 175 c parameter typ. max. units r jc junction-to-case  ??? 1.7 r ja junction-to-ambient (pcb mount)*  ??? 50 c/w r ja junction-to-ambient  ??? 110 thermal resistance applications benefits  ultra-low gate impedance  very low rds(on) at 4.5v v gs  fully characterized avalanche voltage and current  high frequency isolated dc-dc converters with synchronous rectification for telecom and industrial use  high frequency buck converters for computer processor power  lead-free i-pak irfu3706cpbf d-pak IRFR3706CPBF
irfr/u3706cpbf 2 www.kersemi.com symbol parameter min. typ. max. units conditions i s continuous source current mosfet symbol (body diode) ??? ??? showing the i sm pulsed source current integral reverse (body diode)  ??? ??? p-n junction diode. ??? 0.88 1.3 v t j = 25c, i s = 36a, v gs = 0v  ??? 0.82 ??? t j = 125c, i s = 36a, v gs = 0v  t rr reverse recovery time ??? 45 68 ns t j = 25c, i f = 36a, v r =20v q rr reverse recovery charge ??? 65 98 nc di/dt = 100a/s   t rr reverse recovery time ??? 49 74 ns t j = 125c, i f = 36a, v r =20v q rr reverse recovery charge ??? 78 120 nc di/dt = 100a/s   parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage 20 ??? ??? v v gs = 0v, i d = 250a ? v (br)dss / ? t j breakdown voltage temp. coefficient ??? 0.021 ??? v/c reference to 25c, i d = 1ma ??? 6.9 9.0 v gs = 10v, i d = 15a   ??? 8.1 11 m ? v gs = 4.5v, i d = 12a   ??? 11.5 23 v gs = 2.8v, i d = 7.5a   v gs(th) gate threshold voltage 0.6 ??? 2.0 v v ds = v gs , i d = 250a ??? ??? 20 a v ds = 16v, v gs = 0v ??? ??? 100 v ds = 16v, v gs = 0v, t j = 125c gate-to-source forward leakage ??? ??? 200 v gs = 12v gate-to-source reverse leakage ??? ??? -200 na v gs = -12v dynamic @ t j = 25c (unless otherwise specified) ns symbol parameter typ. max. units e as single pulse avalanche energy  ??? 220 mj i ar avalanche current  ??? 28 a avalanche characteristics s d g diode characteristics 75  280  v sd diode forward voltage i gss i dss drain-to-source leakage current r ds(on) static drain-to-source on-resistance symbol parameter min. typ. max. units conditions g fs forward transconductance 53 ??? ??? s v ds = 16v, i d = 57a q g total gate charge ??? 23 35 i d = 28a q gs gate-to-source charge ??? 8.0 12 nc v ds = 10v q gd gate-to-drain ("miller") charge ??? 5.5 8.3 v gs = 4.5v  q oss output gate charge ??? 16 24 v gs = 0v, v ds = 10v rg gate resistance ??? 1.8 ??? ? t d(on) turn-on delay time ??? 6.8 ??? v dd = 10v t r rise time ??? 87 ??? i d = 28a t d(off) turn-off delay time ??? 17 ??? r g = 1.8 ? t f fall time ??? 4.8 ??? v gs = 4.5v  c iss input capacitance ??? 2410 ??? v gs = 0v c oss output capacitance ??? 1070 ??? pf v ds = 10v c rss reverse transfer capacitance ??? 140 ??? ? = 1.0mhz
irfr/u3706cpbf www.kersemi.com 3 fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics 10 100 1000 0.1 1 10 100 20s pulse width t = 25 c j top bottom vgs 10v 4.5v 3.7v 3.5v 3.3v 3.0v 2.7v 2.5v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 2.5v 10 100 1000 0.1 1 10 100 20s pulse width t = 175 c j top bottom vgs 10v 4.5v 3.7v 3.5v 3.3v 3.0v 2.7v 2.5v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 2.5v 10 100 1000 2.5 3.5 4.5 5.5 6.5 v = 15v 20s pulse width ds v , gate-to-source voltage (v) i , drain-to-source current (a) gs d t = 25 c j t = 175 c j -60 -40 -20 0 20 40 60 80 100 120 140 160 180 0.0 0.5 1.0 1.5 2.0 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d 10v 71a
irfr/u3706cpbf 4 www.kersemi.com fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 0.1 1 10 100 1000 0.2 0.6 1.0 1.4 1.8 v ,source-to-drain voltage (v) i , reverse drain current (a) sd sd v = 0 v gs t = 25 c j t = 175 c j 1 10 100 1000 1 10 100 operation in this area limited by r ds(on) single pulse t t = 175 c = 25 c j c v , drain-to-source voltage (v) i , drain current (a) i , drain current (a) ds d 10us 100us 1ms 10ms 1 10 100 v ds , drain-to-source voltage (v) 10 100 1000 10000 100000 c , c a p a c i t a n c e ( p f ) coss crss ciss v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd 0 10 20 30 40 50 0 2 4 6 8 10 q , total gate charge (nc) v , gate-to-source voltage (v) g gs i = d 28a v = 10v ds v = 16v ds
irfr/u3706cpbf www.kersemi.com 5 fig 10a. switching time test circuit v ds 9 0% 1 0% v gs t d(on) t r t d(off) t f fig 10b. switching time waveforms   
 1     0.1 %    
  + -   fig 11. maximum effective transient thermal impedance, junction-to-case fig 9. maximum drain current vs. case temperature 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0. 1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) 25 50 75 100 125 150 175 0 20 40 60 80 t , case temperature ( c) i , drain current (a) c d limited by package
irfr/u3706cpbf 6 www.kersemi.com q g q gs q gd v g charge d.u.t. v d s i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + -
 fig 13b. gate charge test circuit fig 13a. basic gate charge waveform fig 12c. maximum avalanche energy vs. drain current fig 12b. unclamped inductive waveforms fig 12a. unclamped inductive test circuit t p v (br)dss i as r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v 25 50 75 100 125 150 175 0 100 200 300 400 500 starting t , junction temperature ( c) e , single pulse avalanche energy (mj) j as i d top bottom 12a 24a 28a
irfr/u3706cpbf www.kersemi.com 7 p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop r e-applied v oltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - - fig 14. for n-channel hexfet   power mosfets   
  
             ?    ?
!" #!
? $   
% &!'
' ?
(
    )%! %)! ? *+! $%!  ? ,%-!  ? *!.!$%! )%  !" 
irfr/u3706cpbf 8 www.kersemi.com  

  

  
          
      
        !" ! # $   %  &'    (  
 )* )+(,  -% ./  0 1  +(  0 
  %   -
 2   %    0  %(  1  %  
        %( 1   
  %    0   %   -
 2     !" ! # )* )+(, 34!5*  6 %4,+!7!  0 1  +(  -% 8-(  %-  9 ./
irfr/u3706cpbf www.kersemi.com 9  
   
   
              
    
      
     

    
        !"#$#! %##&  ' (&& )"#*& &!$$#+,-.-#/)$") 0 * ( (  
 1234 
      
      
   
irfr/u3706cpbf 10 www.kersemi.com   repetitive rating; pulse width limited by max. junction temperature. 
  starting t j = 25c, l = 0.54mh r g = 25 ? , i as = 28a.  pulse width 400s; duty cycle 2%.  calculated continuous current based on maximum allowable junction temperature. package limitation current is 30a.  

  
         tr 16.3 ( .641 ) 15.7 ( .619 ) 8.1 ( .318 ) 7.9 ( .312 ) 12.1 ( .476 ) 11.9 ( .469 ) feed direction feed direction 16.3 ( .641 ) 15.7 ( .619 ) trr trl n otes : 1 . controlling dimension : millimeter. 2 . all dimensions are shown in millimeters ( inches ). 3 . outline conforms to eia-481 & eia-541. notes : 1. outline conforms to eia-481. 16 mm 13 inch    "!%!  !##/"! 01)


▲Up To Search▲   

 
Price & Availability of IRFR3706CPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X