Part Number Hot Search : 
FS782 KBP02M TPD7203F 1106A VP0350 2SD2118S SP8J4 SMCJ75
Product Description
Full Text Search
 

To Download FBRF10200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  feature mechanical data low forward voltage drop case: ito-220ab molded plastic high current capability epoxy: ul94-v rate flame retardant high reliability terminals: lead solderable per high surge current current capability mil-std-202 method 208 guaranteed outline free pb weight: 1.9 grams(approx.) max ratings at ta=25c unless otherwise specified symbol FBRF10200 unit vrrm 200 v vrwm 200 v vdc 200 v vr(rms) 140 v if(av) 5/10 a ifsm 150 a 0.88/0.75 0.97/0.85 ir 0.005/1.0 ma tj/ts -65~+175 c rthjc 4.0 c/w cd 250 pf note: 2. pulse width<=300us, duty cycle<=1% reverse leakage current; note. 1@ 25c/125c characteristic vf v max forward voltage if=5a/10a @25c ito-220ab dimension in mm typical diode capacitance vr=-5v, f=1.0mhz operating & torage temp. range working peak reverse voltage peak repetitive reverse voltage dc blocking voltage rms reverse voltage thermal resistance junction to case non-repetitive peak surge current halfwave single phase, 60hz max forward voltage if=5a/10a @125c forward continuous current ; per leg/ package FBRF10200 data sheet 10 amp high voltage schottky barrier rectifiers description mechanical dimensions
ratings and characteristics curves (t a = 25 c unless otherwise noted) figure 1. forward derating curve (total) figure 2. maximum non-repetitive peak forward surge current per leg figure 3. typical instantaneous fo rward characteristics per leg 0 4 6 8 10 20 30 25 50 75 100 125 150 175 average forward current (a) case temperature (c) ito-220 to-220ab 0 20 40 60 80 200 180 160 140 120 100 1 10 100 peak forward surge current (a) number of cycles at 60 h z t j =t jmax 8.3 ms single half-wave 0.1 0.3 0.2 0.4 0.6 0.8 1.0 0.5 0.7 0.9 1.1 1.2 100 10 0.1 1 instantaneous forward voltage (v) i f -- instantaneous forward current (a) t j = 175 c t j = 125 c t j =75 c t j =25 c figure 4. typical reverse characteristics per leg figure 5. typical junc tion capacitance per leg figure 6. typical transient thermal impedance per leg 0.1 0.01 1 10 100 1000 10000 i r -- instantaneo u s re v erse c u rrent ( a) 10 20 30 50 70 100 40 60 8 090 percent of rated peak re v erse v oltage ( % ) t j = 175 c t j = 125 c t j =75 c t j =25 c junction capacitance (pf) 1 10 100 100 1000 10000 0.1 10 reverse voltage (v) 0.01 1 10 100 10 100 0.1 0.1 1 t -- pulse duration (sec.) transient thermal impedance (c/w) to-220 to-220ab data sheet 10 amp high voltage schottky barrier rectifiers fbrf10 200


▲Up To Search▲   

 
Price & Availability of FBRF10200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X