Part Number Hot Search : 
RF300 16722 DMR10A3 MAX41 MAX20 12ZSX DP90S18 NE542
Product Description
Full Text Search
 

To Download ERJ14YJ222C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  thick film chip resistors design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. ? 10 ? e 1 r 2 j 3 3 4 g 5 e 6 y 7 j 8 1 9 0 10 2 11 v 12 thick film chip resistors product code size, power rating xgn : 01005 1gn : 0201 2ge : 0402 3ge : 0603 6ge : 0805 8ge : 1206 14 : 1210 12 : 1812 12z : 2010 1t : 2512 0.031 w 0.05 w 0.1 w 0.1 w 0.125 w 0.25 w 0.5 w 0.75 w 0.75 w 1w power r. marking code y ? nil marking value marking on black side no marking resistance tolerance code j 0 tolerance 5% jumper the first two digits are significant figures of resistance and the third one denotes number of zeros following. decimal point is expressed by r as 4.7 = 4r7. jumper is expressed by r00. resistance value packaging methods code y u packaging type embossed carrier taping w4p1, 40,000 pcs. pressed carrier taping w8p2, 20,000 pcs. c pressed carrier taping 2m m pitch, 15,000 pcs. erjxgn x y punched carrier taping 2m m pitch, 20,000 pcs. u embossed carrier taping 4m m pitch, 5,000 pcs. punched carrier taping 2m m pitch, 10,000 pcs. erj2ge erj1gn embossed carrier taping 4m m pitch, 4,000 pcs. erj1t erj14 erj12 erj12z type : inch v punched carrier taping 4m m pitch, 5,000 pcs. erj3ge erj6ge erj8ge thick film chip resistors 01005, 0201, 04 02, 0603 , 0805, 1206, 1210, 18 12, 2010 , 2512 type: erj xg, 1g, 2g, 3g, 6g, 8g, 14, 12 , 12z, 1t features small size and lightweight high reliability metal glaze thick ? lm resistive element and three layers of electrodes compatible with placement machines taping packaging available suitable for both re? ow and ? ow sol der ing reference standards iec 60115-8, jis c 5201-8, eiaj rc-2134b explanation of part numbers erjxgn, 1gn, 2ge, 3ge, 6g e, 8ge, 14, 12, 12z, 1t series, 5 % type ? when omitted, the rest of the p/ n factors shall be moved up respectively. (only xgn, 1gn, 2ge type)  packaging methods please see pages 40 to 43  recommended soldering conditions please see page 46  recommended land pattern please see pages 44 to 45  safety precautions please see page 47 sep. 2010 00
design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. thick film chip resistors ? 11 ? protective coating alumina substrate electrode (inner) electrode (between) thick film r esistive element electrode (outer) ?0 20 0 20 40 60 80 100 120 140 160 0 180 ?0 155 c 70 c ambient temperature ( c) 20 40 60 80 100 rated load (%) ?5 c 2g, 3g, 6g, 8g, 14, 12, 12z, 1t xg, 1g 125 c a b t w l construction dimensions in mm (not to scale) type (inch size) dimensio ns (mm) mass (w eight) (g/1 000 pcs.) lwa b t erjxg (01005) 0.40 ?.02 0.20 ?.02 0.10 ?.03 0.10 ?.03 0.13 ?.02 0.04 erj1g (0201) 0.60 ?.03 0.30 ?.03 0.10 ?.05 0.15 ?.05 0.23 ?.03 0.15 erj2g (0402) 1.00 ?.05 0.50 ?.05 0.20 ?.10 0.25 ?.05 0.35 ?.05 0.8 erj3g (0603) 1.60 ?.15 0.80 +0.15 0.30 ?.20 0.30 ?.15 0.45 ?.10 2 erj6g (0805) 2.00 ?.20 1.25 ?.10 0.40 ?.20 0.40 ?.20 0.60 ?.10 4 erj8g (1206) 3.20 +0.05 1.60 +0.05 0.50 ?.20 0.50 ?.20 0.60 ?.10 10 erj14 (1210) 3.20 ?.20 2.50 ?.20 0.50 ?.20 0.50 ?.20 0.60 ?.10 16 erj12 (1812) 4.50 ?.20 3.20 ?.20 0.50 ?.20 0.50 ?.20 0.60 ?.10 27 erj12z (2010) 5.00 ?.20 2.50 ?.20 0.60 ?.20 0.60 ?.20 0.60 ?.10 27 erj1t (2512) 6.40 ?.20 3.20 ?.20 0.65 ?.20 0.60 ?.20 0.60 ?.10 45 ?.05 ?.15 ?.20 type (inch size) power rating at 70 c (w) limiting element voltage (1) (v) maximum ov erload voltage (2) (v) resistance tolerance (%) resistance range ( ) t.c.r. ( 10 ? /c) category temperatur e range (?) erjxg (01005) 0.031 15 30 5 4.7 to 1 m (e24) <10 : 100 to +600 10 to 100 : 300 100 < : 200 ?5 to +125 erj1g (0201) 0.05 25 50 5 1 to 10 m (e24) <10 : ?00 to +600 10 to 1 m : ?00 1 m <: ?00 to +150 ?5 to +125 erj2g (0402) 0.1 50 100 5 1 to 10 m (e24) 55 to +155 erj3g (0603) 0.1 75 150 5 1 to 10 m (e24) 55 to +155 erj6g (0805) 0.125 150 200 5 1 to 10 m (e24) 55 to +155 erj8g (1206) 0.25 200 400 5 1 to 10 m (e24) 55 to +155 erj14 (1210) 0.5 200 400 5 1 to 10 m (e24) 55 to +155 erj12 (1812) 0.75 200 500 5 1 to 10 m (e24) 55 to +155 erj12z (2010) 0.75 200 500 5 1 to 10 m (e24) 55 to +155 erj1t (2512) 120050051 to 1 m (e24) 55 to +155 type (inch size) rated cu rrent (a) maximum over load current (a) erjxg (01005) 0.5 1 erj1g (0201) erj2g (0402) 12 erj3g (0603) erj6g (0805) 24 erj8g (1206) erj14 (1210) erj12 (1812) erj12z (2010) erj1t (2512) power derati ng curve for resistors operated in ambient temperatures above 70 c, power rating shall be derated in accordance with the gure below. (1) rate d continuous working voltage (rcwv) shall be de ter mined from rcwv= power rating re sis tance values , or limiting element voltage list ed above, wh icheve r less. (2) overload (short-tim e overload) test voltage (sotv) shall be de ter mined from sotv=2.5 power rating or max. over load volt age list ed above which ev er less. ratings sep. 2010 00


▲Up To Search▲   

 
Price & Availability of ERJ14YJ222C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X