Part Number Hot Search : 
A2403 H8S2649 MS102 X200SG 22412 US5881 CED20N06 200N6
Product Description
Full Text Search
 

To Download DS02D4824A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d s 0 6 s/d s eries 6w dc/dc converter, dip - package, 4:1 wide input range ds_ d s 06 s /d _ 0610 201 3 e - mail : dcdc @ d elta.com.tw http://www.delta.com.tw/dcdc p1 features ? e fficiency up to 83% ? dip package with industry standard pinout ? short circuit protection ? i solation voltage 1500vdc ? operating temp erature range C 40c to +85c ? w ide 4:1 input range ? complies with en55022 class a ? lead free, rohs complian ? 3 years product warranty the d s 06s/d series are miniature, dip package, isolated 6w dc/dc converters with 1,500vdc isolation. it offers short circuit protection and allows a wide operating temperature range of C 40c to + 85 c. these isolated dc/dc converters are the latest offering from a world leader in power systems technology and manufacturing D delta electronics, inc. with creative design technology and optimization of component placement, these converters possess outst anding electrical and thermal performance, as well as extremely high reliability under highly stressful operating conditions model list model number input voltage (range) output voltage output current input current reflected ripple current max. capaciti ve load efficiency (typ.) max. min. @max. load @no load @max. load vdc vdc ma ma ma(typ.) ma(typ.) ma(typ.) uf % ds06s2403a 24 (9 ~ 36) 3.3 1200 120 220 20 20 470 75 ds06s2405a 5 1000 100 267 78 ds06s2412a 12 500 50 301 100 83 ds06s2415a 15 400 40 305 82 ds06d2405a 5 500 50 267 100* 78 ds06d2412a 12 250 2 5 301 83 ds06d2415a 15 2 00 20 305 82 ds06s4803a 48 (18 ~ 75.) 3.3 1200 120 110 10 15 470 75 ds06s4805a 5 1000 100 134 78 ds06s4812a 12 500 50 151 100 83 ds06s4815a 15 400 40 152 82 ds06d4805a 5 500 50 134 100* 78 ds06d4812a 12 250 2 5 151 83 ds06d4 8 15a 15 2 00 20 152 82 * for each output input characteristics parameter model min. typ. max. unit input surge voltage (1 sec. m ax.) 24v input models - 0.7 --- 50 vdc 48v input models - 0.7 --- 100 start - up voltage 24v input models 7 8 9 48v input models 14 16 18 under voltage shutdown 24v input models --- --- 8.5 48v input models --- --- 16 reverse polarity input curre nt all models --- --- 1 a short circuit input power --- --- 3000 mw internal power dissipation --- --- 2500 mw conducted emi compliance to en 55022,class a and fcc part 15,class a
ds_ d s 06 s/d _ 0610 201 3 e - mail : dcdc @ d elta.com.tw http://www.delta.com.tw/dcdc p 2 output characteristics parameter conditions min. typ. max. unit o utput voltage accuracy --- 1.0 2.0 % output voltage balance dual output, balanced loads --- 1.0 2.0 % line regulation vin=min. to max. --- 0.1 0.5 % load regulation io=10% to 100% --- 0.5 1.0 % cross regulation (dual) asymmetrical load 25% / 1 00% fl --- --- 5.0 % ripple & noise (20mhz) --- 50 80 mv p - p ripple & noise (20mhz) over line, load & temp. --- --- 100 mv p - p ripple & noise (20mhz) --- --- 15 mv rms transient recovery time 25% load step change --- 300 500 us transient response d eviation --- 3 --- % temperature coefficient --- 0.01 0.02 %/ general characteristics parameter conditions min. typ. max. unit i/o isolation voltage (rated) 60 sec onds 1500 --- --- vdc i/o isolation resistance 500 vdc 1000 --- --- m recommended input fuse 24v input models 48v input models 1200ma slow - blow type 750ma slow - blow type environmental characteristics parameter conditions min. max. unit operating temperature range (with derating) ambient - 40 +85 power derating curve ~ a m b i e n t t e m p e r a t u r e o u t p u t p o w e r ( % ) 0 2 0 4 0 6 0 8 0 1 0 0 - 4 0 0 2 0 6 0 1 0 0 1 1 0 8 0 4 0 4 0 0 l f m 2 0 0 l f m 1 0 0 l f m n a t u r a l c o n v e c t i o n
ds_ d s 06 s/d _ 0610 201 3 e - mail : dcdc @ d elta.com.tw http://www.delta.com.tw/dcdc p 3 notes 1 specifications typical at ta=+25 mechancial drawing mechanical dimensions pin connections pin single output dual output 2 - vin - vin 3 - vin - vin 9 no pin common 11 nc - vout 14 +vout +vout 16 - vout common 22 +vin +vin 23 +vin +vin nc: no connection ? ? x.xx 0.13 ( x.xxx0 .005) ? ? physical outline ase size : 31.8x20.3x10.2mm (1.25x0.80x0.40 inches) case material : aluminum anodizing treatment in black weight : 13.9g bottom view 2 11 14 16 23 15.24 [0.60] 5.08 [0.20] 4 . 1 [ 0 . 1 6 ] 3 9 22 4.5 [0.18] 1 0 . 2 [ 0 . 4 0 ] 1 5 . 2 2 [ 0 . 6 0 ] 2 0 . 3 [ 0 . 8 0 ] 2 . 5 4 [ 0 . 1 0 ] 31.8 [1.25] 2.54 [0.10] 0.50 [0.02]
ds_ d s 06 s/d _ 0610 201 3 e - mail : dcdc @ d elta.com.tw http://www.delta.com.tw/dcdc p 4 part number ing system d s 0 6 s 24 05 a form factor family series watt number of outputs input voltage output voltage option code d - dip a~z 01:1w s - single 03:3.3v 03:3.3v a - std. functions p - sip 02:2w d - dual 05: 5v 05: 5v s - smd 03:3w 12:12v 12:12v 04:4w 24: 24v 15: 15v 06:6 w 48:48v 24: 24v warranty delta offers a t hree ( 3 ) year s limited warranty. complete warranty information is listed on our web site or is available upon request from delta. information furnished by delta is believed to be accurate and reliable. however, no responsibility is assumed by delta for its use, nor for any infringements of patents or other rights of third parties, which may result from its use. no license is granted by implicatio n or otherwise under any patent or patent rights of delta. delta re serves the right to revise these specifications at any time, without notice.


▲Up To Search▲   

 
Price & Availability of DS02D4824A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X