a 6 date rev revisions change b chng chck 5 4 c d 6 54 dimensions are in millimeters all dimensions for reference only phone: 973 560-0019 whippany, new jersey fax: 973 560-0076 3 drawn check appr by by by date: date: date: 2 nts scale: size: part #: a part: a 1 rev: b 3 2 c d 1 tolerance unless otherwise specified x 1 x.x 0.4 x.xx 0.20 appr 1 of 1 sheet screw, 6-32 x .496" long black oxide threaded dimple 1.0 29 5.4 9.6 5.0 3.20 40.0 16.1 10.3 26.6 bottom to be stamped with pdi logo and p/n CRC-1 1.3 notes: material: steel, 1.0mm thk. finish: black oxide finish break and deburr all edges iec connector retaining clamp for iec 60320 c13 CRC-1 f sls 7/11/97 td 9/27/99 jj 9/27/99 c 01/02/02 revised drawing gq td pb b 7/17/00 revised td ss jj a 1/99 added 3.5mm rad. sls d 7/24/02 screw is 4-40x1/2"; dimple pb td pb 51.6 4.8 3.5 31.0 e 3/24/05 screw is 6-32 x .375" df 3.4 f 10/26/09 screw length .496" pb
|