Part Number Hot Search : 
N120B 03663 R27V802F 04330L ADR4525 LC75348 EGFZ10 LX550
Product Description
Full Text Search
 

To Download CIM31J102NC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  multilayer chip bead cim series- cim31 (3216/ eia 1206) cim series display high impedance because it is composed of a multilayered internal conductor and has excellent attenuation characteristics for wide band frequency.  the smallest beads suitable for surface mounting  perfect shape for automatic mounting, with no directionality.  excellent solderability and high heat resistance for either flow o r reflow soldering  monolithic inorganic material construction for high reliabil ity  closed magnetic circuit configuration avoids crosstalk and is suitab le for high density pcbs. application high frequency emi prevention application to computers, printer s, vcrs, tvs and portable telephones. specification product identification ci m 31 u 101 n e (1) (2) (3) (4) (5) (6) (7) (1) chip beads (2) multi-layer type (3) dimension (4) material code p,u: broad impedance, especially suppresses noise in the 10~200 mhz range j: suppresses noise in the 100~300 mhz range k: suppresses noise in the 200 mhz above n: suppresses noise in the 200~500 mhz range (5) nominal impedance (300:30 ?, 121:120 ?) (6) thickness option(n:standard, a:thinner than standard, b:thicke r than standard) (7) packaging(c:paper tape, e:embossed tape) features  operating temperature range C55 to +125c  storage temperature range C10 to +40c  relative humidity 30 to 70%
recommended soldering condition reflow soldering flow soldering packaging
1. model : cim3216 type 2. dimension 3. description part no. thickness ( mm) impedance ( ? )25%@100 mhz dc resistance ( ? ) max. rated current ( ma) max. cim31u101 1.10.2 10 0.15 500 cim31u601 1.10.2 600 0.3 400 cim31j151 1.10.2 150 0.2 500 cim31j221 1.10.2 220 0.2 400 cim31j301 1.10.2 300 0.25 400 cim31j601 1.10.2 600 0.3 400 cim31j801 1.10.2 800 0.4 400 cim31j102 1.10.2 1000 0.45 400 cim31j152 1.10.2 1500( at 70 mhz) 0.55 300 multilayer chip bead type dimension [ mm] l w t d 31 3.20.2 1.60.2 1.10.2 0.5+0.2 -0.3
4. characteristics data notice : all specifications are subject to change without previous n otice. please contact with product representatives or engineers to check specificati ons.


▲Up To Search▲   

 
Price & Availability of CIM31J102NC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X