Part Number Hot Search : 
AD830 TDA3681 BR1500 1001A 633A32 ECCM1 ECCM1 TDA3681
Product Description
Full Text Search
 

To Download CH02016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ch www.vishay.com vishay sfernice revision: 28-aug-13 1 document number: 53014 for technical questions, contact: sferthinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 high frequency 50 ghz thin film chip resistor those miniaturized components are designed in such a way that their internal reactance is very small. when correctly mounted and utilized, they funct ion as almost pure resistors on a very large range of frequency, up to 50 ghz. features ? operating frequency 50 ghz ? thin film microwave resistors ? smd wraparound or flip chip resistor ? small size, down to 20 mils by 16 mils ? edged trimmed block resistors ? pure alumina substrate (99.5 %) ? ohmic range: 10r to 500r ? design kits available ? small internal reactance (lc down to 1 10 -24 ) ? tolerance 1 %, 2 %, 5 %, 10 % ? tcr: 100 ppm/c in (- 55 c, + 155 c) temperature range ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 notes (1) for ch0402 and ch0603 with p termination, a dimension is in creased by 0.2 mm (2) + or - 0.07 mm standard electrical specifications model size resistance range ? rated power pn w limiting element voltage v tolerance % temperature coefficient ppm/c CH02016 02016 10 to 500 0.030 30 1, 2, 5, 10 100 ch0402 0402 10 to 500 0.050 37 1, 2, 5, 10 100 ch0603 0603 10 to 500 0.125 50 1, 2, 5, 10 100 dimensions in millimeters (inches) case size ? max. tol. ? + 0.1 (+ 0.004) ? min. tol. ? - 0.1 (- 0.004) dimensions a (1) bc d/e max. tol. + 0.1 (+ 0.004) min. tol. - 0.1 (- 0.004) max. tol. + 0.1 (+ 0.004) min. tol. - 0.1 (- 0.004) max. tol. + 0.127 (+ 0.005) min. tol. - 0.127 (- 0.005) min. max. 02016 0.48 (0.020) 0.39 (0.016) 0.42 (0.02) (2) 0.11 (0.004) 0.15 (0.008) 0402 1.00 (0.040) 0.6 (0.023) 0.5 (0.02) 0.15 (0.006) 0.35 (0.014) 0603 1.52 (0.060) 0.75 (0.030) 0.5 (0.02) 0.25 (0.010) 0.51 (0.020) a (1) d d c (p) (n) and (g) a d d c e e b a d d c (f)
ch www.vishay.com vishay sfernice revision: 28-aug-13 2 document number: 53014 for technical questions, contact: sferthinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? suggested land pattern: according to ipc-7351 ? dimension and tolerance of land pattern shall be defined by pcb designer; pcb can be designed according to ipc-7351a generic requirements for surface mount design and land pattern standard example of land pattern: fabrication allowance, assembly locatio n and min. or max. level density board are not included in the exemple bellow. according to ipc-7351a generic requirements for surface mount design and land pattern standard : z max. = a min. + 2j t + with c: unilateral prof ile tolerance for the component; g min. = f max. + 2j h - f: unilateral pro file tolerance for the board land pattern; x max. = b min. + 2j s + and p: diameter of true position placement accuracy to the center of land pattern. for rectangular component flip-chip mounting, we suggest: note (1) best tolerance for 100 ? to 500 ? in 02016 is 2 % land pattern flip chip terminations in millimeters chip size z max. x max. g min. 02016 0.53 0.44 0.15 0402 1.4 0.650 0.4 0603 1.71 0.9 0.760 g min. z max. x max. c a 2 f 2 p 2 ++ ?? c f 2 f 2 p 2 ++ ?? c b 2 f 2 p 2 ++ ?? component j h j s j t land pattern footprint jt (toe) 0 mm jh (hell) 0 mm js (sde) 0 mm wraparound terminations in millimeters chip size z max. g min. x max. 0402 1.55 0.15 0.73 0603 2.37 0.35 0.98 tolerance vs. ohmic values ohmic range 10 ? ? r < 50 ? 50 ??? r < 100 ? 100 ??? r ? 500 ? (1) tolerance 5 %, 10 % 2 %, 5 %, 10 % 1 %, 2 %, 5 %, 10 % g min. z max. x max.
ch www.vishay.com vishay sfernice revision: 28-aug-13 3 document number: 53014 for technical questions, contact: sferthinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 preferred models and values vishay sfernice highly recommend to use the smallest si zes and flip chip version to get the best performances. recommended values : 10r/18r/25r/50r/75r/100r/ 150r/180r/200r/ 250r/330r/500r ? those values are available with a moq of 100 pieces. ? other values can be ordered upon request, but higher mo q will apply: 1000 pieces fo r CH02016, 500 pieces for ch0402, 50 pieces for ch0603 . recommended terminations : f recommended tolerance : 2 % design kits are available ex stock in CH02016 and ch0402 sizes. th ere are 20 pieces per recommended value. f termination. 5 % tolerance. ? those kits are packaged in pieces of tape and delivered in esd bags. packaging standard packaging is waffle pack for sizes 0402 and 0603 and plastic tape and reel (low conductivity) for size 02016. ? paper tape and reel is available for size 0402 and either paper ta pe and reel or plastic tape and reel (low conductivity) for s ize 0603. depending on the type of terminatio ns, parts will be packed differently: one face: ? gold terminations: active face up ? tin/silver terminatio n: active face down note ? please refer to vishay sfernice application note guidelines for vishay sfernice resistive and inductive products for solderi ng recommendation (doc ument number 52029, 3. guidelines fo r surface mounting components (smd), profile number 3 applies packaging rules waffle pack can be filled up to maximum qu antity indicated in the table here above, taking into account the minimum order quantity. when quantity ordered exce eds maximum quantity of a single waffle pack, the waffle packs are stacked up on the top of each other and closed by one single cover. to get not stacked up waffle pack in case of ordered quantity > maximum number of pieces per package: please consult vishay sfernice for sp ecific ordering code. tape and reel see part numbering information to get the quantity desired by tape. size moq number of pieces per package tape width waffle pack 2" x 2" tape and reel min. max. 02016 see moq mentioned on preferred models and values 484 100 5000 8 mm 0402 100 0603 100
ch www.vishay.com vishay sfernice revision: 28-aug-13 4 document number: 53014 for technical questions, contact: sferthinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? historical part numbers ar e not recommended but can st ill be used for ordering. global part number information new global part numbering: ch0402-50r jf (preferred part number format) global model size ohmic value tolerance termination (1) packaging option ch 02016 0402 0603 10r to 500r f = 1 % g = 2 % j = 5 % k = 10 % f (flip chip): snag over nickel barrier n (w/a): snag over nickel barrier (except 02016) p (one face): (2) gold bonding pads g (w/a): gold (except 02016) for more information see codification of packaging table from 1 to 3 digits. leave blank if no option. historical part number example: ch 02016-100rgfpt1k (tapes of 1k pieces) ? ch0402-50rjf (waffle pack) codification of packaging waffle pack (standard packaging for ch0402 and ch0603) w 10 min., 1 mult plastic tape (standard pa ckaging for CH02016 and ch0603) t 100 min., 1 mult ta 100 min., 100 mult tb 250 min., 250 mult tc 500 min., 500 mult td 1000 min., 1000 mult te 2500 min., 2500 mult tf full tape (qunatity depending on size of chips) paper tape (standard packaging for ch0402 - available for ch0603) pt 100 min., 1 mult pa 100 min., 100 mult pb 250 min., 250 mult pc 500 min., 500 mult pd 1000 min., 1000 mult pe 2500 min., 2500 mult pf full tape (qunatity depending on size of chips) typical high frequency performance electrical model c internal shunt capacitance l internal inductance r resistance z internal impedance (r, l, c) l c external connection inductance c g external capaci tance to ground l c c g z 0 c l r z z 0 l c h0402 - 50r c jf 9 t 9 9
ch www.vishay.com vishay sfernice revision: 28-aug-13 5 document number: 53014 for technical questions, contact: sferthinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 the complex impedance of the chip resistor is given by the following equations: notes ? ? = 2 x ? x f ? f : frequency ? the chip resistor itself is purely resistive when . the smaller the l x c product the greater the frequency range over which the resistor looks approximately resistive. ? this can be seen on the graphs sh owing the ratio versus frequency. ? r, l and c are relevant to the chip resistor itself. ? l c and c g also depends on the way the chip resistor is mounted. ? it is important to notice that afte r assembly the extern al reactance of l c and c g will be combined to internal reactance of l and c. this combination can upgrade or down grade the hf behaviour of the component. ? this is why we are displaying two sets of data: ? versus frequency curves which aims to show at a glan ce the intrinsic hf performa nce of a given chip resistor ? s-parameters versus frequency curves relevant to chip resistor when asse mbled on ideal z0 impe dance transmission line these lines are terminated with adapted source and load impedance respectively z s and z l with z 0 = z l = z s (for others configurations please consult us). equivalent circuit for s-parameters: s-parameters are computed taking into account all the resi stive, inductive and capacitive elements (z total) and z 0 = z l = z s = r . z r j ? l r 2 c ? l 2 c ? 2 ? ?? + 1c r 2 c 2l ? ??? 2 l 2 c ? 4 + ?? + ------------------------------------------------------------------------------------- - = z ?? r -------- 1 1 c r 2 c 2l ? ??? 2 l 2 c ? 4 + ?? + ----------------------------------------------------------------------------------------- - x 1 ? l r 2 c ? l 2 c ? 2 ? ?? r ------------------------------------------------------------ 2 + = ? tan 1 ? ? l r 2 c ? l 2 c ? 2 ? ?? r ------------------------------------------------------------ = r l c --- - = z ?? r -------- z ?? r -------- l c c g z 0 c l r z total z 0 l c z s g z l c g
ch www.vishay.com vishay sfernice revision: 28-aug-13 6 document number: 53014 for technical questions, contact: sferthinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 internal impedance curves 0.1 1 10 100 f (ghz) izi/r 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 25 internal impedance curve for 02016 size (f and p terminations) 10 50 75 100 150 200 250 500 0.1 1 10 100 f (ghz) izi/r 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 25 internal impedance curve for 0402 size (f and p terminations) 10 50 75 100 150 200 250 500
ch www.vishay.com vishay sfernice revision: 28-aug-13 7 document number: 53014 for technical questions, contact: sferthinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 internal impedance curves 0.1 1 10 100 f (ghz) izi/r 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 25 internal impedance curve for 0402 size (n and g terminations) 10 75 100 150 200 250 500 50 0.1 1 10 100 f (ghz) izi/r 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 25 internal impedance curve for 0603 size (f and p terminations) 10 50 75 100 150 200 250 500
ch www.vishay.com vishay sfernice revision: 28-aug-13 8 document number: 53014 for technical questions, contact: sferthinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 internal impedance curves s-parameter CH02016 (f and p terminations) 0.1 1 10 100 f (ghz) izi/r 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 25 internal impedance curve for 0603 size (n and g terminations) 10 50 75 100 150 200 250 500 0.1 1 10 100 f (ghz) magnitude (db) - 10 - 9 - 8 - 7 - 6 - 5 - 4 - 3 - 2 CH02016 flip chip (z 0 = z i = z s = r = 50 ) s21 s11 0.1 1 10 100 f (ghz) magnitude (db) - 10 - 9 - 8 - 7 - 6 - 5 - 4 - 3 - 2 CH02016 flip chip (z 0 = z i = z s = r = 100 ) s21 s11
ch www.vishay.com vishay sfernice revision: 28-aug-13 9 document number: 53014 for technical questions, contact: sferthinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 s-parameter ch0402 (f and p terminations) ch0402 (n and g terminations) ch0603 (f and p terminations) 0.1 1 10 100 f (ghz) magnitude (db) - 10 - 9 - 8 - 7 - 6 - 5 - 4 - 3 - 2 ch0402 flip chip (z 0 = z i = z s = r = 50 ) s21 s11 0.1 1 10 100 f (ghz) magnitude (db) - 10 - 9 - 8 - 7 - 6 - 5 - 4 - 3 - 2 ch0402 flip chip (z 0 = z i = z s = r = 100 ) s21 s11 0.1 1 10 100 f (ghz) magnitude (db) - 10 - 9 - 8 - 7 - 6 - 5 - 4 - 3 - 2 ch0402 wraparound (z 0 = z i = z s = r = 50 ) s21 s11 0.1 1 10 100 f (ghz) magnitude (db) - 10 - 9 - 8 - 7 - 6 - 5 - 4 - 3 - 2 ch0402 wraparound (z 0 = z i = z s = r = 100 ) s21 s11 0.1 1 10 100 f (ghz) magnitude (db) - 10 - 9 - 8 - 7 - 6 - 5 - 4 - 3 - 2 ch0603 flip chip (z 0 = z i = z s = r = 50 ) s21 s11 0.1 1 10 100 f (ghz) magnitude (db) - 10 - 9 - 8 - 7 - 6 - 5 - 4 - 3 - 2 ch0603 flip chip (z 0 = z i = z s = r = 100 ) s21 s11
ch www.vishay.com vishay sfernice revision: 28-aug-13 10 document number: 53014 for technical questions, contact: sferthinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 s-parameter ch0603 (n and g terminations) 0.1 1 10 100 f (ghz) magnitude (db) - 10 - 9 - 8 - 7 - 6 - 5 - 4 - 3 - 2 ch0603 wraparound (z 0 = z i = z s = r = 50 ) s21 s11 0.1 1 10 100 f (ghz) magnitude (db) - 10 - 9 - 8 - 7 - 6 - 5 - 4 - 3 - 2 ch0603 wraparound (z 0 = z i = z s = r = 100 ) s21 s11
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of CH02016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X