Part Number Hot Search : 
N4744 ACTF0016 3045C 472M03 SDB2301 RN5RY301 LG358 01502
Product Description
Full Text Search
 

To Download CD-1705 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  15 photovoltaic series planar diffused silicon photodiodes n features ? ultra low noise ? high shunt resistance ? wide dynamic range ? blue enhanced n applications ? colorimeters ? photometers ? spectroscopy equipment ? fluorescence the photovoltaic detector series is utilized for applications requiring high sensitivity and moderate response speeds, with an additional sensitivity in the visible-blue region for the blue enhanced series. the spectral response ranges from 350 to 1100 nm, making the regular photovoltaic devices ideal for visible and near ir applications. for additional sensitivity in the 350 nm to 550 nm region, the blue enhanced devices are more suitable. these detectors have high shunt resistance and low noise, and exhibit long term stability. unbiased operation of these detectors offers stability under wide temperature variations in dc or low speed applications. for high light levels (greater than 10mw/cm2), the photoconductive series detectors should be considered for better linearity. these detectors are not designed to be reverse biased! very slight improvement in response time may be obtained with a slight bias. applying a reverse bias of more than a few volts (>3v) will permanently damage the detectors. if faster response times are required, the photoconductive series should be considered. refer to the photovoltaic mode (pv) paragraph in the photodiode characteristics section of this catalog for detailed information on electronics set up. free datasheet http:///
16 photovoltaic series typical electro-optical specifications at t a =23oc ? the i suffix on the model number is indicative of the photodiode chip being isolated from the package by an additional pin connected to the case. the photodiode chips in fil series are isolated in a low profile plastic package. the have a large field of view as well as in line pins. ? for mechanical drawings please refer to pages 58 thru 69. ? operating temperature: -40 to +100 oc, storage temperature: -55 to +125 oc. * non-condensing temperature and storage range, non-condensing environment. model number active area peak responsivity wavelength responsivity at p capacitance (pf) shunt resistance (g?) nep (w/ hz) rise time (ns) temp.* range (?c) package style ? area (mm 2 ) dimensions (mm) p (nm) (a/w) 0 v -10 mv 0v 970 nm 0 v 632 nm 50 ? operating storage typ. min. typ. max. min. typ. typ. typ. dp series, metal package CD-1705 0.88 0.93 sq 850 0.55 0.60 70 1.0 10 2.1 e-15 2000 -40 ~ +100 -55 ~ +125 71 / plastic pin-2dpi ? 1.1 0.81 x 1.37 970 150 30 4 / to-18 pin-125dpl 1.6 1.27 sq. 160 8 / to-18 pin-3cdpi 3.2 1.27 x 2.54 320 0.5 5.0 3.0 e-15 50 4 / to-18 pin-3cdp 7 / to-18 pin-5dpi 5.1 2.54 500 0.4 4.0 3.4 e-15 60 2 / to-5 pin-5dp 5 / to-5 pin-13dpi 13 3.6 sq 1200 0.35 3.5 3.6 e-15 150 2 / to-5 pin-13dp 5 / to-5 pin-6dpi 16.4 4.57 2000 0.2 2.0 3.9 e-15 220 3 / to-8 pin-6dp 6 / to-8 pin-44dpi 44 6.6 sq 4300 0.1 1.0 4.8 e-15 475 3 / to-8 pin-44dp 6 / to-8 pin-10dpi 100 11.28 9800 0.05 0.2 6.8 e-15 1000 -10 ~ +60 -20 ~ +70 10/ lo-prof pin-10dp 11 / bnc pin-25dp 613 27.9 60000 0.002 0.1 3.0 e-14 6600 12 / bnc dp series, plastic package pin-220dp 200 10 x 20 970 0.55 0.60 20000 0.02 0.2 1.2 e-14 2200 -10 ~ +60 -20 ~ +70 27 / plastic super blue enhanced dp/sb series, (all specifcations @ = 410 nm. v bias = 0v, r l = 50?) model no. active area/dimensions responsivity (a/w) capacitance (pf) r sh (m?) nep (w/hz) operating current (ma) rise time (s) -10 ~ +60 -20 ~ +70 package style ? mm 2 mm min. typ. typ. min. typ. max. typ. pin-040dp/sb 0.81 1.02 0.15 0.20 60 600 2.0 e-14 0.5 0.02 1 / to-18 pin-5dp/sb ? 5.1 2.54 450 150 5.2 e-14 2.0 0.2 5 / to-5 pin-10dp/sb 100 11.28 8800 10 2.0 e-13 10.0 2.0 11 / bnc pin-10dpi/sb 10 / metal pin-220dp/sb 200 10 x 20 17000 5 2.9 e-13 10.0 4.0 27 / plastic 5t series, blue model no. active area/dimensions responsivity (a/w) 436nm capacitance (pf) 0v r sh (m?) nep (w/hz) dark current (pa) rise time (s) -25 ~ +75 -45 ~ +100 package style ? mm 2 mm min. typ. max min. typ. max. typ. osd1-5t 1.0 1.0 sq 0.18 0.21 35 250 2.5 e-14 1.0 7 7 / to-18 osd3-5t 3.0 2.5 x 1.2 80 100 3.0 e-14 2.0 9 7 / to-18 osd5-5t 5.0 2.5 130 100 3.3 e-14 2.0 9 5 / to-5 osd15-5t 15.0 3.8 sq 390 50 5.6 e-14 10.0 12 5 / to-5 osd60-5t 62.0 7.9 sq 1800 3 2.1 e-13 25.0 30 72 / to-8 osd100-5ta 100.0 11.3 2500 2 2.5 e-13 30.0 45 74 / special free datasheet http:///
for further assistance please call one of our experienced sales and applications engineers 310-978-0516 - or - on the internet at www.osioptoelectronics. com 57 1. parameter definitions: a = distance from top of chip to top of glass. a = photodiode anode. b = distance from top of glass to bottom of case. c = photodiode cathode (note: cathode is common to case in metal package products unless otherwise noted). w = window diameter. f.o.v. = filed of view (see definition below). 2. dimensions are in inches (1 inch = 25.4 mm). 3. pin diameters are 0.018 0.002" unless otherwise specified. 4. tolerances (unless otherwise noted) general: 0.xx 0.01" 0.xxx 0.005" chip centering: 0.010" dimension a: 0.015" 5. windows all uv enhanced products are provided with quartz glass windows, 0.027 0.002" thick. all xuv products are provided with removable windows. all dls psd products are provided with a/r coated glass windows. all fil photoconductive and photovoltaic products are epoxy filled instead of glass windows. free datasheet http:///
58 mechanical specifications all units in inches. pinouts are bottom view. pin-6di pin-6dpi pin-44di pin-44dpi osd35-0 osd35-7q pin-44di, pin-44dpi, osd35-0, osd35-7 q pin-6di, pin-6dp i osd35-0 0.13 0 p/n a pin-6di/6dpi 0.11 5 pin-44di/44dpi 0.12 5 osd35-7q 0.130 quartz window pin-2di pin-2dpi pin-3cdp pin-3cdpi bpx-65 r pin-3cd pin-3cdp bpx-65 osd1-0 osd1-5t osd3-5 t osd1.2-7q osd1.2-7u pin-5d pin-5d p pin-5dp/sb pin-13 d pin-13dp pin-005e-550 f uv -001 uv -005 uv -005 d uv -005 e uv -013 d uv -013 e uv -015 osd-5- 0 osd15-0 osd5-5t osd15-5t osd5.8-7 q osd5.8-7 u bpx-65 r all others p/n a b pin-3cd / 3cdp 0.087 0.14 6 bpx-65 0.075 0.20 0 osd-pr efix devices 0.080 0.20 0 p/n a b w all others 0.094 0.180 0.240 cd-25t 0.050 0.130 0.23 p/n a b w pin-020a 0.075 0.200 0.155 pin-040a 0.075 0.200 0.155 pin-5di pin-5dpi pin-13di pin-13dpi pin-5- ya g cd-25t pin-020a pin-040 a pin-040-dp/sb pin-6d pin-6dp pin-44d pin-44dp uv -020 uv -035d uv -035 e uv -035 pin-hr005 pin-hr008 pin-hr020 pin-hr026 pin-hr040 pin-125dp l pin-5d, pin-5dp , pin-5dp/sb , pin-13d, pin-13dp , pin-005e-550 f uv -005d, uv -005e, uv -013d, uv -01 3 15osd-5-0, osd15-0, osd5-5t , osd15-5t osd5.8-7q, osd5.8-7 u quartz window: osd5.8-7 q uv tr ansmissive window: osd5.8-7 u quartz window: osd1.2-7 q uv tr ansmissive window: osd1.2-7 u uv -001, uv -005, uv -01 5 a b p/ n bpx-65 r all others a 0.070 0.090 b 0.20 0 0.15 0 a b p/ n osd-pr efix devices all others a 0.05 0 0.10 2 b 0.13 0 0.18 0 free datasheet http:///
59 mechanical specifications all units in inches. pinouts are bottom view. low pr ofile 10 pr oducts: pin-10di pin-10dpi pin-10dpi/sb uv -50l uv -100l pr oducts: pin-10d pin-10dp pin-10dp/sb uv -50 uv -100 pr oducts: pin-25d pin-25dp bnc 11 bnc 12 special bnc 13 pr oducts: pin-10ap pin-10df pr oducts: fil-5c fil-20c fil-uv20 fil-c4dg pr oducts: fil-44c fil-100c fil-uv50 fil-uv100 fil-c10dg special plastic 14 special plastic 15 1.000 0.975 0.195 1.230 0.550 0.750 0.575 (w ) 0.100 0.300 0.485 0.031 a a b 0.200 1.000 0.675 b 0.100 0.200 0.440 (w ) b 3 1 2 3 4 8 7 6 5 2 1 4 5 6 fil ter cap 1.230 a b c 0.700 (w ) 0.750 1 3 2 0.125 0.695 (w ) 0.975 0.175 0.560 0.092 0.100 0.630 0.470 0.252 0.560 0.470 0.695 (w ) 1.675 1.302 (w ) pin cir cle dia.=0.73 p/n a b fil-5c 0.060 0.130 fil-20c fil-uv005 fil-uv20 0.087 0.152 fil-c4dg outer contact anode pin-10d, pin-10dp , pin-10dp/sb outer contact cathode uv -50, uv -100 outer contact anode p/n a b c pin-10df 0.217 0.330 1.020 pin-10ap 0.386 0.550 1.415 dimensions dimension s p/n 1 2 3 4 5 6 fil-5c fil-20c a - c a - c fil-uv005 fil-uv20 c - a c - a fil-c4dg c a c c a c pinout s pinout s dimension s 3 case 2c 1a p/n a b fil-44 c fil-100c fil-uv50 fil-uv100 fil-c10dg 0.082 0.155 0.052 0.130 0.090 0.155 p/ n fil-44 c fil-100 c fil-uv50 fil-uv100 fil-c10d g 1 2 3 4 5 6 7 8 a - - c a - - c c - - a c - - a c a a c c a a c free datasheet http:///
61 mechanical specifications all units in inches. pinouts are bottom view. to-5 22 pr oducts: xuv -005 pr oducts: xuv -020 xuv -035 pr oducts: pin-dsin-tec to-8 23 to-8 24 special ceramic / plastic 25 pr oducts: rd-100 rd-100a uv -35p uv -005ec uv -035ec uv -100ec uv -005dc uv -035dc uv -100dc xuv -50c xuv -100c osd35-7co osd35-lr-a osd35-lr-d pr oducts: pin-rd07 pin-rd15 to-8 26 special plastic 27 pr oducts: pin-220d pin-220dp pin-220dp/sb pr oducts: xuv -100 bnc 28 0.600 0.525 0.435 0.113 0.231 (w ) 0.550 0.485 0.430 (w ) 0.375 0.500 0.075 0.225 0.375 0.201 0.530 0.120 0.550 0.460 0.065 0.360 0.285 0.090 a b c 0.310 0.209 0.118 0.076 0.065 0.236 0.626 0.450 0.560 1.250 1.575 0.975 0.625 0.083 0.390 0.470 notch indicates anode pin 0.080 0.390 min. d 3a 3 1 3 1 1 5 4 8 1c c a 3a 1c 3c 3 1 2 1a 2 case pin cir cle dia.=0.295 pin cir cle dia.=0.295 pin diameter=0.040 bnc connector outer contact = cathode pin cir cle dia.=0.200 p/n a b c d uv -005ec 0.400 0.350 0.030 0.280 uv -035ec 0.400 0.350 0.030 0.290 uv -100ec 0.650 0.590 0.048 0.500 uv -005dc 0.400 0.350 0.030 0.280 uv -035dc 0.400 0.350 0.030 0.290 uv -100dc 0.650 0.590 0.053 0.500 xuv -50c 0.650 0.590 0.027 0.490 xuv -100c 0.650 0.590 0.027 0.490 rd-100 0.650 0.590 0.027 0.490 rd-100a 0.650 0.590 0.027 0.490 uv -35p 0.390 0.345 0.050 0.275 dimensions 1 tec (-) 2 thermistor 3 thermistor 4 tec (+ ) 5 bottom ingaas, cathode 6 bottom ingaas, anode 7 t op silicon, anode 8 t op silicon, cathode pinout osd35-7co osd35-lr- a osd35-lr- d 0.390 0.390 0.390 0.350 0.350 0.350 0.290 0.290 0.290 -- - -- - -- - note: osd35-pr efix packages come with 0.31 (min.) lead s free datasheet http:///
69 plastic 71 to-8 72 to-8 73 special 74 anod e 0.04 0.61 0.08 0.16 max. 0.012 dia. 0.018 dia. ca thode 0.12 dia. 0.55 dia. 0.22 0.28 0.20 0.05 red do t indica te s ca thode lead 0.50 min. 0.11 nom . 0.45 min. 0.039 dia. 1.09 dia. 0.018 dia. ca thode & case anod e 0.44 dia. 0.08 nom. 0.82 dia. window 1.25 dia. 0.75 dia. 0.60 dia. 0.40 dia. 0.55 dia. 0.17 0.50 min . 0.018 dia. 0.44 dia. 0.60 dia. 0.08 nom. 0.10 typ. 0.40 q4 q3 ca thode & case quadrant anode 1 q2 6 5 4 1 2 3 apd-900 apd-1500 apd-3000 CD-1705 osd100-0 a osd100-5t a osd-60-0 qd50-0 to-5 75 dls-2s a a c c pin cir cle dia.= 0.200 bottom v iew 0.360 0.325 0.240 0.086 0.180 0.500 0.018 os-p200 0.35 5 0.34 5 0.59 mi n (4 plcs) optical 0.30 5 0.29 5 0.205 0.153 0.1 3 0.050 0.42 0 0.40 0 0.20 0 0.105 0.080 0.170 0.020 0.100 0.2 5 plastic molded 76 c l 0.21 3 0.21 3 apd-300 apd-500 apd-300l apd-500l 0.185 0.18 5 0.05 9 0.18 1 0.15 0.08 5 0.10 0.5 min. 0.079 (w ) 99 free datasheet http:///


▲Up To Search▲   

 
Price & Availability of CD-1705

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X