revision date: a. b. c. d. 4 green 2 red 3 white item color 1 black conductor dcr: 10.63 ohms/m' @ 20c (nom) mutual capacitance: 31.7 pf/ft. @ 1 khz (nom) color code csa international type cmg electrical properties temperature: cm/cmg: 105c, awm: 80c suggested working voltage: 300v industry approvals national electrical code article 800 ul standard 444 type cm ul standard 758 awm style 2464 jacket: .032" polyvinyl chloride (pvc) jacket ripcord under jacket" .256" nom print legend: carol? exzel? -- C9220A -- 4c 20 awg shielded e105765-h (ul) type cm 105c or awm 2464 80c 300v vw-1 --- ll69381 csa type cmg 105c ft4 -- ce -- -- rohs -- made in usa (date code) (trumark sequential footage) cable core: cable 4/c @ 2.25" lhl w/ clear polyester wrap .170" nom shield: 20awg 7/0.121 tc drain wire, aluminum / polyester / aluminum 100% coverage braid: 70% tinned copper braid construction diameters conductor: #20 awg 7/0.121 tinned copper .036" nom insulation: .016" polyvinyl chloride (pvc) .068" nom product data sheet part number: C9220A 9/5/2012 4c 20 awg 7/0.121 tc pvc / oas / braid / pvc note: data subject to change without notice. cont act your customer service representative for latest information.
|