re v date change detail general cable 20 forge park, franklin, ma 02038 phone: 508-541-7100 fax: 508-541-8122 title: C8109 description: 1 pr 22 awg shielded plenum cable created by: a 07/02/09 initial release -db final approval: vm C 7/2/09 page 1 of 1 general cable reserves the right to modify this inf ormation without prior notification and does not ma ke a warranty or representation of any kind, whethe r implied or expressed with respect to the informat ion contained herein. general cable assumes no risks, and will n ot be liable for direct or indirect, special; incid ental or consequential damages, any defect or perso nal injury resulting from the use of this document. description: tinned copper conductor, fep insulatio n, twisted pair, overall foil shield and fep jacket ed plenum cable. a. construction: 1.0 primaries: 1.1 conductor: awg stranding nom. dia 1.2 insulation: material nom. thickness nom. od 22 awg 7/30 tinned copper; .030" fep .006 .042" 2.0 pair construction: two insulated conductors t wisted together 2.1 no. of pairs 1 2.2 pair color code: black & red 3.0 overall shield: 3.1 separator: polyester tape 3.2 shield: aluminum/polyester tape; 100% coverage; (aluminum s ide out) 3.3 drain wire: 22 awg stranded tinned copper 4.0 jacket material: fep nom. wall: .016 colo r: tbd 5.0 overall diameter of cable nom. .122 6.0 marking: surface print: general cable (f) C8109 2c 22 awg shielded cmp (ul) c(ul) ---- rohs aaaaa* * indicates shop order number b. characteristics: 1.0 conductor dc resistance @20c max. (ohm): 16 2.0 capacitance between conductors nom. (pf/ft): 3 5 3.0 capacitance cond. to other cond.& shield nom. (pf/ft): 65 4.0 inductance nom. (h/ft): .15 5.0 shield resistance nom.(ohms/1000): 12 6.0 velocity of propagation nom.: 69 7.0 characteristic impedance nom. (ohms): 48 8.0 operating voltage nom.: 300 v 9.0 continuous operating temp: -40c to + 200c 10.0 min. bend radius (inches): 1.2 11.0 max. pulling tension lbs: 27.0 c. approvals: ul Ccmp ; c(ul) cmp
|