Part Number Hot Search : 
29F400BB FW241 CEB655N BUY70B SP322 MSM541 L1010 6012M28
Product Description
Full Text Search
 

To Download BAV21W-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat b y - fast switching device(trr<50ns) - surface device type mounting - moisture sensitivity level 1 - low reverse leakage - pb free version and rohs compliant - case : bend lead sod-123 small outline plastic package - polarity : indicated by cathode band - weight : 10.5 0.5 mg units v v mw ma ma a o c units vr=100v vr=150v vr=200v pf (note 1) ns document number ds_s1310006 version : a13 - - 5.0 50 v rm 120 200 250 min max 100 150 250 - - 0.1 bav19w-g/bav20w-g/BAV21W-G hi g h volta g e fast switchin g diode sod-123 - green compound (halogen free) with suffix "g" on packing code and prefix "g" on date code - terminal : matte tin plated, lead free., solderable small signal product taiwan semiconductor features ua reverse leakage current junction capacitance - v reverse recovery time mechanical data v i fsm -65 to +150 120 200 250 bav19w-g bav20w-g BAV21W-G t j , t stg average rectified output current symbol v br junction and storage temperature range per mil-std-202, method 208 guaranteed - high temperature soldering guaranteed : 260c/10s maximum ratings and electrical characterstics (t a =25 unless otherwise noted) reverse voltage v r p d repetitive peak forward current i fm parameter symbol @ tp=1.0ms; ta=25 power dissipation non-repetitive peak forward surge current i o peak reverse voltage - - - i f = 100 ma i f = 200 ma i r - - 1.00 1.25 bav19w-g forward voltage v f bav19w-g bav20w-g BAV21W-G bav20w-g BAV21W-G i r =100ua reverse voltage value 500 400 note 1 : test condition : i f = i r = 30ma , r l =100 ? , i rr =3ma trr c j v r = 0 , f = 1.0 mhz 200 2.5 parameter free datasheet http:///
creat b part no. part no. bav19w-g bav19w-g bav19w-g bav19w-g dimensions min max min max a 1.4 1.8 0.055 0.071 b 3.55 3.85 0.140 0.152 c 0.45 0.7 0.018 0.028 d 2.55 2.85 0.100 0.112 e 0.95 1.35 0.037 0.053 f 0.05 0.15 0.002 0.006 g h - 0.1 - 0.004 a b c d document number ds_s1310006 version : a13 note 1 : "xx" defines voltage from 150v (bav19w-g) to 200v (BAV21W-G) 0.5 ref 0.02 ref 1.22 0.048 bav19w-g/bav20w-g/BAV21W-G taiwan semiconductor bav19w-g rb rb n0 bav19w-g rbg rb g n0 green compound bav19w-g rb rb bav19w-g rbg rb g green compound note 2: manufacture special control, if empty means no special control requirement. example preferred p/n packing code green compound code manufacture code description bavxxw-g (note 1) suffix "g" sod-123 (note 2) rb 3000 / 7" reel ordering information packing code green compound code package packing manufacture code dim. unit(mm) typ. unit(inch) typ. 0.093 0.165 0.036 small signal product unit(mm) unit(inch) dim. suggested pad layout 2.36 4.19 0.91 free datasheet http:///


▲Up To Search▲   

 
Price & Availability of BAV21W-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X