Part Number Hot Search : 
72903 AN7800F SPLSI 109001 TFS70E CD6302C 4013BF SPLSI
Product Description
Full Text Search
 

To Download AP09N20H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet simple drive requirement bv dss 200v low on-resistance r ds(on) 380m fast switching characteristics i d 8.6a description absolute maximum ratings symbol units v ds drain-source voltage v v gs gate-source voltage v i d @t c =25 continuous drain current, v gs @ 10v a i d @t c =100 continuous drain current, v gs @ 10v a i dm pulsed drain current 1 a p d @t c =25 total power dissipation w w/ e as single pulse avalanche energy 2 mj i ar avalanche current a t stg t j operating junction temperature range thermal data symbol value unit rthj-c thermal resistance junction-case max. 1.8 /w rthj-a thermal resistance junction-ambient max. 110 /w data & specifications subject to change without notice 201112031 storage temperature range -55 to 150 36 69 linear derating factor 0.55 8.6 5.5 parameter rating 200 AP09N20H/j 40 -55 to 150 parameter 8.6 30 g d s to-251(j) g d s to-252(h) the advanced power mosfets from apec provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. the to-252 package is universally preferred for all commercial- industrial applications at power dissipation levels to approximately 50 watts. the through-hole version (ap09n20j) is available for low- profile applications. g d s free datasheet http:///
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =1ma 200 - - v b v dss / t j breakdown voltage temperature coefficient reference to 25 , i d =1ma - 0.24 - v/ r ds(on) static drain-source on-resistance v gs =10v, i d =5a - - 380 m v gs(th) gate threshold voltage v ds =v gs , i d =250ua 2 - 4 v g fs forward transconductance v ds =10v, i d =5a - 3.7 - s i dss drain-source leakage current (t j =25 o c) v ds =200v, v gs =0v - - 10 ua drain-source leakage current (t j =150 o c) v ds =160v , v gs =0v - - 100 ua i gss gate-source leakage v gs =-- na q g total gate charge 3 i d =8.6a - 23 37 nc q gs gate-source charge v ds =160v - 4 - nc q gd gate-drain ("miller") charge v gs =10v - 13 - nc t d(on) turn-on delay time 3 v dd =100v - 12 - ns t r rise time i d =8.6a - 74 - ns t d(off) turn-off delay time r g =10 , v gs =10v - 36 - ns t f fall time r d =11.6 -44- ns c iss input capacitance v gs =0v - 500 800 pf c oss output capacitance v ds =25v - 90 - pf c rss reverse transfer capacitance f=1.0mhz - 40 - pf source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 3 i s =8.6a, v gs =0v - - 1.3 v t rr reverse recovery time i s =8.6a, v gs =0v, - 225 - ns q rr reverse recovery charge di/dt=100a/s - 2260 - nc notes: 1.pulse width limited by safe operating area. 2.starting t j =25 o c , v dd =50v , l=1mh , r g =25 , i as =8.6a. 3.pulse width < 300us , duty cycle < 2%. AP09N20H/j 30v 100
AP09N20H/j fig 1. typical output characteristics fig 2. typical output characteristics fig 3. normalized bv dss v.s. junction fig 4. normalized on-resistance temperature v.s. junction temperature fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 0 1 2 3 -50 0 50 100 150 t j , junction temperature ( o c) normalized bv dss (v) 0 0.4 0.8 1.2 1.6 2 2.4 2.8 -50 0 50 100 150 t j , junction temperature ( o c ) normalized r ds(on) i d =5a v gs =10v 0 2 4 6 8 10 12 14 16 18 024681012 v ds , drain-to-source voltage (v) i d , drain current (a) t c =25 o c 10v 8.0v 7.0v 5.0v v g =4.0v 0 2 4 6 8 10 024681012 v ds , drain-to-source voltage (v) i d , drain current (a) t c =150 o c 10v 8.0v 7.0v v g =4.0v 5.0v 0 1 2 3 4 5 6 7 0 0.2 0.4 0.6 0.8 1 1.2 1.4 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c 1 2 3 4 5 -50 0 50 100 150 t j , junction temperature ( o c ) v gs(th) (v)
AP09N20H/j fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fi g 10. effective transient thermal impedanc e fig 11. switching time waveform fig 12. gate charge waveform t d(on) t r t d(off) t f v ds v gs 10% 90% q v g 10v q gs q gd q g charge 10 100 1000 1 5 9 13 17 21 25 29 v ds , drain-to-source voltage (v) c (pf) f =1.0mhz ciss coss crss 0 3 6 9 12 15 0 6 12 18 24 30 q g , total gate charge (nc) v gs , gate to source voltage (v) v ds =100v v ds =120v v ds =160v i d =8.6a 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 10 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse 0 1 10 100 1 10 100 1000 v ds , drain-to-source voltage (v) i d (a) t c =25 o c single pulse 1ms 10ms 100ms 1s dc


▲Up To Search▲   

 
Price & Availability of AP09N20H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X