advanced power n-channel enhancement mode electronics corp. power mosfet simple drive requirement bv dss 200v low on-resistance r ds(on) 380m fast switching characteristics i d 8.6a rohs compliant description absolute maximum ratings symbol units v ds drain-source voltage v v gs gate-source voltage v i d @t c =25 continuous drain current, v gs @ 10v a i d @t c =100 continuous drain current, v gs @ 10v a i dm pulsed drain current 1 a p d @t c =25 total power dissipation w w/ e as single pulse avalanche energy 2 mj i ar avalanche current a t stg t j operating junction temperature range thermal data symbol value unit rthj-c maximum thermal resistance, junction-case 1.8 /w rthj-a maximum thermal resistance, junction-ambient 110 /w data & specifications subject to change without notice 200809112 halogen-free product ap09n20h/j-hf 40 -55 to 150 parameter 8.6 + 30 8.6 5.5 parameter rating 200 1 storage temperature range -55 to 150 36 69 linear derating factor 0.55 g d s to-251(j) g d s to-252(h) a dvanced power mosfets from apec provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. the to-252 package is widely preferred for all commercial-industrial applications at power dissipation levels to approximately 50 watts. the through-hole version (ap09n20j) is available for low-profile applications. g d s
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =1ma 200 - - v ?? v dss / ? t j breakdown voltage temperature coefficient reference to 25 : , i d =1ma - 0.24 - v/ : r ds(on) static drain-source on-resistance v gs =10v, i d =5a - - 380 m ?
ap09n20h/j-h f fig 1. typical output characteristics fig 2. typical output characteristics fig 3. normalized bv dss v.s. junction fig 4. normalized on-resistance temperature v.s. junction temperature fi g 5. forward characteristic o f fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0.6 0.8 1 1.2 1.4 1.6 -50 0 50 100 150 t j , junction temperature ( o c) normalized bv dss (v) 0 0.4 0.8 1.2 1.6 2 2.4 2.8 -50 0 50 100 150 t j , junction temperature ( o c ) normalized r ds(on) i d =5a v gs =10v 0 2 4 6 8 10 12 14 16 18 024681012 v ds , drain-to-source voltage (v) i d , drain current (a) t c =25 o c 10v 8.0v 7.0v 5.0v v g =4.0v 0 2 4 6 8 10 024681012 v ds , drain-to-source voltage (v) i d , drain current (a) t c =150 o c 10v 8.0v 7.0v v g =4.0v 5.0v 0 1 2 3 4 5 6 7 0 0.2 0.4 0.6 0.8 1 1.2 1.4 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c 1 2 3 4 5 -50 0 50 100 150 t j , junction temperature ( o c ) v gs(th) (v)
ap09n20h/j-hf fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4 t d(on) t r t d(off) t f v ds v gs 10% 90% q v g 10v q gs q gd q g charge 10 100 1000 1 5 9 1317212529 v ds , drain-to-source voltage (v) c (pf) f =1.0mhz c iss c oss c rss 0 3 6 9 12 15 0 6 12 18 24 30 q g , total gate charge (nc) v gs , gate to source voltage (v) v ds =100v v ds =120v v ds =160v i d =8.6a 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 10 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse 0 1 10 100 1 10 100 1000 v ds , drain-to-source voltage (v) i d (a) t c =25 o c single pulse 100us 1ms 10ms 100ms dc
package outline : to-252 millimeters min nom max a2 1.80 2.30 2.80 a3 0.40 0.50 0.60 b1 0.40 0.70 1.00 d 6.00 6.50 7.00 d1 4.80 5.35 5.90 e3 3.50 4.00 4.50 e3 f 2.20 2.63 3.05 f1 0.50 0.85 1.20 e1 5.10 5.70 6.30 e2 0.50 1.10 1.80 e -- 2.30 -- c 0.35 0.50 0.65 1.all dimensions are in millimeters. 2.dimension does not include mold protrusions. part marking information & packing : to-252 symbols advanced power electronics corp. e e d d1 e2 e1 f b1 f1 a2 a3 c r : 0.127~0.381 ( 0.1mm part package code 09n20h ywwsss date code (ywwsss) y last digit of the year ww week sss sequence if last "s" is numerical letter : rohs product if last "s" is english letter : hf & rohs product logo 5
package outline : to-251 min nom max a 2.20 2.30 2.40 a1 0.90 1.20 1.50 b1 0.40 0.60 0.80 b2 0.60 0.85 1.05 c 0.40 0.50 0.60 c1 0.40 0.50 0.60 d 6.40 6.60 6.80 d1 4.80 5.20 5.50 e 6.70 7.00 7.30 e1 5.40 5.60 5.80 e2 1.30 1.50 1.70 e ---- 2.30 ---- f 7.00 8.30 9.60
|