Part Number Hot Search : 
DF28D C106M 2405E 48S3V MP6508 LH22440 GBJ10 2200A
Product Description
Full Text Search
 

To Download AIMB-552CANNOTBE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  industrial motherboards all product specifications are subject to change without notice last updated : 22-april-2010 features aimb-552 socket 479 intel ? pentium ? m/celeron ? m microatx, vga/lvds, 10 com, & dual lan intel ? 910gmle/915gme chipset supporting 400/533 mhz fsb processor dual channel ddr2 400/533 sdram up to 2 gb supports dual display for vga, lvds, and dvi (optional) supports 10 serial ports, 8 usb, 2 sata ports, 2 lan and cf supports embedded software apis and utilities ? ? ? ? ? specifcations processor system cpu (90 nm/130 nm) intel pentium m intel celeron m intel ulv celeron m max. speed 760 2.0 ghz 370 1.5 ghz 1 ghz on board front side bus 533 mhz 400 mhz 400 mhz l2 cache 2 mb 1 mb 0 kb chipset intel 915gme/910gmle + ich6m bios award 4 mbit, fwh expansion slot pci 32-bit/33 mhz, 3 slots memory technology dual channel ddr2 400/533 sdram max. capacity 2 gb socket 2 x 240-pin dimm graphics embedded intel gma 900 sharing 128 mb system memory lvds single channel 24-bit/dual channel 48-bit lvds dvi chrontel 7307c sdvo transimtter (optional) dual display crt + lvds, crt + dvi, lvds + dvi ethernet interface 10/100/1000 mbps controller gbe lan1: realtek rtl8111c, gbe lan2: realtek rtl8111c connector rj-45 x 2 sata max. data transfer rate 150 mb/s channel 2 eide mode ata 100/66/33 channels 1 (max. two devices) ssd compactflash compactflash type i/ii i/o interface vga 1 lvds 1 dvi 1 (optional) lan 2 usb 8 audio 2 (line-out, mic-in) serial 10 (2 of rs-232/422/485) parallel 1 (spp/epp/ecp) fdd 1 ps/2 2 (1 x keyboard and 1 x mouse) watchdog timer output system reset interval programmable 1 ~ 255 sec/min power requirements power on pentium 2.0 ghz pga (fsb 533), 1gb ddr2 667 celeron m 1.0 ghz bga (fsb 400), 1 gb ddr2 533 +5 v +3.3 v +12 v +5 v +3.3 v +12 v 2.62 a 0.55 a 1.84 a 3.17 a 0.403 a 0.527 a environment operating non-operating temperature 0 ~ 60 c (32 ~ 140 f) -20 ~ 70 c (-4~150 f) physical characteristics dimensions (w x d) 244 mm x 244 mm (9.6" x 9.6") * intel 910gmle only supports fsb 400 processor and ddr2 400 sdram watchdog gpio h/w monitor utilities: bios fash monitoring software apis:
www.advantech.com/products online download board diagram aimb-552 packing list part number description quantity dd cable 2 ide dd cable serial aa dd data cable 2 2 serial aa dd power cable 2 com port cable it umper pac 22 io bracet startup manual utility cd cpu cooler for aim2g2ae passie heatsin for aim2g2sae optional accessories part number description us cable with four ports .cm 22 us cable with dual ports 2cm us cable with dual ports .cm 2 di cables embedded os os part no. description in pe 2 pe p2 aim2 .eng intel 910gmle/ 915gme gmch crt 1 ata 100 port 2 sata ports 8 usb ports intel socket 479 pentium m/ celeron m processor audio codec alc655 direct media interface 2 gb/s bandwidth ich6m 400/ 533 mhz fsb 150mb/s dma 33/66/100 usb 2.0/1.1 ac-97 vga 24-bit lvds ddr2 400/ 533 ddr2 400/ 533 channel a channel b 32bit/33mhz pci bus pci1~3 edge connector lvds dvi sdvo gbe-lan2: realtek 8111c gbe-lan1: realtek 8111c pcie x1 pcie x1 super io winbond 83627hg fintek 4 serial 4 serial fintek fwh bios aimb-552g2-00a1e aimb-552g2-s0a1e ordering information part number on board processor chipset ddr2 display gbe aim2g2sae celeron g gme gads 2 aim2g2ae gme gads di 2 aim2 cannot be installed in acp2m chassis riser card part number description aimrppae u riser card for pci epansion bracket view
industrial motherboards software apis control monitor gpio general purpose input/output is a fexible parallel interface that allows a variety of custom connections. it allows users to monitor the level of signal input or set the output status to switch on/off a device. our api also provides programmable gpio, which allows developers to dynamically set the gpio input or output status. watchdog a watchdog timer (wdt) is a device that performs a specifc operation after a certain period of time if something goes wrong and the system does not recover on its own. a watchdog timer can be programmed to perform a warm boot (restarting the system) after a certain number of seconds. smbus smbus is the system management bus defned by intel ? corporation in 1995. it is used in personal computers and servers for low-speed system management communications. the smbus api allows a developer to interface a embedded system environment and transfer serial messages using the smbus protocols, allowing multiple simultaneous device control. hardware monitor the hardware monitor (hwm) api is a system health supervision api that inspects certain condition indexes, such as fan speed, temperature and voltage. i 2 c i 2 c is a bi-directional two wire bus that was developed by philips for use in their televisions in the 1980s. the i 2 c api allows a developer to interface with an embedded system environment and transfer serial messages using the i 2 c protocols, allowing multiple simultaneous device control. hardware control the hardware control api allows developers to set the pwm (pulse width modulation) value to adjust fan speed or other devices; it can also be used to adjust the lcd brightness. display power saving brightness control the brightness control api allows a developer to interface with an embedded device to easily control brightness. cpu speed make use of intel speedstep technology to reduce power power consumption. the system will automatically adjust the cpu speed depending on system loading. backlight the backlight api allows a developer to control the backlight (screen) on/off in an embedded device. system throttling refers to a series of methods for reducing power consumption in computers by lowering the clock frequency. these apis allow the user to lower the clock from 87.5% to 12.5%. software utilities bios flash the bios flash utility allows customers to update the fash rom bios version, or use it to back up current bios by copying it from the fash chip to a fle on customers disk. the bios flash utility also provides a command line version and api for fast implementation into customized applications. esos the esos is a small os stored in bios rom. it will boot up in case of a main os crash. it will diagnose the hardware status, and then send an e-mail to a designated administrator. the esos also provides remote connection: telnet server and ftp server, allowing the administrator to rescue the system. embedded security id the embedded application is the most important property of a system integrator. it contains valuable intellectual property, design knowledge and innovation, but it is easily copied! the embedded security id utility provides reliable security functions for customers to secure their application data within embedded bios. flash lock flash lock is a mechanism that binds the board and cf card (sqflash) together. the user can lock sqflash via the flash lock function and unlock it via bios while booting. a locked sqflash cannot be read by any card reader or boot from other platforms without a bios with the unlock feature. monitoring the monitoring utility allows the customer to monitor system health, including voltage, cpu and system temperature and fan speed. these items are important to a device; if critical errors happen and are not solved immediately, permanent damage may be caused. value-added software services software api: an interface that defnes the ways by which an application program may request services from libraries and/or operating systems. provides not only the underlying drivers required but also a rich set of user-friendly, intelligent and integrated interfaces, which speeds development, enhances security and offers add-on value for advantech platforms. it plays the role of catalyst between developer and solution, and makes advantech embedded platforms easier and simpler to adopt and operate with customer applications.


▲Up To Search▲   

 
Price & Availability of AIMB-552CANNOTBE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X