Part Number Hot Search : 
MNR12 YB311S6 BT555 TC9015S 12IO7 2700000 SMA72 1239MEEE
Product Description
Full Text Search
 

To Download 30KPA300CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  power tvs component 1 05113.r21 11/10 www.protekdevices.com 30kpa30a thru 30kpa360ca applica tions ? relay drives ? motor (start/stop) back emf protection ? module lightning protection ? secondary lightning protection for ac/dc iec co mpa tibilit y (en61000-4) ? 61000-4-5 (surge): 48a, 8/20s - l3 (line-gnd), l4 (line-line) & l1 (power) fea tures ? 30,000 watts peak pulse power per line (tp=10/1000s) ? unidirectional & bidirectional confgurations ? easy mounting to printed circuit board ? available in multiple voltage types ranging from: 30v to 360v ? tclamping (0v to v br min.) < 100ps, theoretical for unidirectional and < 5ns for bidirectional ? rohs compliant mechanical characteristics ? molded case ? weight 5 grams (approximate) ? available in lead-free pure-tin plating(annealed) ? solder refow temperature: pure-tin - sn, 100: 260-270c ? consult factory for leaded device availability ? flammability rating ul 94v-0 ? marking: logo, part number & date code ? positive terminal marked with band - unidirectional only 05113 axial lead pin configura tions unidirectional bidirectional    
30kpa30a thru 30kpa360ca 2 05113.r21 11/10 www.protekdevices.com device characteristics forward surge rating (1/20 seconds) - see note 2 symbol va lue 8.0 watts amps 200 units i f p p p arameter steady state power disspiation peak pulse power (tp = 10/1000s) - see fig. 1 p pp 30,000 watts maximum ratings @ 25c unless otherwise specifed storage temperature t stg -55 to 150 c operating temperature t l -55 to 150 c note 1: devices shown are preferred voltages. contact factory for additional voltages. note 2: v f = 15 volts @ 200a, 8.3ms (1/2 sine wave) - unidirectional devices only . electrical characteristics per line @ 25c unless otherwise specifed unidirectional part number (notes 1 & 2) rated stand-off voltage v wm volts breakdown voltage maximum clamping voltage (see fig. 2) @ 10/1000s v c @ i pp temperature coefficient of v (br) qv (br) mv/c 30kpa30a 30kpa33a 30kpa36a 30kpa43a 30kpa48a 30kpa58a 30kpa64a 30kpa70a 30kpa75a 30 kpa90a 30kpa100 30kpa100 a 30kpa130a 30kpa160a 30kpa170a 30 kpa180a 30kpa220a 30kpa260a 30kpa280a 30kpa300a 30kpa320a 30kpa360a 30.0 33.0 36.0 43.0 48.0 58.0 64.0 70.0 75.0 90.0 100.0 100.0 130.0 160.0 170.0 180.0 220.0 260.0 280.0 300.0 320.0 360.0 33.3 36.7 40.0 47.8 53.3 64.4 71.1 77.8 83.3 100.0 111.0 111.0 144.0 178.0 189.0 200.0 245.0 289.0 311.0 334.0 356.0 400.0 55.2v @ 543.0a 58.6v @ 512.0a 61.8v @ 485.0a 73.0v @ 410.0a 77.4v @ 388.0a 92.4v @ 325.0a 104.0v @ 294.0a 109.0v @ 274.0a 119.4v @ 251.0 a 147.0v @ 206.0a 179.0v @ 168.0a 162.0v @ 186.0a 209.0v @ 142.0a 252.6v @ 119.0 a 275.0v @ 110.0a 291.0v @ 104.0a 356.0v @ 84.0a 416.0v @ 72.0a 464.0v @ 65.0a 484.0v @ 62.0a 530.0v @ 57.0a 640.0v @ 55.0a 5000 5000 2000 1000 250 20 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 maximum leakage current @v wm i d a 34 39 41 50 56 68 76 83 89 109 134 121 157 195 207 230 269 317 342 368 370 380 min v (br) volts @i t ma 50 50 50 50 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 30kpa30ca 30kpa33ca 30kpa36ca 30kpa43ca 30kpa48ca 30kpa58ca 30kpa64ca 30kpa70ca 30kpa75ca 30 kpa90ca 30kpa100c 30kpa100c a 30kpa130ca 30kpa160ca 30kpa170ca 30 kpa180ca 30kpa220ca 30kpa260ca 30kpa280ca 30KPA300CA 30kpa320ca 30kpa360ca bidirectional part number (note 1)
3 05113.r21 11/10 www.protekdevices.com 30kpa30a thru 30kpa360ca graphs figure 2 puls e wave form figure 3 power dera tin g curve figure 1 peak pulse power vs pulse time        

        
    
30kpa30a thru 30kpa360ca 4 05113.r21 11/10 www.protekdevices.com axial lead package outline & dimensions copyright ? prot ek devices 2007 specifications: protek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except jedec). design changes: protek reserves the right to discontinue product lines without notice, and that the fnal judgement concerning selection and specifcations is the buyers and that in furnishing engineering and technical assistance, protek assumes no responsibility with respect to the selection or specifcations of such products. protek devices o ir e tee te i sesroekevicesco e ie roekevicesco outline & dimensions: rev 1 - 7/02, 06028 notes 1. dimensions are exclusive of mold fash and metal burrs. 2. suffx -lf = lead-free, pure-tin plating, i.e., 30kpa280a-lf . a b c d e - 9.10 - 1.30 dia 9.10 1.00 0.34 1.00 0.048 dia 0.34 - 0.36 - 0.052 dia 0.36 24.5 8.60 24.5 1.20 dia 8.60 dim min max min max millimeters inches package dimensions package outline axial lead     


▲Up To Search▲   

 
Price & Availability of 30KPA300CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X