04-2011, rev. 0411 www.te.com ? 2011 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 1 axicom signal relays n highly reliable multi purpose relay n great variety of contact arrangements and materials to meet specifc applications n contacts for signal loads and currents up to 5a n primarily intended for impulse operation n sockets for easy and quick mounting of relays (see datasheet accessories) typical applications applications where the switching status must be maintained, measuring systems max. dc breaking capacity, contact sets b1xx, c1xx max. dc breaking capacity, contact sets f1xx cradle p relay v23003 contact data product code block 3 b104/b110 b604/b610 c104/c110 c404/c410 f104 to f107 contact arrangement max. 4 form c (4 co) contacts, 2 form c (2 co), 2 form a (2 no) or 2 form b (2 nc) contacts (see product code table) max. switching voltage 150vdc 36vdc 150vdc 36vdc 250vdc 125vac 30vac 125vac 30vac 250vac rated current 2a 0.2a 2a 0.2a 5a limiting continuous current at max. ambient temperature 2a 2a 2a 2a 5a breaking capacity 35 to 70w 5w, 5va 35 to 70w 5w, 5va 50 to 140w see dc load breaking capacity curve below 50va - 50va - 500va contact material silver, gold-fashed gold f silver, gold-fashed gold f silver, gold-fashed contact style single contact single contact bifurcated contacts bifurcated contacts single contact frequency of operation, without load, max. 20 ops./s 20 ops./s 20 ops./s 20 ops./s 20 ops./s mechanical endurance app. 10 7 ops. app. 10 7 ops. app. 10 7 ops. app. 10 7 ops. app. 10 8 ops.
04-2011, rev. 0411 www.te.com ? 2011 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 2 axicom signal relays cradle p relay v23003 (continued) coil data magnetic system polarized, bistable coil voltage range 6 to 60 vdc, typ. 1500 mw power consumption max. coil temperature 100c thermal resistance 50k/w coil versions, bistable 2 coils coil rated set reset limiting coil rated coil code voltage voltage voltage set/reset resistance power vdc vdc vdc vdc ?15% w (set) 026 6 4.0 4.0 6.7/6.7 24.5/24.5 1.47 025 12 8.0 8.0 13.5/13.5 100/100 1.44 037 24 16.5 16.5 26.5/25.0 400/340 1.44 044 60 44.0 44.0 65.0/65.0 2400/2400 1.5 064 48 33.5 33.5 49.0/49.0 1400/1400 1.65 all fgures are given for coil without pre-energization, at ambient temperature +23c. set - negative potential at start of winding reset - plus potential at start of winding coil data (continued) insulation data b1xx,b6xx,c1xx,c4xx f1xx initial dielectric strength between coil / frame 500 vac rms 500 vac rms between contact / contact 500 vac rms 1000 vac rms between contact / fame 500 vac rms 1000 vac rms initial insulation resistance, at 500 vdc > 106 other data material compliance: eu rohs/elv, china rohs, reach, halogen content refer to the product compliance support center at www.te.com/customersupport/rohssupportcenter ambient temperature -40 to + 70c category of environmental protection, iec 61810 rt i - dust-protected degree of protection, iec 60529 ip 30 terminal type hand solder terminals, plug-in weight v23003-a0xxx size i approx. 25g v23003-b0xxx size ii approx. 30g packaging unit 5 pcs. accessories for details see datasheet cradle relay, accessories and mounting note: with continuous operation only one winding to be energized within the specifed voltage range at a time! the minimum voltage u i and the maximum voltage u ii only depends on the ambient temperature. u i tamb u i u20 c k i tamb u ii tamb u il 20 c k ii tamb tamb ambient temperature u i tamb minimum voltage at ambient temperature, tamb u ii tamb maximum voltage at ambient temperature, tamb k i and k ii factors 108-98012 re v. c all speci?cations subject to change. consult t yco electronics for latest speci?cations. 5 of 14 t elecom-, signal and rf relays cr adle rela y p v23003 axicom coil data and oper ating r ange nominal voltage from 6 vdc to 60 vdc t ypical nominal power consumption, at 20 c 1.5 w class of the operative range acc to en 61810-1 / iec 61810-1 and vde 0435 part 201 1 operating voltage (according to the coil type) max. 73% of the nominal voltag e with continuous operation only one winding at a time may be energized within the speci?c voltage range. the minimum voltage u i and the maximum voltage u ii depends on the ambient temperature. u i tamb = u i 20 c k i tamb u ii tamb = u il 20 c k ii tamb t amb = ambient temperature u i tamb = minimum voltage at ambient temperature, t amb u ii tamb = maximum voltage at ambient temperature, t amb k i and k ii = factors operate - negative potential at start of winding release - plus potential at start of winding ambient temperature [c] ambient temperature [c] 108-98012 re v. c all speci?cations subject to change. consult t yco electronics for latest speci?cations. 5 of 14 t elecom-, signal and rf relays cr adle rela y p v23003 axicom coil data and oper ating r ange nominal voltage from 6 vdc to 60 vdc t ypical nominal power consumption, at 20 c 1.5 w class of the operative range acc to en 61810-1 / iec 61810-1 and vde 0435 part 201 1 operating voltage (according to the coil type) max. 73% of the nominal voltag e with continuous operation only one winding at a time may be energized within the speci?c voltage range. the minimum voltage u i and the maximum voltage u ii depends on the ambient temperature. u i tamb = u i 20 c k i tamb u ii tamb = u il 20 c k ii tamb t amb = ambient temperature u i tamb = minimum voltage at ambient temperature, t amb u ii tamb = maximum voltage at ambient temperature, t amb k i and k ii = factors operate - negative potential at start of winding release - plus potential at start of winding ambient temperature [c] ambient temperature [c] terminals: coil with 2 windings: winding i: start 3, end 2 winding ii: start 4, end 1
04-2011, rev. 0411 www.te.com ? 2011 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 3 axicom signal relays cradle p relay v23003 (continued) terminal assignment 2 form c (2 co) v23003-xxxxx-bx04 v23003-xxxxx-cx04 size i 2 form a (2 no) v23003-xxxxx-f105 2 form b (2 nc) v23003-xxxxx-f107 1 form a + 1 form b (1 no + 1 nc) v23003-xxxxx-f106 size ii 4 form c (4 co) v23003-xxxxx-bx10 2 form c (2 co) v23003-xxxxx-f104 dimensions v23003-a0xx, size i type v23003-b0xx, size ii type
04-2011, rev. 0411 www.te.com ? 2011 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 4 axicom signal relays cradle p relay v23003 (continued) 108-98012 re v. c all speci?cations subject to change. consult t yco electronics for latest speci?cations. 9 of 14 t elecom-, signal and rf relays cr adle rela y p v23003 axicom instructions for impulse oper ation cradle relay p is primarily intended for impulse operation. the maximum voltage stated in the table (page 2) can be increased for impulse operation as follows: u ii impuls = u ii tamb . q u ii tamb = maximum continuous voltage at ambient temperature t amb q = factor the impulse voltage must not exceed 80% of the test voltage (winding/frame or winding/winding) or 3.3 times at ambient temperature = 20 c and 2.3 times at ambient temperature < 20 c the value of the maximum voltage listed in the table (page 2). ift ed 3 s then q = ift ed = pulse width t 2 = cycle time if ted = > 3 s the value of q must be obtained from the nomograph (cradle relay n datasheet page 103). examples of various periodic pulse trains (energizing side) 1. periodic recurrence of one energizing pulse t ed = t i + t ii t i = pulse width of the positive pulse at the start of the winding t i + t ii = pulse width of the negative pulse at the start of the windin g ti + t ii = pulse widths within one cycle 2. periodic recurrence of two unequal energizing pulses instructions for impulse operation cradle relay p is primarily intended for impulse operation. the maximum voltage stated in the coil table can be increased for impulse operation as follows: u ii impuls u ii tamb xq u ii tamb maximum continuous voltage at ambient temperature t amb q factor the impulse voltage must not exceed 80% of the test voltage (winding/ frame or winding/winding) or 3.3 times at ambient temperature 20c and 2.3 times at ambient temperature <20c the value of the maximum voltage listed in the coil table. ift ed 3s then q= ; ift ed = pulse width, t 2 = cycle time. if t ed > 3s the value of q must be obtained from the nomograph. examples of various periodic pulse trains (energizing side) 1. periodic recurrence of one energizing pulse ted = ti + tii tl = pulse width of the positive pulse at the start of the winding tii = pulse width of the negative pulsee at the start of the winding ti + tii = pulse widths within one cycle 2. periodic recurrence of two unequal energizing pulses 108-98012 re v. c all speci?cations subject to change. consult t yco electronics for latest speci?cations. 9 of 14 t elecom-, signal and rf relays cr adle rela y p v23003 axicom instructions for impulse oper ation cradle relay p is primarily intended for impulse operation. the maximum voltage stated in the table (page 2) can be increased for impulse operation as follows: u ii impuls = u ii tamb . q u ii tamb = maximum continuous voltage at ambient temperature t amb q = factor the impulse voltage must not exceed 80% of the test voltage (winding/frame or winding/winding) or 3.3 times at ambient temperature = 20 c and 2.3 times at ambient temperature < 20 c the value of the maximum voltage listed in the table (page 2). ift ed 3 s then q = ift ed = pulse width t 2 = cycle time if ted = > 3 s the value of q must be obtained from the nomograph (cradle relay n datasheet page 103). examples of various periodic pulse trains (energizing side) 1. periodic recurrence of one energizing pulse t ed = t i + t ii t i = pulse width of the positive pulse at the start of the winding t i + t ii = pulse width of the negative pulse at the start of the windin g ti + t ii = pulse widths within one cycle 2. periodic recurrence of two unequal energizing pulses product code structure typical product code v23003 -b0 037 -f1 04 type v23003 cradle p relay, dust protected size a0 size i, dust-protected b0 size ii, dust-protected coils coil code: please refer to coil versions table contact style b1 single contacts b6 single contacts f1 single contacts c1 bifurcated contacts c4 bifurcated contacts contact arrangement 04 2 form c, 2 co 05 2 form a, 1 no 06 1 form a+ 1 form b, 1 no+ 1 nc 10 4 form c, 4 co other types on request
04-2011, rev. 0411 www.te.com ? 2011 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 5 axicom signal relays cradle p relay v23003 (continued) product code version coil arrangement contacts enclosure part number v23003-axxxx, standard, size i v23003-a0025-b104 standard, size i 12vdc 2 form c (2 co) single dust protected 1393817-4 v23003-a0025-c104 standard, size i 12vdc 2 form c (2 co) bifurcated dust protected 1393817-5 v23003-a0037-b104 standard, size i 24vdc 2 form c (2 co) single dust protected 1393817-7 v23003-a0037-b604 standard, size i 24vdc 2 form c (2 co) single dust protected 1393817-8 v23003-a0037-c104 standard, size i 24vdc 2 form c (2 co) bifurcated dust protected 1393817-9 v23003-a0044-b104 standard, size i 60vdc 2 form c (2 co) single dust protected 1-1393817-8 v23003-a0064-b104 standard, size i 48vdc 2 form c (2 co) single dust protected 2-1393817-0 v23003-a0064-b604 standard, size i 48vdc 2 form c (2 co) single dust protected 2-1393817-1 v23003-a0064-c104 5a size i 48vdc 2 form c (2 co) single dust protected 2-1393817-2 v23003-axxxx, 5a, size i v23003-a0026-f106 5a size i 6vdc 1a+1b (1no+1nc) single dust protected 1393817-6 v23003-a0037-f105 5a size i 24vdc 2 form a (2 no) single dust protected 1-1393817-1 v23003-a0037-f106 5a size i 24vdc 1a+1b (1no+1nc) single dust protected 1-1393817-2 v23003-bxxxx, standard, size ii v23003-b0025-b110 standard, size ii 12vdc 4 form c (4 co) single dust protected 3-1393817-1 v23003-b0025-c110 standard, size ii 12vdc 4 form c (4 co) bifurcated dust protected 3-1393817-2 v23003-b0026-b110 standard, size ii 6vdc 4 form c (4 co) single dust protected 3-1393817-4 v23003-b0026-c110 standard, size ii 6vdc 4 form c (4 co) bifurcated dust protected 3-1393817-5 v23003-b0037-b110 standard, size ii 24vdc 4 form c (4 co) single dust protected 3-1393817-9 v23003-b0037-b610 standard, size ii 24vdc 4 form c (4 co) single dust protected 4-1393817-0 v23003-b0037-c110 standard, size ii 24vdc 4 form c (4 co) bifurcated dust protected 4-1393817-1 v23003-b0037-c410 standard, size ii 24vdc 4 form c (4 co) bifurcated dust protected 4-1393817-4 v23003-b0044-b110 standard, size ii 60vdc 4 form c (4 co) single dust protected 5-1393817-4 v23003-b0044-b610 standard, size ii 60vdc 4 form c (4 co) single dust protected 1413004-1 v23003-b0044-b610 standard, size ii 60vdc 4 form c (4 co) single dust protected 1-1419137-0 v23003-b0044-c110 standard, size ii 60vdc 4 form c (4 co) bifurcated dust protected 5-1393817-6 v23003-b0064-b110 standard, size ii 48vdc 4 form c (4 co) single dust protected 6-1393817-3 v23003-b0064-c110 standard, size ii 48vdc 4 form c (4 co) bifurcated dust protected 6-1393817-4 v23003-bxxxx, 5a, size ii v23003-b0025-f104 5a size ii 12vdc 2 form c (2 co) single dust protected 3-1393817-3 v23003-b0026-f104 5a size ii 6vdc 2 form c (2 co) single dust protected 3-1393817-6 v23003-b0037-f104 5a size ii 24vdc 2 form c (2 co) single dust protected 4-1393817-5 v23003-b0044-f104 5a size ii 60vdc 2 form c (2 co) single dust protected 5-1393817-7 v23003-b0064-f104 5a size ii 48vdc 2 form c (2 co) single dust protected 6-1393817-5
|