Part Number Hot Search : 
IR2010 M1000 2SC5505 AD836 500000 UZ13BSB TC4584BF B25667
Product Description
Full Text Search
 

To Download 1N6067TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data sheet 6 lake street, lawrence, ma 01841 1-800-446-1158 / (978) 620-2600 / fax: (978) 689-0803 website: http: //www.microsemi.com 1500 watt bidirectional transient voltage suppessor qualified per mil-prf-19500/507 t4-lds-0097 rev. 1 (082644) page 1 of 6 devices levels * 1n6036 thru 1n6072 jan 1n6036a thru 1n6072a jantx jantxv * commercial only description this popular transient voltage suppressor (tvs) series for 1n6036 thru 1n6072a are jedec registered selections fo r bidirectional devices. all have the same high peak pulse power rating of 1500 w with extremely fast response times. they are also available in military qualifi ed selections as described in the features section herein. they are most often used for protecting against transients from inductive switching environments, induced rf effects, or induced secondary lightning effects as found in lower surge levels of iec61000-4-5. they are also very successful in protecting airborne avionics and electrical systems. since their response time is virtually instantaneous, they can also protect from esd and eft per iec61000-4-2 and iec61000-4-4. important: for the most current data, consult microsemi?s website: http://www.microsemi.com features ? bidirectional tvs series for thru-hole mounting ? suppresses transients up to 1500 watts @ 10/1000 s (see figure 1) ? clamps transient in less than 100 pico seconds ? working voltage (v wm ) range 5.5 v to 185 v ? hermetic sealed do-13 metal package ? jan/tx/txv military qualifications also available per mil-prf- 19500/507 for the tighter tolerance ?a? suffix types by adding the jan, jantx, or jantxv prefix, e.g. jantxv1n6036a, etc. ? for unidirectional tvs in the same do-13 package, see separate data sheet for the 1n5629 ? 1n5665a series (also military qualified) ? surface mount equivalent packages also available as smcj5.0c - smcj170ca or smcg5.0c ? smcg170ca in separate data sheet (consult factory for other surface mount options) ? plastic axial-leaded equivalents ava ilable in the 1.5ke6.8c ? 1.5ke220ca series in separate data sheet do-13 (do-202aa)
technical data sheet 6 lake street, lawrence, ma 01841 1-800-446-1158 / (978) 620-2600 / fax: (978) 689-0803 website: http: //www.microsemi.com 1500 watt bidirectional transient voltage suppessor qualified per mil-prf-19500/507 t4-lds-0097 rev. 1 (082644) page 2 of 6 applications / benefits ? protection from switching transients and induced rf ? protection from esd & eft per iec 61000-4-2 and iec 61000-4-4 ? secondary lightning protection per iec61000-4-5 with 42 ohms source impedance: class 1: 1n6036 to 1n6072a class 2: 1n6036 to 1n6067a class 3: 1n6036 to 1n6061a class 4: 1n6036 to 1n6054a ? secondary lightning protection per iec61000-4-5 with 12 ohms source impedance: class 1: 1n6036 to 1n6064a class 2: 1n6036 to 1n6057a class 3: 1n6036 to 1n6049a class 4: 1n6036 to 1n6042a ? secondary lightning protection per iec61000-4-5 with 2 ohms source impedance: class 2: 1n6036 to 1n6048a class 3: 1n6036 to 1n6041a ? inherently radiation hard as described in microsemi micronote 050 maximum ratings ? 1500 watts for 10/1000 s with repetition rate of 0.01% or less* at lead temperature (t l ) 25 o c (see figs 1, 2, & 4) ? operating & storage temperatures: -65 o to +175 o c ? thermal resistance: 50 o c/w junction to lead at 0.375 inches (10 mm) from body or 110 o c/w junction to ambient when mounted on fr4 pc board with 4 mm 2 copper pads (1oz) and track width 1 mm, length 25 mm ? dc power dissipation*: 1 watt at t l +125 o c 3/8? (10 mm) from body (see derating in fig 3 and note below) ? forward surge current: 200 amps for 8.3ms half-sine wave at t a = +25 o c ? solder temperatures: 260 o c for 10 s (maximum) mechanical and packaging ? case: do-13 (do-202aa), welded, hermetically sealed metal and glass ? finish: all external metal surfaces are tin-lead pl ated and solderable per mil-std-750 method 2026 ? polarity: not applicable for bidirectional tvs ? marking: part number ? weight: 1.4 grams. (approx) ? tape & reel option: standard per eia-296 (add ?tr? suffix to part number) ? see package dimension on last page * tvs devices are not typically used for dc power dissipation an d are instead operated at or less than their rated standoff vo ltage (v wm ) except for transients that briefly driv e the device into avalanche breakdown (v br to v c region).
technical data sheet 6 lake street, lawrence, ma 01841 1-800-446-1158 / (978) 620-2600 / fax: (978) 689-0803 website: http: //www.microsemi.com 1500 watt bidirectional transient voltage suppessor qualified per mil-prf-19500/507 t4-lds-0097 rev. 1 (082644) page 3 of 6 electrical characteristics @ 25 o c (test both polarities) rated standoff voltage v wm (note 1) breakdown voltage v (br) v (br) min v (br) max @ i (br) maximum clamping voltage v c @ i pp maximum standby current i d @ v wm maximum peak pulse current i pp (see fig. 2) maximum temperature coefficient of v (br) jedec type no. volts volts volts ma volts a amps v(br) %/ o c 1n6036 *1n6036a 1n6037 *1n6037a 5.5 6.0 6.5 7.0 6.75 7.13 7.38 7.79 8.25 7.88 9.02 8.61 10 10 10 10 11.7 11.3 12.5 12.1 1000 1000 500 500 128 132 120 124 .061 .061 .065 .065 1n6038 *1n6038a 1n6039 *1n6039a 7.0 7.5 8.0 8.5 8.19 8.65 9.0 9.5 10.00 9.55 11.0 10.5 10 10 1 1 13.8 13.4 15.0 14.5 200 200 50 50 109 112 100 103 .068 .068 .073 .073 1n6040 *1n6040a 1n6041 *1n6041a 8.5 9.0 9.0 10.0 9.9 10.5 10.8 11.4 12.1 11.6 13.2 12.6 1 1 1 1 16.2 15.6 17.3 16.7 10 10 5 5 93 96 87 90 .075 .075 .078 .078 1n6042 *1n6042a 1n6043 *1n6043a 10.0 11.0 11.0 12.0 11.7 12.4 13.5 14.3 14.3 13.7 16.5 15.8 1 1 1 1 19.0 18.2 22.0 21.2 5 5 5 5 79 82 68 71 .081 .081 .084 .084 1n6044 *1n6044a 1n6045 *1n6045a 12.0 13.0 14.0 15.0 14.4 15.2 16.2 17.1 17.5 16.8 19.8 18.9 1 1 1 1 23.5 22.5 26.5 25.2 5 5 5 5 64 67 56.5 59.5 .086 .086 .088 .088 1n6046 *1n6046a 1n6047 *1n6047a 16.0 17.0 17.0 18.0 18.0 19.0 19.8 20.9 22.0 21.0 24.2 23.1 1 1 1 1 29.1 27.7 31.9 30.6 5 5 5 5 51.5 54 47 49 .090 .090 .092 .092 1n6048 *1n6048a 1n6049 *1n6049a 19.0 20.0 21.0 22.0 21.6 22.8 24.3 25.7 26.4 25.2 29.7 28.4 1 1 1 1 34.7 33.2 39.1 37.5 5 5 5 5 43 45 38.5 40 .094 .094 .095 .096 1n6050 *1n6050a 1n6051 *1n6051a 24.0 25.0 26.0 28.0 27.0 28.5 29.7 31.4 33.0 31.5 36.3 34.7 1 1 1 1 43.5 41.4 47.7 45.7 5 5 5 5 34.5 36 31.5 33 .097 .097 .098 .098 1n6052 *1n6052a 1n6053 *1n6053a 29.0 30.0 31.0 33.0 32.4 34.2 35.1 37.1 39.6 37.8 42.9 41.0 1 1 1 1 52.0 49.9 56.4 53.9 5 5 5 5 29 30 26.5 28 .099 .099 .100 .100 1n6054 *1n6054a 1n6055 *1n6055a 34.0 36.0 38.0 40.0 38.7 40.9 42.3 44.7 47.3 45.2 51.7 49.4 1 1 1 1 61.9 59.3 67.8 64.8 5 5 5 5 24 25.3 22.2 23.2 .101 .101 .101 .101 1n6056 *1n6056a 1n6057 *1n6057a 41.0 43.0 45.0 47.0 45.9 48.5 50.4 53.2 56.1 53.6 61.6 58.8 1 1 1 1 73.5 70.1 80.5 77.0 5 5 5 5 20.4 21.4 18.6 19.5 .102 .102 .103 .103 1n6058 *1n6058a 1n6059 *1n6059a 48.0 53.0 55.0 58.0 55.8 58.9 61.2 64.6 68.2 65.1 74.8 71.4 1 1 1 1 89.0 85.0 98.0 92.0 5 5 5 5 16.9 17.7 15.3 16.3 .104 .104 .104 .104 1n6060 *1n6060a 1n6061 *1n6061a 60.0 64.0 66.0 70.0 67.5 71.3 73.8 77.9 82.5 78.8 90.2 86.1 1 1 1 1 108.0 103.0 118.0 113.0 5 5 5 5 13.9 14.6 12.7 13.3 .105 .105 .105 .105
technical data sheet 6 lake street, lawrence, ma 01841 1-800-446-1158 / (978) 620-2600 / fax: (978) 689-0803 website: http: //www.microsemi.com 1500 watt bidirectional transient voltage suppessor qualified per mil-prf-19500/507 t4-lds-0097 rev. 1 (082644) page 4 of 6 electrical characteristics @ 25 o c (test both polarities) rated standoff voltage v wm (note 1) breakdown voltage v (br) v (br) min v (br) max @ i (br) maximum clamping voltage v c @ i pp maximum standby current i d @ v wm maximum peak pulse current i pp (see fig. 2) maximum temperature coefficient of v (br) jedec type no. volts volts volts ma volts a amps volts 1n6062 *1n6062a 1n6063 *1n6063a 73.0 75.0 81.0 82.0 81.9 86.5 90.0 95.0 100.0 95.5 110.0 105.0 1 1 1 1 131.0 125.0 144.0 137.0 5 5 5 5 11.4 12.0 10.4 11.0 .106 .106 .106 .106 1n6064 *1n6064a 1n6065 *1n6065a 90.0 94.0 95.0 100.0 99.0 105.0 108.0 114.0 121.0 116.0 132.0 126.0 1 1 1 1 158.0 152.0 176.0 168.0 5 5 5 5 9.5 9.9 8.5 8.9 .107 .107 .107 .107 1n6066 *1n6066a 1n6067 *1n6067a 105.0 110.0 121.0 128.0 117.0 124.0 135.0 143.0 143.0 137.0 165.0 158.0 1 1 1 1 191.0 182.0 223.0 213.0 5 5 5 5 7.8 8.2 6.7 7.0 .107 .107 .108 .108 1n6068 *1n6068a 1n6069 *1n6069a 137.0 145.0 145.0 150.0 153.0 162.0 162.0 171.0 187.0 179.0 198.0 189.0 1 1 1 1 258.0 245.0 274.0 261.0 5 5 5 5 5.8 6.1 5.5 5.7 .108 .108 .108 .108 1n6070 *1n6070a 1n6071 *1n6071a 155.0 160.0 165.0 170.0 171.0 181.0 180.0 190.0 210.0 200.0 220.0 210.0 1 1 1 1 292.0 278.0 308.0 294.0 5 5 5 5 5.1 5.4 4.9 5.1 .108 .108 .108 .108 1n6072 *1n6072a 175.0 185.0 198.0 209.0 242.0 231.0 1 1 344.0 328.0 5 5 4.3 4.6 .108 .108 * also available in military qualified types by addi ng the prefix jan, jantx or jantxv per mil-prf- 19500/507. note 1 : a tvs is normally selected according to the rated ?standoff voltage? v wm that should be equal to or greater than the dc or continuous peak opera ting voltage level. symbols & definitions symbol definition v wm standoff voltage: applied reverse voltage to assure a nonconductive conditio n. (see note 1 above.) v (br) breakdown voltage: this is the breakdow n voltage the device will exhibit at 25 o c v c maximum clamping voltage: the maximum peak vo ltage appearing across the tvs when subjected to the peak pulse current in a one millisecond time interval. the peak pulse voltage is the combination of voltage rise due to both the seri es resistance and thermal rise and positive temperature coefficient ( v(br) ) i pp peak pulse current: the peak current during the impulse (see figure 2) p pp peak pulse power: the pulse power as determined by the product of v c and i pp i d standby current: the current at the standoff voltage (v wm ) i (br) breakdown current: the current used for measuring breakdown voltage (v (br) )
technical data sheet 6 lake street, lawrence, ma 01841 1-800-446-1158 / (978) 620-2600 / fax: (978) 689-0803 website: http: //www.microsemi.com 1500 watt bidirectional transient voltage suppessor qualified per mil-prf-19500/507 t4-lds-0097 rev. 1 (082644) page 5 of 6 graphs pulse time (tp ) time (t) in milliseconds fig. 1 ? non-repetitive peak pulse power rating curve fig. 2 pulse wave form for exponential surge note: peak power defined as peak voltage times peak current fig. 3 steady-state power derating curve t a ambient temperature o c fig. 4 derating curve peak pulse power (p pp )inkw exponential wave-form (see fig. 2) square-wave pulse 100ns 1 steady-state power dissipation (watts) t l ? lead temperature pulse current (i p ) in percent of i pp peak pulse power (p pp ) or current (i p ) in percent of 25 o c rating peak value i pp pulse time duration (tp) is defined as that point where i p decays to 50% of p eak value (i pp ).
technical data sheet 6 lake street, lawrence, ma 01841 1-800-446-1158 / (978) 620-2600 / fax: (978) 689-0803 website: http: //www.microsemi.com 1500 watt bidirectional transient voltage suppessor qualified per mil-prf-19500/507 t4-lds-0097 rev. 1 (082644) page 6 of 6 package dimensions do-13 (do-202aa)


▲Up To Search▲   

 
Price & Availability of 1N6067TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X