Part Number Hot Search : 
BB731 CHN217 RFV5BM6S IDTQS UT3413 NCS6433 JAN7912K M22101F1
Product Description
Full Text Search
 

To Download TLMS2100-GS08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay semiconductors tlmb/g/o/p/s/y2100 document number 83199 rev. 1.7, 24-sep-07 www.vishay.com 1 standard mini smd led features ? smd leds with exceptional brightness ? luminous intensity categorized ? compatible with automatic placement equipment ? eia and ice standard package ? ir reflow soldering ? available in 8 mm tape ? low profile package ? non-diffused lens: exce llent for coupling to light pipes and backlighting ? low power consumption ? luminous intensity ratio in one packaging unit i vmax /i vmin 2.0, optional 1.6 ? lead (pb)-free device 19226 e3 description the new miniled series have been designed in a small white smt package. the feature of the device is the very small package 2.3 mm x 1.3 mm x 1.4 mm. the miniled is an obvious solution for small-scale, high-power products that are expected to work reliably in an arduous environment. this is often the case in automotive and industrial application of course. product group and package data ? product group: led ? package: smd miniled ? product series: standard ? angle of half intensity: 60 applications ? automotive: backlighting in dashboards and switches ? telecommunication: indicator and backlighting in telephone and fax ? indicator and backlight for audio and video equipment ? indicator and backlight in office equipment ? flat backlight for lcds , switches and symbols ? general use parts table part color, luminous intensity technology TLMS2100-GS08 red, i v = 7.5 mcd (typ.) gaasp on gap tlmo2100-gs08 soft orange, i v = 7.5 mcd (typ.) gaasp on gap tlmy2100-gs08 ye l l o w, i v = 7.5 mcd (typ.) gaasp on gap tlmg2100-gs08 green, i v = 10 mcd (typ.) gap on gap tlmp2100-gs08 pure green, i v = 2.2 mcd (typ.) gap on gap tlmb2100-gs08 blue, i v = 7 mcd (typ.) gan
www.vishay.com 2 document number 83199 rev. 1.7, 24-sep-07 vishay semiconductors tlmb/g/o/p/s/y2100 note: 1) t amb = 25 c, unless otherwise specified 2) driving the led in reverse direction is suitable for a short term application note: 1) t amb = 25 c, unless otherwise specified 2) driving the led in reverse direction is suitable for a short term application note: 1) t amb = 25 c, unless otherwise specified 2) in one packing unit i vmax /i vmin 2.0 absolute maximum ratings 1) tlms2100, tlmo2100, tlmy2100, tlmg2100, tlmp2100 parameter test condition symbol value unit reverse voltage 2) v r 6v dc forward current t amb 60 c i f 30 ma surge forward current t p 10 s i fsm 0.5 a power dissipation t amb 60 c p v 95 mw junction temperature t j 100 c operating temperature range t amb - 40 to + 100 c storage temperature range t stg - 40 to + 100 c soldering temperature according ipc 9501 t sd 245 c thermal resistance junction/ ambient mounted on pc board (pad size > 5 mm 2 ) r thja 480 k/w absolute maximum ratings 1) tlmb2100 parameter test condition symbol value unit reverse voltage 2) v r 5v dc forward current t amb 60 c i f 20 ma surge forward current t p 10 s i fsm 0.1 a power dissipation t amb 60 c p v 90 mw junction temperature t j 100 c operating temperature range t amb - 40 to + 100 c storage temperature range t stg - 40 to + 100 c soldering temperature according ipc 9501 t sd 245 c thermal resistance junction/ ambient mounted on pc board (pad size > 5 mm 2 ) r thja 480 k/w optical and electrical characteristics 1) tlms2100, red parameter test condition symbol min typ. max unit luminous intensity 2) i f = 10 ma i v 2.5 7.5 mcd dominant wavelength i f = 10 ma d 624 628 636 nm peak wavelength i f = 10 ma p 640 nm angle of half intensity i f = 10 ma ? 60 deg forward voltage i f = 20 ma v f 2.1 3.0 v reverse voltage i r = 10 a v r 615 v junction capacitance v r = 0, f = 1 mhz c j 15 pf
document number 83199 rev. 1.7, 24-sep-07 www.vishay.com 3 vishay semiconductors tlmb/g/o/p/s/y2100 note: 1) t amb = 25 c, unless otherwise specified 2) in one packing unit i vmax /i vmin 2.0 note: 1) t amb = 25 c, unless otherwise specified 2) in one packing unit i vmax /i vmin 2.0 note: 1) t amb = 25 c, unless otherwise specified 2) in one packing unit i vmax /i vmin 2.0 optical and electrical characteristics 1) tlmo2100, soft orange parameter test condition symbol min typ. max unit luminous intensity 2) i f = 10 ma i v 3.2 7.5 mcd dominant wavelength i f = 10 ma d 598 605 611 nm peak wavelength i f = 10 ma p 605 nm angle of half intensity i f = 10 ma ? 60 deg forward voltage i f = 20 ma v f 2.1 3 v reverse voltage i r = 10 a v r 615 v junction capacitance v r = 0, f = 1 mhz c j 15 pf optical and electrical characteristics 1) tlmy2100, yellow parameter test condition symbol min typ. max unit luminous intensity 2) i f = 10 ma i v 3.2 7.5 mcd dominant wavelength i f = 10 ma d 581 588 594 nm peak wavelength i f = 10 ma p 585 nm angle of half intensity i f = 10 ma ? 60 deg forward voltage i f = 20 ma v f 2.2 3 v reverse voltage i r = 10 a v r 615 v junction capacitance v r = 0, f = 1 mhz c j 15 pf optical and electrical characteristics 1) tlmg2100, green parameter test condition symbol min typ. max unit luminous intensity 2) i f = 10 ma i v 6.3 10 mcd dominant wavelength i f = 10 ma d 562 568 575 nm peak wavelength i f = 10 ma p 565 nm angle of half intensity i f = 10 ma ? 60 deg forward voltage i f = 20 ma v f 2.2 3.0 v reverse voltage i r = 10 a v r 615 v junction capacitance v r = 0, f = 1 mhz c j 15 pf
www.vishay.com 4 document number 83199 rev. 1.7, 24-sep-07 vishay semiconductors tlmb/g/o/p/s/y2100 note: 1) t amb = 25 c, unless otherwise specified 2) in one packing unit i vmax /i vmin 2.0 note: 1) t amb = 25 c, unless otherwise specified 2) in one packing unit i vmax /i vmin 2.0 typical characteristics t amb = 25 c, unless otherwise specified optical and electrical characteristics 1) tlmp2100, pure green parameter test condition symbol min typ. max unit luminous intensity 2) i f = 10 ma i v 1.0 2.2 mcd dominant wavelength i f = 10 ma d 555 560 565 nm peak wavelength i f = 10 ma p 555 nm angle of half intensity i f = 10 ma ? 60 deg forward voltage i f = 20 ma v f 2.4 3 v reverse voltage i r = 10 a v r 615 v junction capacitance v r = 0, f = 1 mhz c j 15 pf optical and electrical characteristics 1) tlmb2100, blue parameter test condition symbol min typ. max unit luminous intensity 2) i f = 10 ma i v 4.0 7.0 mcd dominant wavelength i f = 10 ma d 465 nm peak wavelength i f = 10 ma p 428 nm angle of half intensity i f = 10 ma ? 60 deg forward voltage i f = 20 ma v f 3.9 4.5 v reverse voltage i r = 10 a v r 5.0 v figure 1. power dissipation vs. ambient temperature 0 20 40 60 8 0 100 120 0 204060 8 0 100 t am b - am b ient temperat u re (c) 1 8 023 p - po w er dissipation (m w ) v b l u e red, soft orange, yello w , green, p u re green figure 2. forward current vs. ambient temperature 0 5 10 15 20 25 30 35 40 0 10203040506070 8 0 90 100 t am b - am b ient temperat u re (c) 1 8 024 i- for w ard c u rrent (ma) f b l u e red, soft orange, yello w , green, p u re green
document number 83199 rev. 1.7, 24-sep-07 www.vishay.com 5 vishay semiconductors tlmb/g/o/p/s/y2100 package dimensions in millimeters figure 3. rel. luminous intensity vs. angular displacement 0.4 0.2 0 0.2 0.4 0.6 95 10319 0.6 0.9 0. 8 0 30 10 20 40 50 60 70 8 0 0.7 1.0 i v rel - relati v e l u mino u s intensity 16 8 92
www.vishay.com 6 document number 83199 rev. 1.7, 24-sep-07 vishay semiconductors tlmb/g/o/p/s/y2100 reel dimensions in millimeters 1693 8
document number 83199 rev. 1.7, 24-sep-07 www.vishay.com 7 vishay semiconductors tlmb/g/o/p/s/y2100 tape dimensions in millimeters leader and trailer in millimeters gs08 = 3000 pcs 16939 trailer leader no de v ices no de v ices min. 200 min. 400 start end de v ices 96 11 8 1 8
www.vishay.com 8 document number 83199 rev. 1.7, 24-sep-07 vishay semiconductors tlmb/g/o/p/s/y2100 cover tape peel strength according to din en 60286-3 0.1 to 1.3 n 300 10 mm/min 165 - 180 peel angle label standard bar code labels for finished goods the standard bar code labels are product labels and used for identification of goods. the finished goods are packed in final packing area. the standard packing units are labeled with standard bar code labels before transported as finished goods to warehouses. the labels are on each packing unit and contain vishay semiconductor gmbh specific data. vishay semiconductor gmbh standard bar code product label (finished goods) plain writting abbreviation length item-description - 18 item-number ino 8 selection-code sel 3 lot-/serial-number batch 10 data-code cod 3 (yww) plant-code ptc 2 quantity qty 8 accepted by: acc - packed by: pck - mixed code indicator mixed code - origin xxxxxxx + company logo long bar code top type length item-number n 8 plant-code n 2 sequence-number x 3 quantity n 8 total length - 21 short bar code bottom type length selection-code x 3 data-code n 3 batch-number x 10 filter - 1 total length - 17
document number 83199 rev. 1.7, 24-sep-07 www.vishay.com 9 vishay semiconductors tlmb/g/o/p/s/y2100 dry packing the reel is packed in an anti-humidity bag to protect the devices from absorbing moisture during transportation and storage. final packing the sealed reel is packed into a cardboard box. a secondary cardboard box is used for shipping purposes. recommended method of storage dry box storage is recommended as soon as the aluminum bag has been opened to prevent moisture absorption. the following conditions should be observed, if dry boxes are not available: ? storage temperature 10 c to 30 c ? storage humidity 60 % rh max. after more than 1 year under these conditions moisture content will be too high for reflow soldering. in case of moisture absorp tion, the devices will recover to the former condition by drying under the following condition: 192 h at 40 c + 5 c/- 0 c and < 5 % rh (dry air/ nitrogen) or 96 h at 60 c + 5 c and < 5 % rh for all device containers or 24 h at 100 c + 5 c not suitable for reel or tubes. an eia jedec standard jesd22-a112 level 2 label is included on all dry bags. example of jesd22-a112 level 2 label esd precaution proper storage and handling procedures should be followed to prevent esd damage to the devices especially when they are removed from the antistatic shielding bag. electro-static sensitive devices warning labels are on the packaging. vishay semiconductors standard bar code labels the vishay semiconductors standard bar code labels are printed at final packing areas. the labels are on each packing unit and contain vishay semiconductors specific data. al u min u m b ag la b el reel 15973 1702 8
www.vishay.com 10 document number 83199 rev. 1.7, 24-sep-07 vishay semiconductors tlmb/g/o/p/s/y2100 ozone depleting substa nces policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employee s and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (odss). the montreal protocol (1987) and its london amendments (1990) intend to severely restrict the use of odss and forbid their use within the next ten years. various national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its po licy of continuous improvements to eliminate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively 2. class i and ii ozone depleting substances in the cle an air act amendments of 1990 by the environmental protection agency (epa) in the usa 3. council decision 88/540/eec and 91/690/eec annex a, b and c (transitional substances) respectively. vishay semiconductor gmbh can certify that our semi conductors are not manufactured with ozone depleting substances and do not co ntain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating parameters must be validated for each customer application by the customer. should the buyer use vishay semiconductors products for any unintended or unauthorized application, the buyer shall indemnify vishay semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of TLMS2100-GS08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X