Part Number Hot Search : 
8QY2ACP 74HC66 P6KE6 14516 4C44A MAA723 2L64164A 25VF04
Product Description
Full Text Search
 

To Download SS360PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SS360PT/ss460p high sensitivity latching digital hall-effect sensor ics with built-in pull-up resistor description the SS360PT/ss460p high sensitivity latching hall-effect sensor ics with built-in pull-up resistor are small, sensitive and versatile devices that are operated by the magnetic feld from a permanent magnet or an electromagnet. they are designed to respond to alternating north and south poles. the SS360PT is activated by a north pole while the ss460p is activated by a south pole. the SS360PT/ss460p offers reliable switching points with a high magnetic sensitivity of 30 g typical (55 g maximum). this sensor ic does not use chopper stabilization on the hall element, providing a clean output signal and a faster latch response time when compared to competitive high sensitivity hall-effect bipolar latching sensor ics which do use chopper stabilization. the internal pull-up resistor often eliminates the need for external components, helping to reduce the system cost. these high- performance yet economical sensor ics are well suited for demanding, cost-sensitive high-volume applications. these products offer reverse polarity protection, deliver a stable output over a -40 c to 125 c [-40 f to 257 f] temperature range, and can accept a dc supply voltage from 3 vdc up to 24 vdc (see specifcations below for details). for brushless dc motor manufacturers that need latching sensors with reliable, consistent performance for more efficient and smaller designs, honeywells new family of high sensitivity hall- effect latching sensor ics with built-in pull-up resistor responds to low magnetic felds and offers repeatable operation while delivering faster response times to a change in magnetic feld for better motor efficiency. these hall-effect devices are available in two package styles: the SS360PT in the miniature sot-23 surface mount package and the ss460p in the leaded, fat to-92-style package. the SS360PT is supplied on tape and reel (3000 units per reel). the ss460p is available in a bulk package (1000 units per bag). features and benefits ? f astest response time in its class: provides more efficiency in commutating a brushless dc motor ? no chopper stabilization: results in a clean output signal ? high sensitivity: operates from only 30 gauss typical, at 25 c [77 f] and 55 gauss maximum over the full -40 c to 125 c [-40 f to 257 f] temperature range, allowing for the use of smaller, magnets or a wider air gap ? internal pull-up hall ic design: simplifes installation and helps reduce component count and system cost ? bipolar latching magnetics: makes these products well- suited for accurate speed sensing and rpm (revolutions per minute) measurement ? sub-miniature, sot-23 surface mount package (SS360PT) supplied on tape and reel: allows for compact design with automated component placement ? small, leaded, fat to-92-style package (ss460p): allows for a compact pc board layout ? wide operating voltage range of 3 vdc to 24 vdc: allows for potential use in a wide range of applications ? built-in reverse voltage capability: enhances the protection of the sensor and the circuits ? robust design: allows operation up to 125 c [257 f] ? rohs-compliant material meets directive 2002/95
2 honeywell ? sensing and control ale ss3ss4 erorane seiations t 3 d to 24 d sly 2 load a upup fdfuifsfpuifstftfdfe characteristic poeupo min. .b unit supply voltage: SS360PT SS360PT ss460p -40 c to 110 c [-40 f to 230 f] 125 c [257 f] -40 c to 125 c [-40 f to 257 f] 3 3 3 C C C 24 16 24 vdc supply current v supply = 3 v at 25 c [77 f] C C C 3.5 C 6 10 ma vsat gauss >55 C C 0.6 v output leakage current gauss >55 C C 10 a internal pull-up resistor C 7. 5 10.0 12.5 kohm rise/fall time v supply = 12 v at 25 c [77 f] C C 1. 5 s thermal resistance: SS360PT (sot-23) ss460p (fat to-92-style) C C C C 303 233 C C c/w operate -40 c to 125 c [-40 f to 257 f] 5 30 55 gauss release -40 c to 125 c [-40 f to 257 f] -55 -30 -5 gauss differential -40 c to 125 c [-40 f to 257 f] 40 60 80 gauss operating temperature v supply = 3 vdc to 24 vdc -40 [-40] C 125 [257] c [f] storage temperature: SS360PT ss460p C C -40 [-40] -40 [-40] C C 150 [302] 165 [329] c [f] potential applications i oetusbmpnnfsdbm ? brushless dc motor commutation for white goods and other appliances ? flow-rate sensing ? speed and rpm sensing ? tachometer, counter pickup ? motor and fan control notice bipolar hall-effect sensor ics may have an initial output in either the on or off state if powered up with an applied magnetic feld in the differential zone (applied magnetic feld >brp and SS360PT/ss460p
honeywell ? sensing and control 3 south p ole t owa rd ic: output = high n s nor th p ole t owa rd ic: output = lo w s n s n n s nor th p ole t owa rd ic: output = high south p ole t owa rd ic: output = lo w label side label side sffotpsmpdlbsbn sfdbm.bofudibsbdufstudttncfoufnfsbusfbu mpmubft sf.bofuddubupo programming circuit esd clamp comparator v s gnd out v reg hall esd clam p current sinking output + + amplifier + rpull-u p 10 k 4415 441 'jhvsf4415.byjnvn3bufe4vqqmz 7pmubhfwt5fnqfsbuvsf high sensitivity latching hall-effect sensor ics with built-in pull-up resistor
4 honeywell ? sensing and control sf1.pouoboebfffmnfotpotpssffsfodfpomnno sf1.pouonfotpotpssffsfodfpomnno 2, 5 [0.100] 1, 6 [0.062 ] 3x 0, 3 [0.015 ] 0,76 [0.03] 4, 1 [0.161 ] 2x 1, 3 [0.050 ] 3x 0,43 [0.017 ] 3x 0,38 [0.015 ] 3. 0 [0.118] gnd vs out 14,6 1 [0.575 ] 1 6 1,83 [0.072 ] 0,46 [0.018 ] nominal to ic sensing surface nominal ic center   >   @   >   @ 1,45 [0.057] 1,20 [0.047] 6 1 0,787 [0.031 ] 0,413 [0.016 ] 0,77 [0.030 ] nominal to ic sensing surface 3 gnd (-) 2,90 [0.114] 1 vcc (+) 2 output 3x 0,50 [0.20] 1,90 [0.075 ] 0,95 [0.037 ] nominal ic center 0,60 [0.024] tape reel SS360PT/ss460p
warranty honeywell warrants goods of its manufacture as being free of defective materials and faulty workmanship. honeywells standard product warranty applies unless agreed to otherwise by honeywell in writing; please refer to your order acknowledgement or consult your local sales office for specifc warranty details. if warranted goods are returned to honeywell during the period of coverage, honeywell will repair or replace, at its option, without charge those items it fnds defective. the foregoing is buyers sole remedy and is in lieu of all warranties, expressed or implied, including those of merchantability and ftness for a particular purpose. in no event shall honeywell be liable for consequential, special, or indirect damages. while we provide application assistance personally, through our literature and the honeywell web site, it is up to the customer to determine the suitability of the product in the application. specifcations may change without notice. the information we supply is believed to be accurate and reliable as of this printing. however, we assume no responsibility for its use. warning personal injury do not use these products as safety or emergency stop devices or in any other application where failure of the product could result in personal injury. failure to comply with these instructions could result in death or serious injury. s ales and service honeywell serves its customers through a worldwide network of sales offices, representatives and distributors. for application assistance, current specifcations, pricing or name of the nearest authorized distributor, contact your local sales office or: e-mail: info.sc@honeywell.com internet: sensing.honeywell.com phone and fax: asia pacifc +65 6355-2828 +65 6445-3033 fax europe +44 (0) 1698 481481 +44 (0) 1698 481676 fax latin america +1-305-805-8188 +1-305-883-8257 fax usa/canada +1-800-537-6945 +1-815-235-6847 +1-815-235-6545 fax order guide catalog listing description SS360PT high sensitivity latching, digital hall-effect sensor ic with built-in pull-up resistor, north pole activated, sot-23 package, tape and reel packaging (3000 units per reel) ss460p high sensitivity latching, digital hall-effect sensor ic with built-in pull-up resistor, south pole activated, fat to-92-style package, bulk packaging (1000 units per bag) warning misuse of documentation r the information presented in this datasheet is for reference only. do not use this document as product installation information. r pnmfuf otubmmbupo pfsbupoboe nboufobodf information is provided in the instructions supplied with each product. failure to comply with these instructions could result in death or serious injury. 009560-1-en september 2013 copyright ? 2013 honeywell international inc. all rights reserved. sensing and control honeywell 1985 douglas drive north golden valley, mn 55422 usa sensing.honeywell.com


▲Up To Search▲   

 
Price & Availability of SS360PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X