Part Number Hot Search : 
HD74HC09 STD1NK60 EE08313 NUP4201 3055E 2N577001 DF8L60US PSR05LC
Product Description
Full Text Search
 

To Download P5100A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  passive high-voltage probes P5100A ? tpp0850 ? p5122 ? p515 0 ? p6015a datasheet P5100A features & bene ts P5100A dc to 500 mhz 2500 v peak ,1000v rms cat ii 100x with readout coding ul3111-1, en61010-1, iec61010-2-031, csa1010.1, csa1010.2.031 7 to 30 pf compensation range tpp0850 dc to 800 mhz 2500 v peak ,1000v rms cat ii 50x with readout coding designed for use with the mso/dpo5000 and mso/dpo4000b series oscil loscopes p5122 for tps2000 and ths3000 series oscilloscopes dc to 200 mhz 1000 v rms cat ii when dc-coupled* 1 floatable up to 600 v rms cat ii 100x iec61010-031 p5150 for tps2000 and ths3000 series oscilloscopes dc to 500 mhz 2500 v peak , 1000 v rms cat ii floatable up to 600 v rms cat ii or 300 v rms cat iii preferred probe for ripple measurements 50x 10 to 25 pf compensation range ul61010b-2-031, en61010-2-031, ie c61010-2-031, csa61010.2.031 p6015a highvoltage?20kvdc/40kvpeak(100mspulsewidth) highbandwidth?dcto75mhz silicone dielectric optional 1000x readout coding wide compensation range (7 to 49 pf) he avy-duty versatile ground lead and alligator clip
datasheet applications power supply design design motor drive electronic ballast power semiconductors switch mode control ups systems power converters * 1 the p5122 probe should not be used on the tps2000 series oscilloscopes for ac-coupled measurements on signals with greater than 300 v dc offset. the p5150 is the recommended probe for measuring ripple on high-voltage dc supplies. P5100A high-voltage probe the P5100A is a low input capacitance high-voltage probe (2.5 kv) designed for higher-frequency applications. the probe can be compensated to match plug-ins and oscilloscopes with nominal input capacitances of 7-30 pf. a variety of screw-on accessories provide easy connection to the device-under-test. tpp0850 high-voltage probe the tpp0850 offers the industry?s highest bandwidth probe (800 mhz) for high-voltage signals (up to 2500 v p-p ). this is ideal for testing power semiconductors and switch-mode power supplies, which continue to increase in switching speed to minimize power loss, creating a need for faster rise time, higher bandwidth, and higher voltage probes. the tpp0850 meets this need and can be used with switching transistor circuits operating at 1200 v rms , above the voltage operating range of standard general-purpose probes. it will also be able to accommodate emerging power applications that will require even faster rise time capabilities. p5150 and p5122 isolatedchannel? applications in many applications, it is important to be able to isolate the measurement from earth ground and also to isolate the common voltage between tpp0850 channels. the p5150 or p5122, coupled with the tps2000 and ths3000 series digital storage oscilloscopes, deliver both the isolation for the measurement from earth ground and full isolation between the channels. the p5150 is the recommended probe for measuring ripple on high-voltage dc supplies. the p5122 probe should not be used on the tps2000 se ries oscilloscopes for ac-coupled measurements on signals with greater than 300 v dc offset. p6015a high-voltage probe for heavy-duty high-performance measurements of voltages over 2.5 kv, the p6015a is the industry standard. you can measure dc voltages up to 20 kv rms and pulses up to 40 kv (peak, 100 ms duration). the 75 mhz bandwidth enables you to capture fast, high-voltage signals. the p6015 a uses an environmentally safe silicone compound for a dielectric and never needs re lling. other features include: a 7-49 pf compensation range, small compensation box that ts on adjacent ampli er inputs, and a readout option for use with most tektronix digital scopes. with the readout option, displayed voltage amplitude values will be the actual signal value rather than understated by a factor of 1,000. note : using the readout version with other than tektronix digital scopes may result in an erroneous readout display. 2 www.tektronix.com
passive high-voltage probes ? P5100A ? tpp0850 ? p5122 ? p5150 ? p6015a characteristics P5100A/tpp08 50/p5122/p5150/p6015a probe nominal length attenuation bandwidth rise time (typical) loading max. input v dc or rms max. float v comp. range in pf readout P5100A 2 m 100x 500 mhz <700 ps 40 m ? /2.5pf 2.5 kv peak 1000 v rms cat ii n/a 7to30 yes tpp0850 1.3 m 50x 800 mhz <525 ps 40 m ? /1.8pf 2.5 kv peak 1000 v rms cat ii n/a n/a yes p5122 1.2 m 100x 200 mhz 2.2 ns 100 m ? / 4.0 pf 1000 v rms cat ii 600 v rms cat ii 10 to 22 no p5150 2 m 50x 500 mhz <700 ps 40 m ? /3.8pf 2.5 kv peak 1000 v rms cat ii 600 v rms cat ii, 300 v rms cat iii 10 to 25 no p6015a 3 m 1000x 75 mhz 4.0 ns 100 m ? /3p f 20 kv n/a 7to49 no p6015a opt. 1r 3 m 1000x 75 mhz 4.0 ns 100 m ? /3p f 20 kv n/a 7to49 yes ordering information P5100A/tpp0850 high-voltage probes. includes : large hook tip (013-0384-xx), small hook tip (013-0386-xx), 6 in. ground lead (196-3524-xx), 18 in. ground lead (196-3525-xx), ground spring (214-5298-xx), crocodile clip (344-0461-xx), adjustment tool (003-1433-xx), color bands (016-1886-xx). recommended accessories accessory description 013-0291-xx probe tip to bnc adapter 206-0060-xx 0.080 in. diameter spring tip p5122 100x, high-voltage probe for tps2 000 and ths3000 series oscilloscopes. includes : large retractable hook tip, lead with hook tip, lead with crocodile clip, adjustment tool, instruction manual. p5150 50x, high-voltage probe for tps2000 and ths3000 series oscilloscopes. includes : large hook tip (013-0389-xx), small hook tip (013-0388-xx), 6 in. ground lead (196-3526-xx), 18 in. ground lead (196-3527-xx), common spring (214-5299-xx), crocodile clip (344-0461-xx), color bands (016-1886-xx), adjustment tool (003-1433-xx). recommended accessories for p5150 see P5100A/tpp0850 recommended accessories. p6015a 1000x, 3-meter high-voltage probe. includes : hook probe tip (206-0463-xx); banana plug tip (134-0016-xx); crocodile clip ? plugs onto ground lead (344-0461-xx); ground lead (196-3363-xx); carrying case (016-1147-xx); instruction manual (070-8223-xx). options (p6015a only) option description opt. 1r 3-meter length with readout service (p6015a only) option description opt. c3 calibration service 3 years opt. c5 calibration service 5 years opt. d1 calibration data report opt. d3 calibration data report 3 years (with opt. c3) opt. d5 calibration data report 5 years (with opt. c5) opt. r3 repair service 3 years opt. r5 repair service 5 years opt. silv200 standard warranty extended to 5 years (tpp0850) opt. silv600 standard warranty extended to 5 years (p6015a) tektronix is registered to iso 9001 and iso 14001 by sri quality system registrar. www.tektronix.com 3
datasheet contact tektronix: asean / australa sia (65) 6356 3900 austria 00800 2255 4835* balkans, israel, south africa and other ise countries +41 52 675 3777 belgium 00800 22 55 4835* brazil +55(11)37597627 canada 1 800 833 9200 central east eu rope and the baltics +41526753777 central europe & greece +41 52 675 3777 denmark +4580881401 finland +41526 75 3777 france 00800 2255 4835* germany 00800 2255 4835* hong kong 400 8 20 5835 india 000 800 650 1835 italy 00800 2255 4835* japan 81 (3) 67 14 3010 luxembourg +41526753777 mexico, central/south america & caribbean 52 (55) 56 04 50 90 middle east, asia, and north africa +41 52 675 3777 the netherlands 00800 2255 4835* norway 800 16098 people?s rep ublic of china 400 820 5835 poland +41 52 675 3777 portugal 80 08 12370 republic of korea 001 800 8255 2835 russia & cis +7 (495) 7484900 south africa +41526753777 spain 00800 2255 4835* sweden 00800 2255 4835* switzerland 00800 2255 4835* taiwan 886 ( 2) 2722 9622 united kingdom & ireland 00800 2255 4835* usa 1 800 833 9200 * european toll-free number. if not accessible, call: +41 52 675 3777 updated 10 february 2011 for further information. tektronix maintains a comprehensive, constantly expanding collection of application notes, technical bri efs and other resources to help engineers working on the cutting edge of technology. please visit www.tektronix.com copyrigh t ? tektronix, inc. all rights reserved. tektroni x products are covered by u.s. and foreign patents, issued an d pending. information in this publication supersedes that in all previously published material. speci ca tion and price change privileges reserved. tektronix and tek are registered trademarks of tektroni x, inc. all other trade names referenced are the service marks, trademarks, or registered trademarks of their r espective companies. 26 jul 2012 56w-10262-10 www.tektronix.com


▲Up To Search▲   

 
Price & Availability of P5100A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X