Part Number Hot Search : 
CLM600 ISPLSI KVF20 74HCT240 5KP24CA N2907A NRF24E2 T40HF20
Product Description
Full Text Search
 

To Download MMBT2222A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MMBT2222A vishay semiconductors formerly general semiconductor document number 88222 www.vishay.com 10-may-02 1 new product small signal transistor (npn) features ?npn silicon epitaxial planar transistor for switching and amplifier applications. ?this transistor is also available in the to-92 case with the type designation mps2222a. maximum ratings & thermal characteristics ratings at 25 c ambient temperature unless otherwise specified. parameter symbol value unit collector-base voltage v cbo 75 v collector-emitter voltage v ceo 40 v emitter-base voltage v ebo 6.0 v collector current i c 600 ma power dissipation on fr-5 board (1) t a = 25 c p tot 225 mw derate above 25 c 1.8 mw/ c power dissipation on alumina substrate (2) t a = 25 c p tot 300 mw derate above 25 c 2.4 mw/ c thermal resistance junction fr-5 board r ja 556 c/w to ambient air alumina substrate 417 junction temperature t j 150 c storage temperature range t s 55 to +150 c notes: (1) fr-5 = 1.0 x 0.75 x 0.062 in. (2) alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina. mechanical data case: sot-23 plastic package weight: approx. 0.008g marking code: 1p packaging codes/options: e8/10k per 13 reel (8mm tape), 30k/box e9/3k per 7 reel (8mm tape), 30k/box .016 (0.4) .056 (1.43 ) .037(0.95) .037(0.95) max. .004 (0.1) .122 (3.1) .016 (0.4) .016 (0.4) 1 2 3 top view .102 (2.6) .007 (0.175) .045 (1.15) .110 (2.8) .052 (1.33 ) .005 (0.125) .094 (2.4) .037 (0.95) to-236ab (sot-23) dimensions in inches and (millimeters) pin configuration 1 = base 2 = emitter 3 = collector 0.079 (2.0) 0.037 (0.95) 0.035 (0.9) 0.031 (0.8) 0.037 (0.95) mounting pad layout
MMBT2222A vishay semiconductors formerly general semiconductor www.vishay.com document number 88222 2 10-may-02 electrical characteristics (t j = 25 c unless otherwise noted) parameter symbol test condition min typ max unit v ce = 10 v, i c = 0.1 ma 35 v ce = 10 v, i c = 1 ma 50 v ce = 10 v, i c = 10 ma 75 dc current gain h fe v ce = 10 v, i c = 10 ma 35 t a = -55 c v ce = 10 v, i c = 150 ma (1) 100 300 v ce = 10 v, i c = 500 ma (1) 40 v ce = 1.0 v, i c = 150 ma (1) 50 collector-base breakdown voltage v (br)cbo i c = 10 a, i e = 0 75 v collector-emitter breakdown voltage (1) v (br)ceo i c = 10 ma, i b = 0 40 v emitter-base breakdown voltage v (br)ebo i c = 10 a, i c = 0 6.0 v collector-emitter saturation voltage (1) v cesat i c = 150 ma, i b = 15 ma 0.3 v i c = 500 ma, i b = 50 ma 1.0 base-emitter saturation voltage (1) v besat i c = 150 ma, i b = 15 ma 0.6 1.2 v i c = 500 ma, i b = 50 ma 2.0 collector cut-off current i cex v eb = 3 v, v ce = 60 v 10 na v cb = 60 v, i e = 0 10 na collector cut-off current i cbo v cb = 50 v, i e = 0 v 10 a t a = 125 c base cut-off current i bl v eb = 3 v, v ce = 60 v 20 na emitter cut-off current i ebo v eb = 3 v dc , i c = 0 100 na current gain-bandwidth product f t v ce = 20 v, i c = 20 ma 300 mhz f = 100 mhz output capacitance c obo v cb = 10 v, f = 1 mhz, i e = 0 8pf input capacitance c ibo v eb = 0.5 v, f = 1 mhz, i c = 0 25 pf noise figure nf v ce =10v, i c = 100 a, 4.0 db r s =1 k ? , f = 1 khz v ce = 10 v, i c = 1 ma 2 8.0 input impedance h ie f = 1 khz k ? v ce = 10 v, i c = 10 ma 0.25 1.25 f = 1 khz v ce = 10 v, i c = 1 ma, 50 300 small signal current gain h fe f = 1 khz v ce = 10 v, i c = 10 ma, 75 375 f = 1 khz voltage feedback ratio h re v ce = 10 v, i c = 1 ma, 50 300 f = 1 khz 75 375 v ce = 10 v, i c = 1 ma, 5.0 35 output admittance h oe f = 1 khz s v ce = 10 v, i c = 10 ma, 25 200 f = 1 khz note: (1) pulse test: pulse width 300 s - duty cycle 2%
MMBT2222A vishay semiconductors formerly general semiconductor document number 88222 www.vishay.com 10-may-02 3 electrical characteristics (t j = 25 c unless otherwise noted) parameter symbol test condition min typ max unit collector base time constant r b c c i e = 20 ma, v cb = 20 v, 150 ps f = 31.8 mhz delay time (see fig. 1) t d i b1 = 15 ma, i c = 150 ma, 10 ns v cc = 30v, v be = -0.5 v rise time (see fig. 1) t r i b1 = 15 ma, i c = 150 ma, 25 ns v cc = 30v, v be = -0.5 v storage time (see fig. 2) t s i b1 = i b2 = 15 ma, 225 ns i c = 150 ma, v cc = 30v fall time (see fig. 2) t f i b1 = i b2 = 15 ma, 60 ns i c = 150 ma, v cc = 30v < 2 ns 0 c * < 10 pf s 200 ? 1.0 to 100 s, duty cycle 2% +30v +16 v -2 v 1k ? scope rise time < 4ns *total shunt capacitance of test jig, connectors and oscilloscope switching time equivalent test circuit figure 1. turn-on time figure 2. turn-off time 200 ? +30v -4 v c < 10 pf s * 1.0 to 100 s, duty cycle 2% 1k ? < 20 ns 0 +16 v -14 v


▲Up To Search▲   

 
Price & Availability of MMBT2222A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X