Part Number Hot Search : 
3843ADM MAX1683 MAX1683 144912 SB110 D114212B L4812CV 93000
Product Description
Full Text Search
 

To Download MM1221 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mitsumi 2-input 1-output video switch (w/75 ? driver)/3-input 1-output video switch (w/75 ? driver) MM1221~1228 2-input 1-output video switch (w/75 ? driver)/3-input 1-output video switch (w/75 ? driver) monolithic ic MM1221~mm1228 outline these ics are high-end video switch ics with 2-input 1-output or 3-input 1-output including a 75 ? driver. the series includes those with and without a built-in clamp circuit and a 6db amp. the circuit configuration table and block diagram are shown below. mm1228 is introduced as a representative model in this document. MM1221~mm1228 series circuit configuration table MM1221~mm1228 input/output voltage measurement values (typ.) model name # of inputs # of outputs 6db amp circuit clamp circuit power supply voltage range MM1221 21 no no 8~13v mm1222 21 yes no 8~13v mm1223 31 no no 8~13v mm1224 31 yes no 8~13v mm1225 21 no yes 4.7~13v mm1226 21 yes yes 4.7~13v mm1227 31 no yes 4.7~13v mm1228 31 yes yes 4.7~13v model name power supply 5v 9v 12v unit voltage MM1221 input voltage 4.53 6.05 v output voltage 4.5 6.1 v mm1222 input voltage 4.05 5.4 v output voltage 5.34 7.12 v mm1223 input voltage 4.53 6.05 v output voltage 4.5 6.1 v mm1224 input voltage 4.05 5.4 v output voltage 5.34 7.12 v mm1225 input voltage 1.27 2.17 2.86 v output voltage 1.31 2.25 2.96 v mm1226 input voltage 1.3 2.2 2.9 v output voltage 1.4 2.23 2.88 v mm1227 input voltage 1.27 2.17 2.86 v output voltage 1.31 2.25 2.96 v mm1228 input voltage 1.3 2.2 2.9 v output voltage 1.4 2.23 2.88 v november 2, 2001
mitsumi 2-input 1-output video switch (w/75 ? driver)/3-input 1-output video switch (w/75 ? driver) MM1221~1228 control input truth table control input truth table sw1 sw2 out ll in1 hl in2 l/h h in3 sw1 sw2 out ll in1 hl in2 l/h h in3 block diagram (MM1221~mm1228) sw out l in1 h in2 control input truth table sw out l in1 h in2 control input truth table
mitsumi 2-input 1-output video switch (w/75 ? driver)/3-input 1-output video switch (w/75 ? driver) MM1221~1228 control input truth table control input truth table sw1 sw2 out ll in1 hl in2 l/h h in3 sw1 sw2 out ll in1 hl in2 l/h h in3 control input truth table sw out l in1 h in2 control input truth table sw out l in1 h in2
mitsumi 2-input 1-output video switch (w/75 ? driver)/3-input 1-output video switch (w/75 ? driver) MM1221~1228 introduction of main model 3-input 1-output video switch (with 75 ? driver, clamp and 6db amp) monolithic ic mm1228 outline this is a high performance 3-input 1-output video switch ic with 6db amp, clamp and 75 ? driver circuits. 1v p-p video signals can be output externally with 75 ? output. features 1. built-in 75 ? driver circuit 2. built-in 6db amp 3. built-in clamp circuit 4. models in the MM1221~mm1228 series without a clamp circuit can support audio or chroma circuits 5. mute operation possible 6. wide operating supply voltage range 4.7~13v 7. low current consumption 8. wideband frequency response 7mhz at 0db 9. crosstalk - 64db (4.43mhz) packages sop-8c (mm1228xf) applications 1. tv 2. vcr 3. video cameras 4. other video equipment block diagram sw1 sw2 out ll in1 hl in2 l/h h in3 control input truth table november 2, 2001
mitsumi 2-input 1-output video switch (w/75 ? driver)/3-input 1-output video switch (w/75 ? driver) MM1221~1228 pin description pin no. pin name function internal equivalent circuit diagram 1 in1 input 3 in2 5 in3 2 sw1 switch 4 sw2 7 out output 6 v cc power supply 8 gnd ground
mitsumi 2-input 1-output video switch (w/75 ? driver)/3-input 1-output video switch (w/75 ? driver) MM1221~1228 measuring circuit absolute maximum ratings (ta=25c) item symbol ratings units storage temperature t stg - 40~+125 c operating temperature t opr - 20~+75 c power supply voltage v cc 15 v allowable loss pd 300 mw electrical characteristics (except where noted otherwise, ta=25c, v cc =5.0v) item symbol measurement conditions min. typ. max. units operating power supply voltage range v cc 4.7 13.0 v consumption current id refer to measuring circuit 8.4 10.9 ma voltage gain g v refer to measuring circuit +5.5 +6.0 +6.5 db frequency characteristic f c refer to measuring circuit - 10+1db differential gain dg refer to measuring circuit 0 3 % differential phase dp refer to measuring circuit 0 3 deg output offset voltage voff refer to measuring circuit ?0 mv crosstalk c t refer to measuring circuit - 64 - 54 db sw1 input voltage h v ih 1 refer to measuring circuit 2.1 v sw1 input voltage l v il 1 refer to measuring circuit 0.7 v sw2 input voltage h v ih 2 refer to measuring circuit 2.1 v sw2 input voltage l v il 2 refer to measuring circuit 0.7 v
mitsumi 2-input 1-output video switch (w/75 ? driver)/3-input 1-output video switch (w/75 ? driver) MM1221~1228 measuring procedures (v cc =5.0v, vc1=v cc , vc2=0v) item symbol switch state measuring procedure s1 s2 s3 s4 s5 consumption id 22222 current 12222 voltage gain gv 21212 22111 22121 12222 frequency f c 21212 characteristic 22111 22121 12222 differential gain dg 21212 22111 22121 12222 differential phase dp 21212 22111 22121 22222 output offset voff 22212 voltage 22211 12212 12221 12211 crosstalk c t 21222 21221 21211 22122 22112 22212 switch 1 input v ih 1 voltage h switch 1 input v il 1 voltage l 22221 switch 2 input v ih 2 voltage h switch 2 input v il 2 voltage l connect a dc ammeter to the v cc pin and measure. the ammeter is shorted for use in subsequent measurements. input a 1.0v p - p , 100khz sine wave to sg, and obtain g v from the following formula given tp1 voltage as v1 and tp3 voltage as v2. g v =20log (v2/v1) db for the above g v measurement, given tp3 voltage for 7mhz as v3, f c is obtained from the following formula. f c =20log (v3/v2) db input a 1.0v p - p staircase wave to sg, and measure differential gain at tp4. apl=10~90% proceed as for dg, and measure differential phase. measure the dc voltage difference of each switch status at tp2. assume vc1=2.1v, vc2=0.7v. input a 1.0v p - p , 4.43mhz sine wave to sg, and given tp1 voltage as v4 and tp3 voltage as v5, c t is obtained from the following formula. c t =20log (v5/v4) db impress an optional dc voltage on tp7 and tp8. gradually raise from vc1=0v. tp5 voltage when tp8 voltage is output on tp2 is v ih 1. gradually lower from vc1=v cc . tp5 voltage when tp7 voltage is output on tp2 is v il 1. impress an optional dc voltage on tp7 and tp9. gradually raise from vc1=0v. tp5 voltage when tp9 voltage is output on tp2 is v ih 2. gradually lower from vc1=v cc . tp6 voltage when tp7 voltage is output on tp2 is v il 2.


▲Up To Search▲   

 
Price & Availability of MM1221

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X